Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB081D Datasheet(PDF) 25 Page - Analog Devices

Part # AT45DB081D
Description  8-megabit 2.5V or 2.7V DataFlash
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AT45DB081D Datasheet(HTML) 25 Page - Analog Devices

Back Button AT45DB081D_13 Datasheet HTML 21Page - Analog Devices AT45DB081D_13 Datasheet HTML 22Page - Analog Devices AT45DB081D_13 Datasheet HTML 23Page - Analog Devices AT45DB081D_13 Datasheet HTML 24Page - Analog Devices AT45DB081D_13 Datasheet HTML 25Page - Analog Devices AT45DB081D_13 Datasheet HTML 26Page - Analog Devices AT45DB081D_13 Datasheet HTML 27Page - Analog Devices AT45DB081D_13 Datasheet HTML 28Page - Analog Devices AT45DB081D_13 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 53 page
background image
25
3596O–DFLASH–1/2013
AT45DB081D
14.1 Manufacturer and Device ID Information
Note:
Based on JEDEC publication 106 (JEP106), Manufacturer ID data can be comprised of any number of bytes. Some manufacturers may have
Manufacturer ID codes that are two, three or even four bytes long with the first byte(s) in the sequence being 7FH. A system should detect code
7FH as a “Continuation Code” and continue to read Manufacturer ID bytes. The first non-7FH byte would signify the last byte of Manufacturer ID
data. For Adesto (and some other manufacturers), the Manufacturer ID data is comprised of only one byte.
14.1.1
Byte 1 – Manufacturer ID
Hex
Value
JEDEC Assigned Code
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
1FH
0
0
0
1
1
1
1
1
Manufacturer ID
1FH = Adesto
14.1.2
Byte 2 – Device ID (Part 1)
Hex
Value
Family Code
Density Code
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Family Code
001 = DataFlash
25H
0
0
1
0
0
1
0
1
Density Code
00101 = 8-Mbit
14.1.3
Byte 3 – Device ID (Part 2)
Hex
Value
MLC Code
Product Version Code
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
MLC Code
000 = 1-bit/Cell Technology
00H
0
0
0
0
0
0
0
0
Product Version
00000 = Initial Version
14.1.4
Byte 4 – Extended Device Information String Length
Hex
Value
Byte Count
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
00H
0
0
0
0
0
0
0
0
Byte Count
00H = 0 Bytes of Information
9FH
Manufacturer ID
Byte n
Device ID
Byte 1
Device ID
Byte 2
This information would only be output
if the Extended Device Information String Length
value was something other than 00H.
Extended
Device
Information
String Length
Extended
Device
Information
Byte x
Extended
Device
Information
Byte x + 1
CS
1FH
25H
00H
00H
Data
Data
SI
SO
Opcode
Each transition
represents 8 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com