Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8523U/12AA/1 Datasheet(PDF) 43 Page - NXP Semiconductors

Part # PCF8523U/12AA/1
Description  Real-Time Clock (RTC) and calendar
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8523U/12AA/1 Datasheet(HTML) 43 Page - NXP Semiconductors

Back Button PCF8523U/12AA/1 Datasheet HTML 39Page - NXP Semiconductors PCF8523U/12AA/1 Datasheet HTML 40Page - NXP Semiconductors PCF8523U/12AA/1 Datasheet HTML 41Page - NXP Semiconductors PCF8523U/12AA/1 Datasheet HTML 42Page - NXP Semiconductors PCF8523U/12AA/1 Datasheet HTML 43Page - NXP Semiconductors PCF8523U/12AA/1 Datasheet HTML 44Page - NXP Semiconductors PCF8523U/12AA/1 Datasheet HTML 45Page - NXP Semiconductors PCF8523U/12AA/1 Datasheet HTML 46Page - NXP Semiconductors PCF8523U/12AA/1 Datasheet HTML 47Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 75 page
background image
PCF8523
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 4 — 5 July 2012
43 of 74
NXP Semiconductors
PCF8523
Real-Time Clock (RTC) and calendar
8.10 STOP bit function
The STOP bit function allows the accurate starting of the time circuits. The STOP bit
function causes the upper part of the prescaler (F2 to F14) to be held in reset and thus no
1 Hz ticks are generated. The time circuits can then be set and do not increment until the
STOP bit is released (see Figure 26).
STOP does not affect the output of 32.768 kHz, 16.384 kHz or 8.192 kHz (see
Section 8.9.1.1).
The lower two stages of the prescaler (F0 and F1) are not reset. And because the I2C-bus
interface is asynchronous to the crystal oscillator, the accuracy of re-starting the time
circuits will be between 0 and one 8.192 kHz cycle (see Figure 27).
The first increment of the time circuits is between 0.499878 s and 0.500000 s after STOP
is released. The uncertainty is caused by the prescaler bits F0 and F1 not being reset (see
Table 45).
Fig 26. STOP bit
Fig 27. STOP bit release timing
013aaa336
OSC
OSC STOP
DETECTOR
F0
F1
F13
RES
F14
RES
F2
RES
512 Hz
16384 Hz
8192 Hz
1 Hz tick
stop
CLKOUT source
oscillator stop flag
001aaf912
8192 Hz
stop released
0
μs to 122 μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com