Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8523U/12AA/1 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PCF8523U/12AA/1
Description  Real-Time Clock (RTC) and calendar
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8523U/12AA/1 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PCF8523U/12AA/1 Datasheet HTML 2Page - NXP Semiconductors PCF8523U/12AA/1 Datasheet HTML 3Page - NXP Semiconductors PCF8523U/12AA/1 Datasheet HTML 4Page - NXP Semiconductors PCF8523U/12AA/1 Datasheet HTML 5Page - NXP Semiconductors PCF8523U/12AA/1 Datasheet HTML 6Page - NXP Semiconductors PCF8523U/12AA/1 Datasheet HTML 7Page - NXP Semiconductors PCF8523U/12AA/1 Datasheet HTML 8Page - NXP Semiconductors PCF8523U/12AA/1 Datasheet HTML 9Page - NXP Semiconductors PCF8523U/12AA/1 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 75 page
background image
PCF8523
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 4 — 5 July 2012
6 of 74
NXP Semiconductors
PCF8523
Real-Time Clock (RTC) and calendar
8.
Functional description
The PCF8523 contains:
• 20 8-bit registers with an auto-incrementing address register
• An on-chip 32.768 kHz oscillator with two integrated load capacitors
• A frequency divider, which provides the source clock for the Real-Time Clock (RTC)
• A programmable clock output
• A 1 Mbit/s I2C-bus interface
• An offset register, which allows fine-tuning of the clock
All 20 registers are designed as addressable 8-bit registers although not all bits are
implemented.
• The first three registers (memory address 00h, 01h, and 02h) are used as control and
status registers
• The addresses 03h through 09h are used as counters for the clock function (seconds
up to years)
• Addresses 0Ah through 0Dh define the alarm condition
• Address 0Eh defines the offset calibration
• Address 0Fh defines the clock-out mode and the addresses 10h and 12h the timer
mode
• Addresses 11h and 13h are used for the timers
The registers Seconds, Minutes, Hours, Days, Weekdays, Months, and Years are all
coded in Binary Coded Decimal (BCD) format. Other registers are either bit-wise or
standard binary. When one of the RTC registers is read, the contents of all counters are
frozen. Therefore, faulty reading of the clock and calendar during a carry condition is
prevented.
The PCF8523 has a battery backup input pin and battery switch-over circuit. The battery
switch-over circuit monitors the main power supply and switches automatically to the
backup battery when a power failure condition is detected. Accurate timekeeping is
maintained even when the main power supply is interrupted.
A battery low detection circuit monitors the status of the battery. When the battery voltage
goes below a certain threshold value, a flag is set to indicate that the battery must be
replaced soon. This ensures the integrity of the data during periods of battery backup.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com