Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMC300 Datasheet(PDF) 1 Page - Analog Devices

Part # ADMC300
Description  High Performance DSP-Based Motor Controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMC300 Datasheet(HTML) 1 Page - Analog Devices

  ADMC300 Datasheet HTML 1Page - Analog Devices ADMC300 Datasheet HTML 2Page - Analog Devices ADMC300 Datasheet HTML 3Page - Analog Devices ADMC300 Datasheet HTML 4Page - Analog Devices ADMC300 Datasheet HTML 5Page - Analog Devices ADMC300 Datasheet HTML 6Page - Analog Devices ADMC300 Datasheet HTML 7Page - Analog Devices ADMC300 Datasheet HTML 8Page - Analog Devices ADMC300 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
REV. B
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
ADMC300
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2000
FUNCTIONAL BLOCK DIAGRAM
ARITHMETIC UNITS
SHIFTER
MAC
ALU
MEMORY
SPORT 1
INTERVAL
TIMER
DATA
RAM
1K
16
PROGRAM
ROM
2K
24
PROGRAM
RAM
4K
24
PROGRAM
INTERRUPT
CONTROLLER
ENCODER
INTERFACE
PWM
GENERATION
SIGMA-DELTA
ADCs
AUXILIARY
PWM
ADSP-2100 BASE
ARCHITECTURE
SERIAL PORTS
PROGRAM
SEQUENCER
DATA
ADDRESS
GENERATORS
DAG 1
DAG 2
PROGRAM MEMORY ADDRESS BUS
DATA MEMORY ADDRESS BUS
PROGRAM MEMORY DATA BUS
DATA MEMORY DATA BUS
SPORT 0
WATCH-
DOG
TIMER
EVENT
CAPTURE
TIMERS
DIGITAL
I/O
32
12
7
10
2
56
MOTOR CONTROL
PERIPHERALS
High Performance DSP-Based
Motor Controller
TARGET APPLICATIONS
Industrial Drives, Servo Drives, Variable Speed Drives,
Electric Vehicles
FEATURES
25 MIPS Fixed-Point DSP Core
Single Cycle Instruction Execution (40 ns)
ADSP-2100 Family Code Compatible
Independent Computational Units
ALU
Multiplier/Accumulator
Barrel Shifter
Multifunction Instructions
Single Cycle Context Switch
Powerful Program Sequencer
Zero Overhead Looping
Conditional Instruction Execution
Two Independent Data Address Generators
Memory Configuration
4K
24-Bit Program Memory RAM
2K
24-Bit Program Memory ROM
1K
16-Bit Data Memory RAM
High-Resolution Multichannel ADC System
Five Independent 16-Bit Sigma-Delta ADCs
76 dB SNR Typical (ENOB > 12 Bits)
Arranged in Two Independently Clocked Banks
Differential or Single-Ended Inputs
Programmable Sample Frequency to 32.5 kHz
Flexible Synchronization of ADC and PWM Subsystems
Independent Offset Calibration for Each Channel
Two Dedicated ADC Interrupts
Internal 2.5 V Reference
Three Multiplexer Control Pins for External Expansion
Hardware or Software Convert Start
Individual Power-Down for Each Bank
Three-Phase PWM Generation Subsystem
16-Bit Dedicated PWM Generator
Edge Resolution to 40 ns
Programmable Dead Time
Programmable Minimum Pulsewidth
Double Update Mode Allows Duty Cycle
Adjustment on Half Cycle Boundaries
Special Features for Brushless DC Motors
Hardwired Polarity Control
External Dedicated Asynchronous Shutdown Pin
(
PWMTRIP)
Additional Shutdown Pins in I/O System
Individual Enable/Disable of Each Output
High Frequency Chopping Mode
Transparent Transition to Overmodulation
Range with Duty Cycles of 100%
Programmable Interrupt Controller Manages Priority
and Masking of 11 Peripheral Interrupts
(Continued on Page 7)


Similar Part No. - ADMC300

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADMC300 AD-ADMC300_15 Datasheet
296Kb / 42P
High Performance DSP-Based Motor Controller
REV. B
More results

Similar Description - ADMC300

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADMC326 AD-ADMC326 Datasheet
219Kb / 31P
28-Lead ROM-Based DSP Motor Controller
REV.A
ADMC328 AD-ADMC328 Datasheet
234Kb / 32P
28-Lead ROM-Based DSP Motor Controller with Current Sense
REV.B
ADMC330 AD-ADMC330 Datasheet
163Kb / 20P
Single Chip DSP Motor Controller
REV.0
ADMC401 AD-ADMC401 Datasheet
417Kb / 60P
Single-Chip, DSP-Based High Performance Motor Controller
REV.B
ADMC331BSTZ AD-ADMC331BSTZ Datasheet
247Kb / 36P
Single Chip DSP Motor Controller
REV. B
ADMC300 AD-ADMC300_15 Datasheet
296Kb / 42P
High Performance DSP-Based Motor Controller
REV. B
ADMC326 AD-ADMC326_15 Datasheet
240Kb / 32P
28-Lead ROM-Based DSP Motor Controller
REV. C
ADMC328 AD-ADMC328_15 Datasheet
248Kb / 32P
28-Lead ROM-Based DSP Motor Controller with Current Sense
REV. C
ADMC331 AD-ADMC331_15 Datasheet
247Kb / 36P
Single Chip DSP Motor Controller
REV. B
ADMC401 AD-ADMC401_15 Datasheet
414Kb / 60P
Single-Chip, DSP-Based High Performance Motor Controller
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com