Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMC330 Datasheet (PDF) - Analog Devices

ADMC330 Datasheet PDF - Analog Devices
Part # ADMC330
Download  ADMC330 Download
File Size   163.3 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Single Chip DSP Motor Controller

ADMC330 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADMC330 Datasheet PDF - Analog Devices

Part # ADMC330
Download  ADMC330 Click to download

File Size   163.3 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Single Chip DSP Motor Controller

ADMC330 Datasheet (HTML) - Analog Devices


ADMC330 Product details

GENERAL DESCRIPTION
The ADMC330 is a low cost single chip DSP microcontroller optimized for stand alone ac motor control applications. The device is based on a 20 MHz fixed-point DSP core (ADSP- 2171) and a set of motor control peripherals including seven analog input channels and a 12-bit three-phase PWM generator. The device has two auxiliary 8-bit PWM channels and adds expansion capability through the serial ports and an 8-bit digital I/O port. The ADMC330 has internal 2K words program RAM, and 1K words data RAM, which can be loaded from an external device via the serial port. There are also 2K words of internal program ROM, which includes a monitor that adds software debugging features through the serial port.

FEATURES
   Seven Analog Input Channels
      Acquisition Synchronized to PWM Switching Frequency
   Three-Phase 12-Bit PWM Generator
      Programmable Deadtime and Narrow Pulse Deletion
      2.5 kHz Minimum Switching Frequency
      ECM Control Mode
      Output Control for Space Vector Modulation
      Gate Drive Block (Pulsed PWM Output Capability)
      Hardwired Output Polarity Control
      External Trip Input
   Two 8-Bit Auxiliary PWM Timers
      Synthesized Analog Output
      39 kHz Frequency
      0 to 99.6% Duty Cycle
   Eight Bits of Digital I/O Port
      Bit Configurable as Input or Output
      Change of State Interrupt Support
   20 MIPS Fixed Point DSP Core
      Powerful Program Sequencer
         Zero Overhead Looping
         Conditional Instruction Execution
      Independent Computational Units
         ALU
         Multiplier/Accumulator
         Barrel Shifter
      Multifunction Instructions
      Single-Cycle Instruction Execution (50 ns)
      Single-Cycle Context Switch
   ADSP-2100 Family Code and Function Compatible with
      Instruction Set Enhancements
   16-Bit Watchdog Timer
   Programmable 16-Bit Interval Timer with Prescaler
   Two Synchronous Serial Ports
      Full Debugger Interface
      2 Bootstrap Protocols via Sport 1, Serial and UART
   Memory Configuration
      2K 3 24-Bit Word Program RAM
      1K 3 16-Bit Word Data RAM
      2K 3 24-Bit Word Program ROM




Similar Part No. - ADMC330

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADMC331 AD-ADMC331 Datasheet
248Kb / 36P
Single Chip DSP Motor Controller
REV.B
ADMC331-ADVEVALKIT AD-ADMC331-ADVEVALKIT Datasheet
248Kb / 36P
Single Chip DSP Motor Controller
REV.B
ADMC331-ADVEVALKIT AD-ADMC331-ADVEVALKIT Datasheet
247Kb / 36P
Single Chip DSP Motor Controller
REV. B
ADMC331-PB AD-ADMC331-PB Datasheet
248Kb / 36P
Single Chip DSP Motor Controller
REV.B
ADMC331-PB AD-ADMC331-PB Datasheet
247Kb / 36P
Single Chip DSP Motor Controller
REV. B
More results


Similar Description - ADMC330

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADMC300 AD-ADMC300 Datasheet
297Kb / 42P
High Performance DSP-Based Motor Controller
REV.B
ADMC326 AD-ADMC326 Datasheet
219Kb / 31P
28-Lead ROM-Based DSP Motor Controller
REV.A
ADMC331 AD-ADMC331 Datasheet
248Kb / 36P
Single Chip DSP Motor Controller
REV.B
ADMC401 AD-ADMC401 Datasheet
417Kb / 60P
Single-Chip, DSP-Based High Performance Motor Controller
REV.B
ADMCF326 AD-ADMCF326 Datasheet
242Kb / 36P
28-Lead Flash Memory DSP Motor Controller
REV. 0
ADMC331BSTZ AD-ADMC331BSTZ Datasheet
247Kb / 36P
Single Chip DSP Motor Controller
REV. B
ADMC300 AD-ADMC300_15 Datasheet
296Kb / 42P
High Performance DSP-Based Motor Controller
REV. B
ADMC331 AD-ADMC331_15 Datasheet
247Kb / 36P
Single Chip DSP Motor Controller
REV. B
ADMC401 AD-ADMC401_15 Datasheet
414Kb / 60P
Single-Chip, DSP-Based High Performance Motor Controller
REV. B
ADMCF326 AD-ADMCF326_15 Datasheet
528Kb / 36P
28-Lead Flash Memory DSP Motor Controller
REV. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com