Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMC330 Datasheet(PDF) 1 Page - Analog Devices

Part # ADMC330
Description  Single Chip DSP Motor Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMC330 Datasheet(HTML) 1 Page - Analog Devices

  ADMC330 Datasheet HTML 1Page - Analog Devices ADMC330 Datasheet HTML 2Page - Analog Devices ADMC330 Datasheet HTML 3Page - Analog Devices ADMC330 Datasheet HTML 4Page - Analog Devices ADMC330 Datasheet HTML 5Page - Analog Devices ADMC330 Datasheet HTML 6Page - Analog Devices ADMC330 Datasheet HTML 7Page - Analog Devices ADMC330 Datasheet HTML 8Page - Analog Devices ADMC330 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
ADMC330
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1997
Single Chip DSP
Motor Controller
FUNCTIONAL BLOCK DIAGRAM
ARITHMETIC UNITS
SHIFTER
MAC
ALU
MEMORY
SPORT 0
SPORT 1
PROGRAM MEMORY ADDRESS
TIMER
DATA
MEMORY
1K
16
PROGRAM
ROM
2K
24
PROGRAM
RAM
2K
24
WATCH-
DOG
TIMER
8-BIT
PIO
12-BIT
3-PHASE
PWM
ANALOG
INPUTS
2
8-BIT
AUX
PWM
PROGRAM MEMORY DATA
DATA MEMORY ADDRESS
DATA MEMORY DATA
ADSP-2100 BASE
ARCHITECTURE
SERIAL PORTS
PROGRAM
SEQUENCER
DATA
ADDRESS
GENERATORS
DAG 1
DAG 2
FEATURES
Seven Analog Input Channels
Acquisition Synchronized to PWM Switching Frequency
Three-Phase 12-Bit PWM Generator
Programmable Deadtime and Narrow Pulse Deletion
2.5 kHz Minimum Switching Frequency
ECM Control Mode
Output Control for Space Vector Modulation
Gate Drive Block (Pulsed PWM Output Capability)
Hardwired Output Polarity Control
External Trip Input
Two 8-Bit Auxiliary PWM Timers
Synthesized Analog Output
39 kHz Frequency
0 to 99.6% Duty Cycle
Eight Bits of Digital I/O Port
Bit Configurable as Input or Output
Change of State Interrupt Support
20 MIPS Fixed Point DSP Core
Powerful Program Sequencer
Zero Overhead Looping
Conditional Instruction Execution
Independent Computational Units
ALU
Multiplier/Accumulator
Barrel Shifter
Multifunction Instructions
Single-Cycle Instruction Execution (50 ns)
Single-Cycle Context Switch
ADSP-2100 Family Code and Function Compatible with
Instruction Set Enhancements
16-Bit Watchdog Timer
Programmable 16-Bit Interval Timer with Prescaler
Two Synchronous Serial Ports
Full Debugger Interface
2 Bootstrap Protocols via Sport 1, Serial and UART
Memory Configuration
2K
24-Bit Word Program RAM
1K
16-Bit Word Data RAM
2K
24-Bit Word Program ROM
GENERAL DESCRIPTION
The ADMC330 is a low cost single chip DSP microcontroller
optimized for stand alone ac motor control applications. The
device is based on a 20 MHz fixed-point DSP core (ADSP-
2171) and a set of motor control peripherals including seven
analog input channels and a 12-bit three-phase PWM generator.
The device has two auxiliary 8-bit PWM channels and adds
expansion capability through the serial ports and an 8-bit digital
I/O port. The ADMC330 has internal 2K words program RAM,
and 1K words data RAM, which can be loaded from an external
device via the serial port. There are also 2K words of internal
program ROM, which includes a monitor that adds software
debugging features through the serial port.
The ADMC330 core combines the ADSP-2100 base architec-
ture (three computational units, data address generators and a
program sequencer) with two serial ports, a programmable
timer, extensive interrupt capabilities and on-chip program and
data memory.
In addition, the ADMC330 supports new instructions, which
include bit manipulations—bit set, bit clear, bit toggle, bit test—
new ALU constants, new multiplication instruction (x squared),
biased rounding and global interrupt masking, for increased
flexibility.


Similar Part No. - ADMC330

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADMC331 AD-ADMC331 Datasheet
248Kb / 36P
Single Chip DSP Motor Controller
REV.B
ADMC331-ADVEVALKIT AD-ADMC331-ADVEVALKIT Datasheet
248Kb / 36P
Single Chip DSP Motor Controller
REV.B
ADMC331-ADVEVALKIT AD-ADMC331-ADVEVALKIT Datasheet
247Kb / 36P
Single Chip DSP Motor Controller
REV. B
ADMC331-PB AD-ADMC331-PB Datasheet
248Kb / 36P
Single Chip DSP Motor Controller
REV.B
ADMC331-PB AD-ADMC331-PB Datasheet
247Kb / 36P
Single Chip DSP Motor Controller
REV. B
More results

Similar Description - ADMC330

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADMC300 AD-ADMC300 Datasheet
297Kb / 42P
High Performance DSP-Based Motor Controller
REV.B
ADMC326 AD-ADMC326 Datasheet
219Kb / 31P
28-Lead ROM-Based DSP Motor Controller
REV.A
ADMC331 AD-ADMC331 Datasheet
248Kb / 36P
Single Chip DSP Motor Controller
REV.B
ADMC401 AD-ADMC401 Datasheet
417Kb / 60P
Single-Chip, DSP-Based High Performance Motor Controller
REV.B
ADMCF326 AD-ADMCF326 Datasheet
242Kb / 36P
28-Lead Flash Memory DSP Motor Controller
REV. 0
ADMC331BSTZ AD-ADMC331BSTZ Datasheet
247Kb / 36P
Single Chip DSP Motor Controller
REV. B
ADMC300 AD-ADMC300_15 Datasheet
296Kb / 42P
High Performance DSP-Based Motor Controller
REV. B
ADMC331 AD-ADMC331_15 Datasheet
247Kb / 36P
Single Chip DSP Motor Controller
REV. B
ADMC401 AD-ADMC401_15 Datasheet
414Kb / 60P
Single-Chip, DSP-Based High Performance Motor Controller
REV. B
ADMCF326 AD-ADMCF326_15 Datasheet
528Kb / 36P
28-Lead Flash Memory DSP Motor Controller
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com