Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMC330 Datasheet(PDF) 6 Page - Analog Devices

Part # ADMC330
Description  Single Chip DSP Motor Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMC330 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADMC330 Datasheet HTML 2Page - Analog Devices ADMC330 Datasheet HTML 3Page - Analog Devices ADMC330 Datasheet HTML 4Page - Analog Devices ADMC330 Datasheet HTML 5Page - Analog Devices ADMC330 Datasheet HTML 6Page - Analog Devices ADMC330 Datasheet HTML 7Page - Analog Devices ADMC330 Datasheet HTML 8Page - Analog Devices ADMC330 Datasheet HTML 9Page - Analog Devices ADMC330 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
ADMC330
–6–
REV. 0
four configuration registers (PWMTM, PWMDT, PWMPD
and PWMGATE), which define basic waveform parameters
such as the master switching frequency, deadtime, minimum
pulsewidth, and gate drive chopping. There PWM output sig-
nals on the pins AH through CL are controlled by the input
registers (PWMCHA, PWMCHB, PWMCHC and PWMSEG)
and the control pins
PWMTRIP and PWMPOL.
PWM Controller Overview
The PWM controller consists of three units: the center-based
timing unit, output control unit and the gate drive unit as shown
in Figure 1.
• The center-based PWM timing unit is the core of the PWM
controller and produces three pairs of complemented and
deadtime adjusted PWM waveforms as required for ac motor
control.
• The output control unit is a signal switching unit that selects
the appropriate PWM signals to be connected to the output
pins based on the bits set in the segment register (PWMSEG)
as may be required for ECM control or some space vector
modulation schemes.
• The gate drive block sets the logic polarity of the PWM “on”
signal according to the polarity of the PWMPOL pin to match
the gate drive circuit requirement. It can also modulate the
PWM “on” signal with a high frequency carrier (0.08 MHz–
5 MHz) if required for a transformer coupled gate drive circuit.
The DSP-based control algorithm can be synchronized to the
PWM generator by a hardware interrupt signal that is generated
at the end of every PWM switching cycle. This same PWMSYNC
signal is internally connected to the internal analog-to-digital
converter and is also available at an output pin. Finally, the
hardware
PWMTRIP pin can be used to shut down the PWM
controller in the event of a fault.
Center-Based PWM Timing Unit
The center-based PWM timing unit is a programmable timer
that generates three pairs of fixed frequency PWM waveforms
suitable for controlling a three-phase power inverter. The unit
contains arithmetic circuits that calculate the PWM signal tim-
ing edges from waveform parameters such as the PWM period,
CENTER-BASED
PWM TIMING
UNIT
PWMTM
PWMCHA
PWMDT
PWMCHB
PWMCHC
CLK
SYNC
RESET
HCLK
PWMSYNC
INTERRUPT
SIGNALS
TIMING CONTROL
REGISTERS
CHANNEL
REGISTERS
OUTPUT
CONTROL
UNIT
SYNC
PWMSEG
OUTPUT CONTROL
REGISTER
PWMGATE
GATE CONTROL
REGISTER
GATE
DRIVE
UNIT
CLK
AH
AL
BH
BL
CH
CL
PWMPOL
PWMTRIP
PWMSYNC
PWMPD
GATE CONTROL
REGISTER
Figure 1. PWM Controller Overview
dead time and the duty cycle for each inverter phase. There is
no extra DSP software overhead once the duty cycle for each
phase has been calculated and loaded into the PWM channel
registers.
The PWM Timing Unit produces three pairs of complemented
variable duty cycle waveforms symmetrical about common axes
of the form shown in Figure 2. They are complemented wave-
forms, which means that for any pair of PWM waveforms (AH
and AL), they can never both be ON at the same time. They are
deadtime adjusted, which means that for any pair of PWM
waveforms, there is a delay between switching from being ON in
one waveform to being ON in the complemented waveform. A
pulse deletion function is implemented, which means that very
narrow PWM pulses will not be generated.
It is important to note that the deadtime compensation does not
take place on the boundary between consecutive PWM cycles.
Thus both the low side and high side devices can switch on
during the transition from a full-ON state to any other state.
This potentially volatile condition can be avoided by:
• Ensuring that the device never enters to the full-ON or full-
OFF states, that is,
PWMCHx
≤ PWMTM –2 × (PWMDT + 1), with PWMPD = 0
• Using an external deadtime compensation circuit.
There is an active high PWMSYNC pulse produced at the be-
ginning of each PWM cycle to synchronize the operation of
other peripherals with the switching of the power inverter. This
signal is also internally connected to the ADC block to initiate
conversions, and to the DSP core to generate an interrupt.
Figure 2 shows the center-based PWM operation.
The master switching frequency can range from 2.5 kHz to
25 kHz and is an integral fraction of HCLK clock frequency. It
is set by the value in the 12-bit PWMTM period register, which
sets the total number of clock cycles in a PWM cycle. The
required PWM period as a function of the desired master
switching frequency (fPWM) and peripheral system clock fre-
quency (fHCLK) is given by:
PWMTM
=
f HCLK
f PWM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com