Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMC328 Datasheet(PDF) 2 Page - Analog Devices

Part # ADMC328
Description  28-Lead ROM-Based DSP Motor Controller with Current Sense
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMC328 Datasheet(HTML) 2 Page - Analog Devices

  ADMC328 Datasheet HTML 1Page - Analog Devices ADMC328 Datasheet HTML 2Page - Analog Devices ADMC328 Datasheet HTML 3Page - Analog Devices ADMC328 Datasheet HTML 4Page - Analog Devices ADMC328 Datasheet HTML 5Page - Analog Devices ADMC328 Datasheet HTML 6Page - Analog Devices ADMC328 Datasheet HTML 7Page - Analog Devices ADMC328 Datasheet HTML 8Page - Analog Devices ADMC328 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
–2–
REV. B
ADMC328–SPECIFICATIONS
(VDD = +5 V
5%, GND = 0 V, TA = –40 C to +105 C for ADMC328Y, TA = –40 C to
+125 C for ADMC328T, CLKIN = 10 MHz, unless otherwise noted)
ANALOG-TO-DIGITAL CONVERTER
Parameter
Min
Typ
Max
Unit
Conditions/Comments
Signal Input
0.3
3.5
V
V1, V2, VAUX0, VAUX1, VAUX2
–0.4
0
V
ISENSE
Resolution
1
12
Bits
Linearity Error
2
2
4
Bits
Zero Offset
2
–20
0
+20
mV
Channel-to-Channel Comparator Match
2
20
mV
Comparator Delay
600
ns
ADC Hi-Level Input Current
2
10
µAV
IN = 3.5 V
ADC Lo-Level Input Current
2
–10
µAV
IN = 0.0 V
NOTES
1Resolution varies with PWM switching frequency (double update mode) 78.1 kHz = 8 bits, 4.9 kHz = 12 bits.
22.44 kHz sample frequency, V1, V2, VAUX0, VAUX1, VAUX2.
Specifications subject to change without notice.
ELECTRICAL CHARACTERISTICS
Parameter
Min
Typ
Max
Unit
Conditions/Comments
VIL
Lo-Level Input Voltage
0.8
V
VIH
Hi-Level Input Voltage
2
V
VOL
Low Level Output Voltage1
0.4
V
IOL = 2 mA
VOL
Low Level Output Voltage
2
0.8
V
IOL = 2 mA
VOH
High Level Output Voltage
4
V
IOH = –0.5 mA
IIL
Low Level Input Current3
–120
µAV
IN = 0 V
IIL
Low Level Input Current
–10
µAV
IN = 0 V
IIH
High Level Input Current
4
90
µAV
IN = VDD
IIH
High Level Input Current
10
µAV
IN = VDD
IOZH
Hi-Level Three-State Leakage Current
5
90
µAV
IN = VDD
IOZL
Lo-Level Three-State Leakage Current
5
–10
µAV
IN = 0
IIL
Lo-Level PWMTRIP Current
–10
µA@ V
DD = Max, VIN = 0 V
IDD
Supply Current (Idle)
6
32
mA
IDD
Supply Current (Dynamic)
6
55
mA
NOTES
1Output pins PIO0–PIO8, AH, AL, BH, BL, CH, CL.
2XTAL Pin.
3Internal Pull-Up, RESET.
4Internal Pull-Down, PWMTRIP, PIO0–PIO8.
5Three-stateable pins DT1, RFS1, TFS1, SCLK1.
6Outputs not Switching.
Specifications subject to change without notice.
CURRENT SOURCE1
Parameter
Min
Typ
Max
Unit
Conditions/Comments
Programming Resolution
3
Bits
Default Current
2
70
83
95
µA
ICONST_TRIM = 0x00
Tuned Current
95
100
105
µA
NOTES
1For ADC Calibration.
20.3 V to 3.5 V ICONST Voltage.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com