Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMC328 Datasheet(PDF) 3 Page - Analog Devices

Part # ADMC328
Description  28-Lead ROM-Based DSP Motor Controller with Current Sense
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMC328 Datasheet(HTML) 3 Page - Analog Devices

  ADMC328 Datasheet HTML 1Page - Analog Devices ADMC328 Datasheet HTML 2Page - Analog Devices ADMC328 Datasheet HTML 3Page - Analog Devices ADMC328 Datasheet HTML 4Page - Analog Devices ADMC328 Datasheet HTML 5Page - Analog Devices ADMC328 Datasheet HTML 6Page - Analog Devices ADMC328 Datasheet HTML 7Page - Analog Devices ADMC328 Datasheet HTML 8Page - Analog Devices ADMC328 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
–3–
REV. B
ADMC328
VOLTAGE REFERENCE
Parameter
Min
Typ
Max
Unit
Conditions/Comments
Voltage Level (VREF)
2.40
2.50
2.60
V
2.45
2.50
2.55
V
TA = +25°C to +125°C SOIC
1
Output Voltage Drift
35
ppm/
°C
NOTES
1This specification for voltage level (V
REF) is for SOIC package only, at specified temperature range.
Specifications subject to change without notice.
ISENSE AMPLIFIER–TRIP
Parameter
Min
Typ
Max
Unit
Conditions/Comments
ISENSE Gain
–5.7
–5.1
–4.7
VIN = –0.4 V to 0.0 V
ISENSE Current
–280
10
µAV
IN = –0.4 V to VDD – 1.0 V
ISENSE Input Offset Voltage
80
155
190
mV
Trip Voltage (VTRIP)
–0.64
–0.53
–0.45
V
Specifications subject to change without notice.
POWER-ON RESET
Parameter
Min
Typ
Max
Unit
Conditions/Comments
Reset Threshold (VRST)
3.2
3.7
4.2
V
Hysteresis (VHYST)
100
mV
Reset Active Timeout Period (
tRST)
3.2
1
ms
NOTES
1216 CLKOUT Cycles.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com