Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMC401 Datasheet(PDF) 23 Page - Analog Devices

Part # ADMC401
Description  Single-Chip, DSP-Based High Performance Motor Controller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMC401 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADMC401 Datasheet HTML 19Page - Analog Devices ADMC401 Datasheet HTML 20Page - Analog Devices ADMC401 Datasheet HTML 21Page - Analog Devices ADMC401 Datasheet HTML 22Page - Analog Devices ADMC401 Datasheet HTML 23Page - Analog Devices ADMC401 Datasheet HTML 24Page - Analog Devices ADMC401 Datasheet HTML 25Page - Analog Devices ADMC401 Datasheet HTML 26Page - Analog Devices ADMC401 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 60 page
background image
ADMC401
–23–
REV. B
and BSHAN) to the inverting terminal of the two sample and
hold amplifiers (SHA) so that external signals can be correctly
biased about the nominal operating range of the ADC.
ADC0(15...0)
ADC1(15...0)
ADC2(15...0)
ADC3(15...0)
ADC4(15...0)
ADC5(15...0)
ADC6(15...0)
ADC7(15...0)
ADCOTR(7...0)
ADCSTAT(4...0)
ADCCTRL(4...0)
MULTIPLEXER, SHA AND ADC CONTROL
INTERNAL
REFERENCE
SIGNALS
ASHAN
VIN0
VIN1
VIN2
VIN3
VIN4
VIN5
VIN7
BSHAN
PWMSYNC
CONVST
CLKOUT
CAPT
CAPB
VREF
REFCOM
SENSE
CML
VIN6
VOLTAGE
REFERENCE
GENERATION
& CONTROL
12-BIT
PIPELINE
FLASH ADC
DATA
CONTROL SIGNALS
END OF
CONVERSION
OUT
OF
RANGE
MUX
MUX
MUX
SHA A
ADCXTRA(15...0)
GAIN
SHA B
PWMSYNC (FROM PWM PERIPHERAL)
Figure 16. Functional Block Diagram of the ADC System
of the ADMC401
The basic architecture of the ADC system consists of a four-
stage pipeline architecture (the A/D core) with wideband input
sample and hold amplifiers. Excluding the last stage, each stage
of the pipeline consists of a low resolution flash A/D connected
to a switched capacitor DAC and interstage residue amplifier
(MDAC). The reside amplifier amplifies the difference between
the reconstructed DAC output and the flash input for the next
stage in the pipeline. The last stage of the pipeline simply con-
sists of a flash A/D. The pipeline architecture allows a greater
throughput rate at the expense of pipeline delay or latency. This
means that while the converter is capable of capturing a new
input sample every ADC clock cycle, it actually takes 3 1/2 ADC
clock cycles for the conversion process of any input to be fully
processed and appear at the output.
The ADC may operate in two basic conversion modes, Simulta-
neous Sampling or Sequential Sampling. The operating mode is
selected by dedicated bits in the ADCCTRL register. In the
Simultaneous Sampling mode, two analog inputs (one from each
bank) are sampled simultaneously so that VIN0 and VIN4,
VIN1 and VIN5, VIN2 and VIN6, VIN3 and VIN7 represent
four pairs of simultaneously sampled inputs. In the alternative
sequential operating mode, there is no simultaneous sampling,
and the analog inputs are sampled and converted one after the
other (i.e., VIN0 followed by VIN1 followed by VIN2, etc.). In
this mode, successive analog inputs are sampled an ADC clock
period (or four DSP clock cycles) apart.
The conversion sequence may be initiated either internally (syn-
chronized to the PWM generation) or from an external event on
the CONVST pin. In the default Simultaneous Sampling mode of
operation, the internal control logic simultaneously samples the
first pair of input signals (VIN0 and VIN4) following the con-
vert start command. Subsequently, these inputs are multiplexed
into the 12-bit analog-to-digital converter. After a delay of two
ADC clock cycles, the second pair of analog inputs (VIN1 and
VIN5) are sampled simultaneously and then multiplexed into
the ADC. This process continues until all four pairs of analog
inputs have been sampled and converted. As the conversion for
a given analog input channel is completed, the corresponding
digital number is written to a dedicated 16-bit, twos comple-
ment, left-aligned register that is memory mapped to the data
memory space of the DSP core. The ADC data register ADC0
stores the conversion result for the signal on VIN0, etc.
Following the end of conversion of each pair of analog inputs, a
dedicated bit is set in the ADCSTAT register. The result of this
highly efficient pipelined structure is that all eight ADC data
registers will contain valid conversion results less than 2
µs (at
26 MHz) after the convert start command. At this point a dedi-
cated ADC interrupt will be generated. Alternatively, if data is
required sooner, the ADCSTAT register can be polled to detect
when a given pair of analog inputs have been successfully con-
verted, except in Sequential Sampling mode.
Once the conversion sequence has been completed and all eight
ADC data registers have been updated, the entire ADC structure
automatically reverts to the Single Channel mode and continu-
ously converts the analog input on the VIN0 pin. The results of
this conversion are placed in the additional ADCXTRA register
and are updated once every ADC clock cycle. This feature could
be used to continuously monitor a single analog input on the
VIN0 pin.
There are two additional modes of operation of the ADC system
that may be used for offset and gain calibration of the entire
system. In the Offset Calibration mode, all analog inputs (VIN0
to VIN7, GAIN, ASHAN and BSHAN) are disconnected from
the inputs to the sample and hold amplifiers. Instead, both
terminals of each sample and hold amplifiers are connected
together and to the voltage reference. Following a conversion
sequence, the data in the ADC data register can be taken as a
measure of any offset in the sample and hold amplifiers and
ADC. Additionally, in the Gain Calibration mode, the dedicated
analog input GAIN is applied to the noninverting terminal of
both sample and hold amplifiers. Any number of precise exter-
nal voltages can be applied to this pin to measure and correct
for any gain errors, if required.
Along with each data output from the A/D converter, an Out-of-
Range (OTR) bit is set if the signal exceeds the permissible
input voltage span. In normal conversion, the eight OTR bits for
the eight analog inputs are stored in the ADCOTR register, with
one bit for each analog input. The OTR bit for the ADCXTRA
register is stored in the ADCSTAT register.
The ADC may use either an internally generated 2.0 V precision
reference voltage or an externally supplied reference voltage
level at the VREF pin. The operating mode is selected by the
connection of the SENSE pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com