Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMC401 Datasheet(PDF) 3 Page - Analog Devices

Part # ADMC401
Description  Single-Chip, DSP-Based High Performance Motor Controller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMC401 Datasheet(HTML) 3 Page - Analog Devices

  ADMC401 Datasheet HTML 1Page - Analog Devices ADMC401 Datasheet HTML 2Page - Analog Devices ADMC401 Datasheet HTML 3Page - Analog Devices ADMC401 Datasheet HTML 4Page - Analog Devices ADMC401 Datasheet HTML 5Page - Analog Devices ADMC401 Datasheet HTML 6Page - Analog Devices ADMC401 Datasheet HTML 7Page - Analog Devices ADMC401 Datasheet HTML 8Page - Analog Devices ADMC401 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 60 page
background image
ANALOG-TO-DIGITAL CONVERTER
Parameter
Test Conditions
Min
Typ
Max
Unit
AC SPECIFICATIONS
SNR
Signal to Noise Ratio
fIN = 1.0 kHz
68
70
dB
SNRD
Signal to Noise and Distortion
fIN = 1.0 kHz
66
69
dB
THD
Total Harmonic Distortion
fIN = 1.0 kHz
–76
–70
dB
CTLK
Channel-Channel Crosstalk
fIN = 1.0 kHz
–89
–72
dB
CMRR
Common-Mode Rejection Ratio
–90
–72
dB
PSRR
Power Supply Rejection Ratio
0.025
0.1
% FSR
ACCURACY
INL
Integral Nonlinearity
±0.6
±1.5
LSB
DNL
Differential Nonlinearity
±0.5
±1.0
LSB
No Missing Codes
12
Bits Guaranteed
Zero Error
0.1
0.25
% FSR
Gain Error
1
0.4
1.0
% FSR
TEMPERATURE DRIFT
Zero Error
0.025
% FSR
Gain Error
1
0.025
% FSR
INPUT VOLTAGE
VIN
Voltage Span
4.0
V p-p
CIN
Input Capacitance2
10
pF
CONVERSION TIME
tCONV
Total Conversion Time
All 8 Channels
1.88
µs
NOTES
1Excludes Internal Voltage Reference Error.
2Analog Input Pins VIN0 to VIN7.
Typical values are neither tested nor guaranteed.
Specifications subject to change without notice.
VOLTAGE REFERENCE
Parameter
Test Conditions
Min
Typ
Max
Unit
VREF
Output Voltage Reference
SENSE = REFCOM
1.96
2.0
2.04
V
Output Voltage Tolerance1
SENSE = REFCOM
6
mV
Output Current
1.0
mA
Load Regulation
1.0 mA Load Current
0.3
1.5
mV
Power Supply Rejection Ratio
0.1
1.5
mV
Reference Input Resistance
8
k
Ω
NOTES
1Relative tolerance due to temperature change, T
MIN to TMAX.
Specifications subject to change without notice.
POWER-ON RESET
Parameter
Test Conditions
Min
Typ
Max
Unit
VRST
Reset Threshold Voltage
3.25
4.0
V
VHYST
Hysteresis Voltage
75
mV
Specifications subject to change without notice.
(VDD = AVDD = 5 V
5%, GND = AGND = 0 V, TAMB = –40 C to +85 C, CLKIN = 13 MHz,
VIN0 to VIN7 = 4.0 V p-p, VREF = 2.0 V, unless otherwise noted)
(VDD = AVDD = 5 V
5%, GND = AGND = 0 V, TAMB = –40 C to +85 C, CLKIN = 13 MHz, VIN0 to VIN7 =
4.0 V p-p, VREF = 2.0 V, unless otherwise noted)
(GND = AGND = 0 V, TAMB = –40 C to +85 C, CLKIN = 13 MHz, unless otherwise noted)
ADMC401
–3–
REV. B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com