Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMC401BST Datasheet(PDF) 36 Page - Analog Devices

Part # ADMC401BST
Description  Single-Chip, DSP-Based High Performance Motor Controller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMC401BST Datasheet(HTML) 36 Page - Analog Devices

Back Button ADMC401BST Datasheet HTML 32Page - Analog Devices ADMC401BST Datasheet HTML 33Page - Analog Devices ADMC401BST Datasheet HTML 34Page - Analog Devices ADMC401BST Datasheet HTML 35Page - Analog Devices ADMC401BST Datasheet HTML 36Page - Analog Devices ADMC401BST Datasheet HTML 37Page - Analog Devices ADMC401BST Datasheet HTML 38Page - Analog Devices ADMC401BST Datasheet HTML 39Page - Analog Devices ADMC401BST Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 60 page
background image
REV. B
ADMC401
–36–
rate of 1.08 MHz. In general, the maximum encoder rate that
can be consistently recognized is given by:
f
f
N
ENCMAX
CLKOUT
=
×+
61
()
Operation of both the input synchronization logic and the
noise filters is shown in Figure 30 for the default case where
EIUFILTER(5::0) = 0x00 and the noise filters are clocked at
CLKOUT.
CLKOUT
EIA
EIB
EIAS
EIBS
A
B
3tCK
3tCK
NOISE PULSE
1tCK
Figure 30. Operation of input synchronization and noise
filters of encoder interface with EIUFILTER(5:0) = 0x00
such that the filters are operated at CLKOUT.
The default value for EIUFILTER(5::0) following a power on
or reset is 0x00 so that the EIU filters are clocked at the CLK-
OUT rate and minimal filtering is applied. There is a direct
trade-off between the amount of filtering applied to the encoder
inputs and the maximum possible encoder signal rate. In effect,
the larger the value of EIUFILTER(5::0), the more filtering that
is applied to the encoder signals, so that, for a given number of
encoder lines, the maximum speed of rotation is lower.
The influence of the encoder filter on the zero marker signals
(EIZ and EIS) can be somewhat different that on the EIA or
EIB signals, depending on the exact nature of the encoder. In
common incremental encoders, the width of the zero marker
can be equal to a quarter, a half or a full period of one of the
quadrature signals (say EIA). Applying the three-stage delay
filter to a zero marker whose width is either equal to half or a
full quadrature pulse period does not change the achievable
maximum encoder rate. However, the maximum possible en-
coder rate is changed if the three-stage filter is applied in the
case where the width of the zero marker is equal to a quarter of
the EIA or EIB period. In this case the influence of the three-
stage delay filter is to effectively half the maximum encoder
signal rate to that described above (or 2.15 MHz for a 26 MHz
CLKOUT rate).
Encoder Counter Direction
The direction of quadrature counting is determined by Bit 0
(REV) of the EIUCTRL register. If the REV bit is cleared, the
signal at the EIA pin is fed to the A input to the quadrature
counter and the EIB pin is fed to the B input. Thus, if the EIA-
encoder signal leads the EIB-signal (and therefore the A signal
leads the B signal), the quadrature counter is incremented on
each edge. This (A signal leads the B signal) is defined as the
forward direction of motion. Setting Bit 0 of the EIUCTRL regis-
ter causes the signal at the EIA pin to be fed to the B input to
the quadrature counter and the signal EIB becomes the A input
to the quadrature counter. Therefore, if the EIA signal led the
EIB signal at the pins of the ADMC401, the A input to the
quadrature counter will now lag the B input. This will be recog-
nized as rotation in the reverse direction and the counter will be
decremented on each quadrature pulse. Following a reset, the
REV bit is cleared.
The two encoder signals are used to derive a quadrature signal
that is used, in conjunction with a direction bit, to increment or
decrement the encoder counter and also the encoder event
timer. The status of the direction signal is indicated at Bit 1
of the EIUSTAT register. While the encoder counter is incre-
menting, Bit 1 is set. Alternatively, when the encoder counter
is decrementing, Bit 1 of the EIUSTAT register is cleared.
Alternative Frequency and Direction Inputs
Instead of the quadrature EIA and EIB encoder inputs, the
encoder interface unit can also accept alternative Frequency and
Direction Inputs. This mode is enabled by setting Bit 6 of the
EIUCTRL register. In this so-called FD Mode, the EIA input
pin accepts a frequency signal and the EIB pin accepts the di-
rection signal. The signal on these pins are subject to the same
synchronization and filtering logic as described previously. How-
ever, in this mode the quadrature counter is incremented or
decremented on both the falling and rising edges of the signal
on the EIA pin. If the EIB pin is LO, forward operation is as-
sumed and the counter is incremented on each edge of the fre-
quency signal on the EIA input. On the other hand, if the EIB
pin is HI, reverse rotation is assumed and the quadrature
counter is decremented at each edge of the signal on the EIA
pin. On power-up or reset, Bit 6 of the EIUCTRL register is
cleared so that this mode is disabled by default. The following
modes are not supported when FD Mode is enabled: Encoder
Counter Reset mode, Single North Marker mode, and Encoder
Error Checking mode. In other words, when Bit 6 of EIUCTRL
is set, Bits 1, 2, and 3 should be cleared.
Encoder Counter Reset
The ZERO bit (Bit 1) of the EIUCTRL register determines if
the encoder zero marker is used to hardware reset the up/down
counter of the encoder interface. When Bit 1 of the EIUCTRL
register is set, the zero marker signal on the EIZ pin is used to
reset the up/down counter to zero (if moving in the forward
direction) or to the value in the EIUMAXCNT register (if mov-
ing in the reverse direction). The reset operation takes place on
the next quadrature pulse after the zero marker has been recog-
nized. In order to ensure correct encoder counting (no missing
or spurious codes) the logic in the encoder counter latches the
conditions (appropriate encoder edge) at which the first reset is
performed. Thereafter, irrespective of operating conditions, the
encoder reset operation is always aligned with the same encoder
edge. For example, if the first reset operation occurs on the
rising edge of B and the encoder is moving in the forward direc-
tion, then all subsequent reset operations are aligned with the
rising edge of the B signal (while moving in the forward direc-
tion) and on the falling edge of B for rotation in the reverse
direction. In order to account for zero marker signals of differ-
ent widths, the zero marker will be recognized as the rising edge
of the EIZ signal when moving in the forward direction. When



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com