Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMC401BST Datasheet(PDF) 46 Page - Analog Devices

Part # ADMC401BST
Description  Single-Chip, DSP-Based High Performance Motor Controller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMC401BST Datasheet(HTML) 46 Page - Analog Devices

Back Button ADMC401BST Datasheet HTML 42Page - Analog Devices ADMC401BST Datasheet HTML 43Page - Analog Devices ADMC401BST Datasheet HTML 44Page - Analog Devices ADMC401BST Datasheet HTML 45Page - Analog Devices ADMC401BST Datasheet HTML 46Page - Analog Devices ADMC401BST Datasheet HTML 47Page - Analog Devices ADMC401BST Datasheet HTML 48Page - Analog Devices ADMC401BST Datasheet HTML 49Page - Analog Devices ADMC401BST Datasheet HTML 50Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 60 page
background image
REV. B
ADMC401
–46–
Address
Name
Type
Bits
Reset Value
Function
0x2046
PIOINTEN
R/W
[11 ...4]
0x000
PIO Interrupt Enable
0x2047
PIOFLAG
R
[11 ...4]
PIO Interrupt Flag (PIO4 to PIO11)
0x2048–0x204F
Reserved
0x2050
ETUA0
R
[15 ...0]
Event A Capture–Channel 0
0x2051
ETUB0
R
[15 ...0]
Event B Capture–Channel 0
0x2052
ETUAA0
R
[15 ...0]
Event AA Capture–Channel 0
0x2053
ETUA1
R
[15 ...0]
Event A Capture–Channel 1
0x2054
ETUB1
R
[15 ...0]
Event B Capture–Channel 1
0x2055
ETUAA1
R
[15 ...0]
Event AA Capture–Channel 1
0x2056
ETUTIME
R
[15 ...0]
ETU Timer Value
0x2057–0x205B
Reserved
0x205C
ETUCONFIG
R/W
[7 . . . 0]
0x00
ETU Configuration Register
0x205D
ETUDIVIDE
R/W
[15 ...0]
0x0000
ETU Clock Divide Register
0x205E
ETUSTAT
R
[1 . . . 0]
ETU Status Register
0x205F
ETUCTRL
R/W
[1 . . . 0]
0x0
ETU Control Register
0x2060
PWMSYNCWT
R/W
[7 . . . 0]
0x27
PWMSYNC Width Control
0x2061
PWMSWT
R/W
[0]
0x0
PWM Software Trip
0x2062–0x206F
Reserved
0x2070
EETN
R/W
[7 . . . 0]
0x00
EET Pulse Decimator Register
0x2071
EETDIV
R/W
[15 ...0]
0x0000
EET Clock Divider Register
0x2072
EETDELTAT
R
[15 ...0]
0x0000
EET Delta Timer Register
0x2073
EETT
R
[15 ...0]
0x0000
EET Timer Period Register
0x2074
EETSTAT
R
[0]
0x0
EET Status Register
0x2075–0x23FF
Reserved
Table IX. DSP Core Register Map of the ADMC401
Address
Name
Type
Bits
Function
0x3FFF
SYSCNTL
R/W
[15 . . . 0]
System Control Register
0x3FFE
MEMWAIT
R/W
[15 . . . 0]
Memory Wait State Control
0x3FFD
TPERIOD
R/W
[15 . . . 0]
Interval Timer Period Register
0x3FFC
TCOUNT
R/W
[15 ...0
Interval Timer Count Register
0x3FFB
TSCALE
R/W
[7 . . . 0]
Interval Timer Scale Register
0x3FFA
SPORT0_RX_WORDS1
R/W
[15 . . . 0]
SPORT0 Mutlichannel Word 1 Receive
0x3FF9
SPORT0_RX_WORDS0
R/W
[15 . . . 0]
SPORT0 Mutlichannel Word 0 Receive
0x3FF8
SPORT0_TX_WORDS1
R/W
[15 . . . 0]
SPORT0 Mutlichannel Word 1 Transmit
0x3FF7
SPORT0_TX_WORDS0
R/W
[15 . . . 0]
SPORT0 Mutlichannel Word 0 Transmit
0x3FF6
SPORT0_CTRL_REG
R/W
[15 . . . 0]
SPORT0 Control Register
0x3FF5
SPORT0_SCLKDIV
R/W
[15 . . . 0]
SPORT0 Clock Divide Register
0x3FF4
SPORT0_RFSDIV
R/W
[15 . . . 0]
SPORT0 Receive Frame Sync Divide
0x3FF3
SPORT0_AUTOBUF_CTRL
R/W
[15 . . . 0]
SPORT0 Autobuffer Control Register
0x3FF2
SPORT1_CTRL_REG
R/W
[15 . . . 0]
SPORT1 Control Register
0x3FF1
SPORT1_SCLKDIV
R/W
[15 . . . 0]
SPORT1 Clock Divide Register
0x3FF0
SPORT1_RFSDIV
R/W
[15 . . . 0]
SPORT1 Receive Frame Sync Divide
0x3FEF
SPORT1_AUTOBUF_CTRL
R/W
[15 . . . 0]
SPORT1 Autobuffer Control Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com