Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN2850 Datasheet(PDF) 1 Page - Analog Devices

Part # ADN2850
Description  Nonvolatile Memory, Dual 1024 Position Programmable Resistors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2850 Datasheet(HTML) 1 Page - Analog Devices

  ADN2850 Datasheet HTML 1Page - Analog Devices ADN2850 Datasheet HTML 2Page - Analog Devices ADN2850 Datasheet HTML 3Page - Analog Devices ADN2850 Datasheet HTML 4Page - Analog Devices ADN2850 Datasheet HTML 5Page - Analog Devices ADN2850 Datasheet HTML 6Page - Analog Devices ADN2850 Datasheet HTML 7Page - Analog Devices ADN2850 Datasheet HTML 8Page - Analog Devices ADN2850 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
REV. B
a
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2002
ADN2850*
Nonvolatile Memory, Dual
1024-Position Programmable Resistors
FUNCTIONAL BLOCK DIAGRAM
ADDR
DECODE
ADN2850
RDAC1
SERIAL
INTERFACE
CS
CLK
SDI
SDO
PR
WP
RDY
VDD
VSS
GND
RDAC1
REGISTER
EEMEM1
RDAC2
REGISTER
EEMEM2
26 BYTES
USER EEMEM
PWR ON
PRESET
EEMEM
CONTROL
W1
B1
RDAC2
W2
B2
CURRENT
MONITOR
I1
I2
V1
V2
CODE – Decimal
100
75
0
0
1023
256
512
768
50
25
Figure 1. RWB(D) vs. Decimal Code
FEATURES
Dual, 1024-Position Resolution
25 k , 250 k
Full-Scale Resistance
Low Temperature Coefficient: 35 ppm/ C
Nonvolatile Memory1 Preset Maintains Wiper Settings
Permanent Memory Write-Protection
Wiper Settings Read Back
Actual Tolerance Stored in EEMEM1
Linear Increment/Decrement
Log Taper Increment/Decrement
SPI Compatible Serial Interface
3 V to 5 V Single Supply or
2.5 V Dual Supply
26 Bytes User Nonvolatile Memory for Constant Storage
Current Monitoring Configurable Function
100-Year Typical Data Retention TA = 55 C
APPLICATIONS
SONET, SDH, ATM, Gigabit Ethernet, DWDM Laser
Diode Driver Optical Supervisory Systems
GENERAL DESCRIPTION
The ADN2850 provides dual-channel, digitally controlled program-
mable resistors
2 with resolution of 1024 positions. These devices
perform the same electronic adjustment function as a mechanical
rheostat with enhanced resolution, solid-state reliability, and
superior low temperature coefficient performance. The ADN2850’s
versatile programming via a standard serial interface allows
16 modes of operation and adjustment, including scratch pad pro-
gramming, memory storing and retrieving, increment/decrement,
log taper adjustment, wiper setting readback, and extra user
defined EEMEM
1.
Another key feature of the ADN2850 is that the actual tolerance
is stored in the EEMEM. The actual full-scale resistance can
therefore be known, which is valuable for tolerance matching
and calibration.
In the scratch pad programming mode, a specific setting can be
programmed directly to the RDAC
2 register, which sets the resis-
tance between terminals W and B. The RDAC register can also
be loaded with a value previously stored in the EEMEM register.
The value in the EEMEM can be changed or protected. When
changes are made to the RDAC register, the value of the new
setting can be saved into the EEMEM. Thereafter, such value will
be transferred automatically to the RDAC register during system
power ON, which is enabled by the internal preset strobe.
EEMEM can also be retrieved through direct programming and
external preset pin control.
The linear step increment and decrement commands enable the
setting in the RDAC register to be moved UP or DOWN, one step
at a time. For logarithmic changes in wiper setting, a left/right
bit shift command adjusts the level in
±6 dB steps.
The ADN2850 is available in the 5 mm
5 mm 16-lead frame chip
scale LFCSP and thin 16-lead TSSOP packages. All parts are
guaranteed to operate over the extended industrial temperature
range of –40
°C to +85°C.
*Patent pending
NOTES
1The term nonvolatile memory and EEMEM are used interchangeably.
2The term programmable resistor and RDAC are used interchangeably.


Similar Part No. - ADN2850

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2850 AD-ADN2850 Datasheet
604Kb / 28P
Nonvolatile Memory, Dual 1024-Position Digital Resistor
Rev. E
ADN2850 AD-ADN2850 Datasheet
749Kb / 30P
Nonvolatile Memory, Dual 1024-Position Digital Resistor
4/16-Rev. E to Rev. F
ADN2850BCPZ25 AD-ADN2850BCPZ25 Datasheet
604Kb / 28P
Nonvolatile Memory, Dual 1024-Position Digital Resistor
Rev. E
ADN2850BCPZ25 AD-ADN2850BCPZ25 Datasheet
749Kb / 30P
Nonvolatile Memory, Dual 1024-Position Digital Resistor
4/16-Rev. E to Rev. F
ADN2850BCPZ25-RL7 AD-ADN2850BCPZ25-RL7 Datasheet
604Kb / 28P
Nonvolatile Memory, Dual 1024-Position Digital Resistor
Rev. E
More results

Similar Description - ADN2850

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5235 AD-AD5235 Datasheet
102Kb / 10P
Nonvolatile Memory, Dual 1024 Position Digital Potentiometers
06-Nov-2000
AD5231 AD-AD5231 Datasheet
562Kb / 24P
Nonvolatile Memory, 1024-Position Digital Potentiometers
REV.0
AD5235-EP AD-AD5235-EP Datasheet
376Kb / 16P
Nonvolatile Memory, Dual 1024-Position Digital Potentiometer
REV. 0
AD5235BRUZ250 AD-AD5235BRUZ250 Datasheet
788Kb / 32P
Nonvolatile Memory, Dual 1024-Position Digital Potentiometer
Rev. F
ADN2850BRUZ25-RL7 AD-ADN2850BRUZ25-RL7 Datasheet
604Kb / 28P
Nonvolatile Memory, Dual 1024-Position Digital Resistor
Rev. E
AD5232BRUZ10-REEL7 AD-AD5232BRUZ10-REEL7 Datasheet
867Kb / 24P
Nonvolatile Memory,Dual 256-Position Digital Potentiometer
REV. C
AD5231 AD-AD5231_15 Datasheet
536Kb / 28P
Nonvolatile Memory, 1024-Position Digital Potentiometer
REV. D
AD5235 AD-AD5235_15 Datasheet
788Kb / 32P
Nonvolatile Memory, Dual 1024-Position Digital Potentiometer
Rev. F
ADN2850 AD-ADN2850_15 Datasheet
604Kb / 28P
Nonvolatile Memory, Dual 1024-Position Digital Resistor
Rev. E
ADN2850 AD-ADN2850_16 Datasheet
749Kb / 30P
Nonvolatile Memory, Dual 1024-Position Digital Resistor
4/16-Rev. E to Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com