Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOZ5007 Datasheet(PDF) 8 Page - Alpha & Omega Semiconductors

Part # AOZ5007
Description  High-Current, High-Performance DrMOS Power Module
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ5007 Datasheet(HTML) 8 Page - Alpha & Omega Semiconductors

Back Button AOZ5007 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ5007 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ5007 Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ5007 Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ5007 Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ5007 Datasheet HTML 9Page - Alpha & Omega Semiconductors AOZ5007 Datasheet HTML 10Page - Alpha & Omega Semiconductors AOZ5007 Datasheet HTML 11Page - Alpha & Omega Semiconductors AOZ5007 Datasheet HTML 12Page - Alpha & Omega Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Rev. 1.1 October 2011
www.aosmd.com
Page 8 of 16
AOZ5007
Typical Performance Characteristics (Continued)
Fig 11. PWM Input Threshold vs. Temperature
Fig 12. PWM Input Tristate Threshold vs. Temperature
Fig 13. PWM Input Tri State Hold Off Time vs. Temperature
Fig 14. DISB Input Threshold vs. Temperature
Fig 15. SMOD Input Threshold vs. Temperature
Temperature (°C)
Temperature (°C)
Temperature (°C)
Temperature (°C)
Temperature (°C)
DISB Rising Threshold
DISB Falling Threshold
-40
-20
0
20
40
60
80
100
120
140
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
-40
-20
0
20
40
60
80
100
120
140
240
220
200
180
160
140
120
-40
-20
0
20
40
60
80
100
120
140
1.8
1.7
1.6
1.5
1.4
1.3
1.2
1.8
1.7
1.6
1.5
1.4
1.3
1.2
-40
-20
0
20
40
60
80
100
120
140
-40
-20
0
20
40
60
80
100
120
140
VCIN Rising Threshold
VCIN Falling Threshold
VCIN Rising Threshold
VCIN Falling Threshold
IOUT = 0A
DISB Ramp Down
DISB Ramp Up
IOUT = 0A
SMOD Threshold High
SMOD Threshold Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com