Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOZ5007 Datasheet(PDF) 1 Page - Alpha & Omega Semiconductors

Part # AOZ5007
Description  High-Current, High-Performance DrMOS Power Module
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ5007 Datasheet(HTML) 1 Page - Alpha & Omega Semiconductors

  AOZ5007 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOZ5007 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOZ5007 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOZ5007 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ5007 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ5007 Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ5007 Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ5007 Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ5007 Datasheet HTML 9Page - Alpha & Omega Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Rev. 1.1 October 2011
www.aosmd.com
Page 1 of 16
AOZ5007
High-Current, High-Performance
DrMOS Power Module
General Description
The AOZ5007 is a high efficiency synchronous buck
power stage module consisting of two asymmetrical
MOSFETs and an integrated driver. The MOSFETs are
individually optimized for operation in the synchronous
buck configuration. The high side MOSFET has low
capacitance and gate charge for fast switching with low
duty cycle operation. The low side MOSFET has ultra low
RDS(ON) to minimize conduction losses.
The AOZ5007 is available with two PWM options.
AOZ5007QI is intended for use with TTL compatible
PWM inputs. AOZ5007QI-01 has lower thresholds on the
PWM signal and can operate with 3 V inputs. All other
parameters are identical for the two versions. Both
versions are tri-state compatible that allows both power
MOSFETs to be turned off.
A number of features are provided making the AOZ5007
a highly versatile power module. The boot supply diode is
integrated in the driver. The low side MOSFET can be
driven into diode emulation mode to provide
asynchronous operation when required. The pinout is
optimized for low inductance routing of the converter
keeping the parasitics and their effects to the minimum.
Features
Fully complies with Intel DrMOS Rev 4.0 specifications
4.5 V to 25 V input voltage range
4.5 V to 5.5 V driver supply range
Up to 50 A output current
Up to 1.5 MHz PWM operation
Tri state PWM input
Undervoltage protection
Integrated boot supply diode
Diode Emulation mode of operation
Thermal shutdown alarm with flag
Small 6x6 QFN-40L package
Applications
Servers
Notebook computers
VRMs for motherboards
Point of load DC/DC converters
Memory and graphic cards
Video gaming consoles
Typical Application Circuit
+5V
CGND
VOUT
PGND
VIN
5V to 25V
VDRV
VCIN
PWM
SMOD
DISB
THDN
BOOT
VIN
Cboot
Lout
Cin
Cout
PGND
CGND
VSWH
AOZ5007
PWM
Controller
Drive Logic
and
Dead Time
Control


Similar Part No. - AOZ5007

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ5007AQI AOSMD-AOZ5007AQI Datasheet
982Kb / 15P
High-Current, High-Performance DrMOS Power Module
Rev. 1.3 August 2022
More results

Similar Description - AOZ5007

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW8703 ANPEC-APW8703 Datasheet
313Kb / 18P
High-Performance, High-Current DrMOS Power Module
APW8707A ANPEC-APW8707A Datasheet
331Kb / 19P
High-Performance, High-Current DrMOS Power Module
logo
Alpha & Omega Semicondu...
AOZ5019 AOSMD-AOZ5019 Datasheet
616Kb / 13P
High-Current, High-Performance DrMOS Power Module
logo
Anpec Electronics Corop...
APW8706 ANPEC-APW8706 Datasheet
360Kb / 19P
High-Performance, High-Current DrMOS Power Module
logo
Alpha & Omega Semicondu...
AOZ5007AQI AOSMD-AOZ5007AQI Datasheet
982Kb / 15P
High-Current, High-Performance DrMOS Power Module
Rev. 1.3 August 2022
AOZ5018QI AOSMD-AOZ5018QI Datasheet
1Mb / 16P
High-Current, High-Performance DrMOS Power Module
Rev. 1.0 December 2021
AOZ5316UQI AOSMD-AOZ5316UQI Datasheet
1Mb / 17P
High-Current, High-Performance DrMOS Power Module
Rev. 1.0 June 2020
AOZ5516QI-02 AOSMD-AOZ5516QI-02 Datasheet
2Mb / 17P
High-Current, High-Performance DrMOS Power Module
Rev. 2.0 May 2020
AOZ5518QI AOSMD-AOZ5518QI Datasheet
2Mb / 16P
High-Current, High-Performance DrMOS Power Module
Rev. 1.0 December 2020
AOZ5612BQI AOSMD-AOZ5612BQI Datasheet
2Mb / 17P
High-Current, High-Performance DrMOS Power Module
Rev. 1.1 May 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com