Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1073 Datasheet(PDF) 13 Page - Analog Devices

Part # ADP1073
Description  Micropower DC.DC Converter Adjustable and Fixed 3.3 V, 5 V, 12 V
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1073 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADP1073 Datasheet HTML 8Page - Analog Devices ADP1073 Datasheet HTML 9Page - Analog Devices ADP1073 Datasheet HTML 10Page - Analog Devices ADP1073 Datasheet HTML 11Page - Analog Devices ADP1073 Datasheet HTML 12Page - Analog Devices ADP1073 Datasheet HTML 13Page - Analog Devices ADP1073 Datasheet HTML 14Page - Analog Devices ADP1073 Datasheet HTML 15Page - Analog Devices ADP1073 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
ADP1073
–13–
REV. 0
100 F
1N5818
ILIM
VIN
SW1
SW2
GND
ADP1073-12
L1*
150 H
100 F
SENSE
*L1 = GOWANDA GA20-153k
OR CADDELL-BURNS 7200-15
5 VIN
12V OUTPUT
100mA AT 4.5 VIN
Figure 32. 5 V to 12 V Step-Up Converter
1N5818
L1*
82 H
100 F
5V OUTPUT
SHUTDOWN
OPERATE
74C04
1N4148
40.2k **
1.5 VOLT
CELL
909k **
*L1 = GOWANDA GA10-822k
OR CADDELL-BURNS 7200-12
**1% METAL FILM
ILIM
VIN
SW1
SW2
GND
ADP1073
FB
Figure 33. 1.5 V to 5 V Step-Up Converter with Logic
Shutdown
*L1 = GOWANDA GA10-822k
OR CADDELL-BURNS 7300-12
**1% METAL FILM
1N5818
ILIM VIN
SW1
SW2
GND
ADP1073-5
L1*
82 H
100 F
SENSE
5V OUTPUT
100k **
1.5 VOLT
CELL
LO BATT
GOES LOW
AT VBATTERY = 1.15V
442k **
AO
SET
7
100k
Figure 34. 1.5 V to 5 V Step-Up Converter with Low
Battery Detector
*L1 = GOWANDA GA10-103k
OR CADDELL-BURNS 7300-13
1N5818
ILIM
VIN
SW1
SW2
GND
ADP1073
100 F
220
FB
9 VOLT
BATTERY
3V OUTPUT
L1*
100 H
536k
40.2k
Figure 35. 9 V to 3 V Step-Down Converter
*L1 = GOWANDA GA10-103k
OR CADDELL-BURNS 7300-13
1N5818
ILIM
VIN
SW1
SW2
GND
ADP1073-5
100 F
220
SENSE
9 VOLT
BATTERY
5V OUTPUT
L1*
100 H
Figure 36. 9 V to 5 V Step-Down Converter
*L1 = GOWANDA GA10-472k
OR CADDELL-BURNS 7300-14
MINIMUM START-UP VOLTAGE = 1.1V
ILIM
VIN
SW1
SW2
GND
ADP1073-5
100 F
56
SENSE
1.5 VOLT
CELL
5V OUTPUT
25mA
L1*
47 H
2N3906
2.2
1N5818
Figure 37. 1.5 V to 5 V Bootstrapped Step-Up Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com