Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1073 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP1073
Description  Micropower DC.DC Converter Adjustable and Fixed 3.3 V, 5 V, 12 V
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1073 Datasheet(HTML) 1 Page - Analog Devices

  ADP1073 Datasheet HTML 1Page - Analog Devices ADP1073 Datasheet HTML 2Page - Analog Devices ADP1073 Datasheet HTML 3Page - Analog Devices ADP1073 Datasheet HTML 4Page - Analog Devices ADP1073 Datasheet HTML 5Page - Analog Devices ADP1073 Datasheet HTML 6Page - Analog Devices ADP1073 Datasheet HTML 7Page - Analog Devices ADP1073 Datasheet HTML 8Page - Analog Devices ADP1073 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
ADP1073
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1997
Micropower DC–DC Converter
Adjustable and Fixed 3.3 V, 5 V, 12 V
FUNCTIONAL BLOCK DIAGRAMS
SET
VIN
GAIN BLOCK/
ERROR AMP
COMPARATOR
SW2
FB
GND
SW1
AO
ILIM
OSCILLATOR
DRIVER
A1
A2
212mV
REFERENCE
ADP1073
ADP1073
SET
VIN
GAIN BLOCK/
ERROR AMP
COMPARATOR
SW2
SENSE
GND
SW1
AO
ILIM
OSCILLATOR
DRIVER
A1
A2
212mV
REFERENCE
ADP1073-3.3
ADP1073-5
ADP1073-12
R2
904k
R1
ADP1073-3.3: R1 = 62.1k
ADP1073-5: R1 = 40k
ADP1073-12: R1 = 16.3k
ADP1073-3.3, 5, 12
FEATURES
Operates at Supply Voltages from 1.0 V to 30 V
Ground Current 100
A
Works in Step-Up or Step-Down Mode
Very Few External Components Required
Low Battery Detector On-Chip
User-Adjustable Current Limit
Internal 1 A Power Switch
Fixed and Adjustable Output Voltage Versions
8-Lead DIP or SO-8 Package
APPLICATIONS
Single-Cell to 5 V Converters
Laptop and Palmtop Computers
Pagers
Cameras
Battery Backup Supplies
Cellular Telephones
Portable Instruments
4 mA–20 mA Loop Powered Instruments
Hand-Held Inventory Computers
GENERAL DESCRIPTION
The ADP1073 is part of a family of step-up/step-down switch-
ing regulators that operates from an input supply voltage of as
little as 1.0 V. This extremely low input voltage allows the
ADP1073 to be used in applications requiring use of a single
cell battery as the primary power source.
The ADP1073 can be configured to operate in either step-up or
step-down mode but for input voltages greater than 3 V, the
ADP1173 is recommended.
An auxiliary gain amplifier can serve as a low battery detector or
linear regulator. Quiescent current on the ADP1073-5 is only
100
µA unloaded, making it ideal for systems where long battery
life is required.
The ADP1073 can deliver 40 mA at 5 V from an input voltage
range as low as 1.25 V, or 10 mA at 5 V from a 1.0 V input.
Current limiting is available by adding an external resistor.


Similar Part No. - ADP1073

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1073 AD-ADP1073 Datasheet
44Kb / 2P
Micropower DC-DC Converter Adjustable and Fixed 5 V, 12 V
REV. 0
ADP1073 AD-ADP1073_15 Datasheet
44Kb / 2P
Micropower DC-DC Converter Adjustable and Fixed 5 V, 12 V
REV. 0
More results

Similar Description - ADP1073

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1108 AD-ADP1108 Datasheet
234Kb / 12P
Micropower DC-DC Converter Adjustable and Fixed 3.3 V, 5 V, 12 V
REV.0
ADP1109 AD-ADP1109 Datasheet
131Kb / 8P
Micropower Low Cost Fixed 3.3 V, 5 V, 12 V and Adjustable DC-to-DC Converter
REV.0
ADP1109A AD-ADP1109A Datasheet
143Kb / 8P
Micropower Low Cost Fixed 3.3 V, 5 V, 12 V and Adjustable DC-to-DC Converter
REV.0
ADP1110 AD-ADP1110 Datasheet
418Kb / 16P
Micropower, Step-Up/Step-Down Switching Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V
REV.0
ADP1111 AD-ADP1111 Datasheet
406Kb / 16P
Micropower, Step-Up/Step-Down SW Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V
REV.0
ADP1111 AD-ADP1111_09 Datasheet
322Kb / 15P
Micropower, Step-Up/Step-Down SW Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. A
ADP1111ANZ AD-ADP1111ANZ Datasheet
322Kb / 15P
Micropower, Step-Up/Step-Down SW lator; Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. A
ADP1073 AD-ADP1073_15 Datasheet
44Kb / 2P
Micropower DC-DC Converter Adjustable and Fixed 5 V, 12 V
REV. 0
ADP1108 AD-ADP1108_15 Datasheet
241Kb / 12P
Micropower, DC-DC Converter Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. 0
ADP1109A AD-ADP1109A_15 Datasheet
151Kb / 8P
Micropower Low Cost Fixed 3.3 V, 5 V, 12 V and Adjustable DC-to-DC Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com