Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1110 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP1110
Description  Micropower, Step-Up/Step-Down Switching Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1110 Datasheet(HTML) 1 Page - Analog Devices

  ADP1110 Datasheet HTML 1Page - Analog Devices ADP1110 Datasheet HTML 2Page - Analog Devices ADP1110 Datasheet HTML 3Page - Analog Devices ADP1110 Datasheet HTML 4Page - Analog Devices ADP1110 Datasheet HTML 5Page - Analog Devices ADP1110 Datasheet HTML 6Page - Analog Devices ADP1110 Datasheet HTML 7Page - Analog Devices ADP1110 Datasheet HTML 8Page - Analog Devices ADP1110 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
ADP1110
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
World Wide Web Site: http://www.analog.com
Fax: 617/326-8703
© Analog Devices, Inc., 1996
Micropower, Step-Up/Step-Down Switching
Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V
FUNCTIONAL BLOCK DIAGRAMS
SENSE
A0
DRIVER
ILIM
SW1
SW2
VIN
SET
220mV
REFERENCE
GAIN BLOCK/
ERROR AMP
A2
A1
Q1
OSCILLATOR
ADP1110
GND
COMPARATOR
R1
R2
300k
Ω
ADP1110 Block Diagram—Fixed Output Version
A0
DRIVER
ILIM
SW1
SW2
VIN
GND
SET
220mV
REFERENCE
GAIN BLOCK/
ERROR AMP
COMPARATOR
FB
A2
A1
Q1
OSCILLATOR
ADP1110
ADP1110 Block Diagram—Adjustable Output Version
FEATURES
Operates at Supply Voltages From 1.0 V to 30 V
Step-Up or Step-Down Mode
Minimal External Components Required
Low-Battery Detector
User-Adjustable Current Limiting
Fixed or Adjustable Output Voltage Versions
8-Pin DIP or SO-8 Package
APPLICATIONS
Cellular Telephones
Single-Cell to 5 V Converters
Laptop and Palmtop Computers
Pagers
Cameras
Battery Backup Supplies
Portable Instruments
Laser Diode Drivers
Hand-Held Inventory Computers
GENERAL DESCRIPTION
The ADP1110 is part of a family of step-up/step-down switch-
ing regulators that operate from an input voltage supply as little
as 1.0 V. This very low input voltage allows the ADP1110 to be
used in applications that use a single cell as the primary power
source.
The ADP1110 can be configured to operate in either step-up or
step-down mode, but for input voltages greater than 3 V, the
ADP1111 would be a more effective solution.
An auxiliary gain amplifier can serve as a low battery detector or
as a linear regulator.
The quiescent current of 300
µA makes the ADP1110 useful in
remote or battery powered applications.
The 70 kHz frequency operation also allows for the use of
surface-mount external capacitors and inductors.
Battery protection circuitry limits the effect of reverse current to
safe levels at reverse voltages up to 1.6 V.


Similar Part No. - ADP1110

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1110 AD-ADP1110_15 Datasheet
426Kb / 16P
Micropower, Step-Up/Step-Down Switching Regulator Adjustable and Fixed 5 V, 12 V
REV. 0
More results

Similar Description - ADP1110

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1073 AD-ADP1073 Datasheet
442Kb / 16P
Micropower DC.DC Converter Adjustable and Fixed 3.3 V, 5 V, 12 V
REV.0
ADP1108 AD-ADP1108 Datasheet
234Kb / 12P
Micropower DC-DC Converter Adjustable and Fixed 3.3 V, 5 V, 12 V
REV.0
ADP1111 AD-ADP1111 Datasheet
406Kb / 16P
Micropower, Step-Up/Step-Down SW Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V
REV.0
ADP3000 AD-ADP3000 Datasheet
342Kb / 12P
Micropower Step-Up/Step-Down Fixed 3.3 V, 5 V, 12 V and Adjustable High Frequency Switching Regulator
REV.0
ADP1111 AD-ADP1111_09 Datasheet
322Kb / 15P
Micropower, Step-Up/Step-Down SW Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. A
ADP1111ANZ AD-ADP1111ANZ Datasheet
322Kb / 15P
Micropower, Step-Up/Step-Down SW lator; Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. A
ADP3000AN-33 AD-ADP3000AN-33 Datasheet
650Kb / 16P
Micropower Step-Up/Step-Down Fixed 3.3 V, 5 V, 12 V, Adjustable High Frequency Switching Regulator
REV. A
ADP1108 AD-ADP1108_15 Datasheet
241Kb / 12P
Micropower, DC-DC Converter Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. 0
ADP1110 AD-ADP1110_15 Datasheet
426Kb / 16P
Micropower, Step-Up/Step-Down Switching Regulator Adjustable and Fixed 5 V, 12 V
REV. 0
ADP1111 AD-ADP1111_15 Datasheet
322Kb / 15P
Micropower, Step-Up/Step-Down SW Regulator Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com