Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1111 Datasheet(PDF) 13 Page - Analog Devices

Part # ADP1111
Description  Micropower, Step-Up/Step-Down SW Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1111 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADP1111 Datasheet HTML 8Page - Analog Devices ADP1111 Datasheet HTML 9Page - Analog Devices ADP1111 Datasheet HTML 10Page - Analog Devices ADP1111 Datasheet HTML 11Page - Analog Devices ADP1111 Datasheet HTML 12Page - Analog Devices ADP1111 Datasheet HTML 13Page - Analog Devices ADP1111 Datasheet HTML 14Page - Analog Devices ADP1111 Datasheet HTML 15Page - Analog Devices ADP1111 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
ADP1111
–13–
REV. 0
The circuit of Figure 27b may produce multiple pulses when
approaching the trip point due to noise coupled into the SET
input. To prevent multiple interrupts to the digital logic,
hysteresis can be added to the circuit (Figure 27). Resistor
RHYS, with a value of 1 M
Ω to 10 MΩ, provides the hysteresis.
The addition of RHYS will change the trip point slightly, so the
new value for R1 will be:
R1
=
V LOBATT − 1.25 V
1.25 V
R2


V L − 1.25 V
RL + RHYS


where VL is the logic power supply voltage, RL is the pull-up
resistor, and RHYS creates the hysteresis.
ADP1111
1.25V
REF
GND
AO
5V
RL
47k
TO
PROCESSOR
R1
R2
VBAT
VIN
SET
RHYS
33k
1.6M
Figure 27b.
APPLICATION CIRCUITS
All Surface Mount 3 V to 5 V Step-Up Converter
This is the most basic application (along with the basic step-
down configuration to follow) of the ADP1111. It takes full
advantage of surface mount packaging for all the devices used in
the design. The circuit can provide +5 V at 100 mA of output
current and can be operated off of battery power for use in
portable equipment.
+
L1
D1
CL
33µF
OUTPUT
R3*
(OPTIONAL)
MBRS120T3
20µH
CTX20-4
(5V @ 100mA)
INPUT +3V
ILIM VIN
SW2
SW1
SENSE
GND
SET
AO
ADP1111-5
NC
1
2
6
7
5
3
8
NC
4
Figure 28. All Surface Mount +3 V to +5 V Step-Up Converter
9 V to 5 V Step-Down Converter
This circuit uses a 9 V battery to generate a +5 V output. The
circuit will work down to 6.5 V, supplying 50 mA at this lower
limit. Switch current is limited to around 500 mA by the 100
resistor.
ILIM VIN SW1
SW2
SENSE
GND
SET
AO
ADP1111-5
NC
L1
CL
22µF
D1
1N5818
RLIM
100
1
+
15µH
CTX15-4
INPUT
2
3
6
7
5
4
8
NC
OUTPUT
(9VIN TO 5V @ 150mA,
6.5VIN TO 5V @ 50mA)
9V
Figure 29. 9 V to 5 V Step-Down Converter
20 V to 5 V Step-Down Converter
This circuit is similar to Figure 29, except it supplies much
higher output current and operates over a much wider range of
input voltage. As in the previous examples, switch current is
limited to 500 mA.
ILIM VIN SW1
SW2
SENSE
GND
SET
AO
ADP1111-5
NC
L1
CL
47µF
D1
1N5818
RLIM
100
1
+
68µH
CTX68-4
12V TO 28V
INPUT
2
3
6
7
5
4
8
NC
OUTPUT
(+5V @ 300mA)
Figure 30. 20 V to 5 V Step-Down Converter
+5 V to –5 V Converter
This circuit is essentially identical to Figure 22, except it uses a
fixed-output version of the ADP1111 to simplify the design
somewhat.
ILIM VIN SW1
SW2
GND
SET
AO
ADP1111-5
NC
L1
CL
33µF
D1
1N5818
RLIM
100
1
+
33µH
CTX33-2
12V TO 28V
INPUT
2
3
6
7
5
4
8
NC
–5V
@ 75mA
SENSE
Figure 31. +5 V to –5 V Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com