Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1111 Datasheet(PDF) 3 Page - Analog Devices

Part # ADP1111
Description  Micropower, Step-Up/Step-Down SW Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1111 Datasheet(HTML) 3 Page - Analog Devices

  ADP1111 Datasheet HTML 1Page - Analog Devices ADP1111 Datasheet HTML 2Page - Analog Devices ADP1111 Datasheet HTML 3Page - Analog Devices ADP1111 Datasheet HTML 4Page - Analog Devices ADP1111 Datasheet HTML 5Page - Analog Devices ADP1111 Datasheet HTML 6Page - Analog Devices ADP1111 Datasheet HTML 7Page - Analog Devices ADP1111 Datasheet HTML 8Page - Analog Devices ADP1111 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
ADP1111
–3–
REV. 0
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the ADP1111 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
ORDERING GUIDE
Model
Output Voltage
Package*
ADP1111AN
ADJ
N-8
ADP1111AR
ADJ
SO-8
ADP1111AN-3.3
3.3 V
N-8
ADP1111AR-3.3
3.3 V
SO-8
ADP1111AN-5
5 V
N-8
ADP1111AR-5
5 V
SO-8
ADP1111AN-12
12 V
N-8
ADP1111AR-12
12 V
SO-8
*N = Plastic DIP, SO = Small Outline Package.
ABSOLUTE MAXIMUM RATINGS
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 36 V
SW1 Pin Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50 V
SW2 Pin Voltage . . . . . . . . . . . . . . . . . . . . . . . . –0.5 V to VIN
Feedback Pin Voltage (ADP1111) . . . . . . . . . . . . . . . . . 5.5 V
Switch Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.5 A
Maximum Power Dissipation . . . . . . . . . . . . . . . . . . 500 mW
Operating Temperature Range
ADP1111A . . . . . . . . . . . . . . . . . . . . . . . . . . . 0
°C to +70°C
Storage Temperature Range . . . . . . . . . . . . . –65
°C to 150°C
Lead Temperature (Soldering, 10 sec) . . . . . . . . . . . . . 300
°C
PIN DESCRIPTIONS
Mnemonic
Function
ILIM
For normal conditions this pin is connected to
VIN. When lower current is required, a resistor
should be connected between ILIM and VIN.
Limiting the switch current to 400 mA is achieved
by connecting a 220
Ω resistor.
VIN
Input Voltage.
SW1
Collector Node of Power Transistor. For step-
down configuration, connect to VIN. For step-up
configuration, connect to an inductor/diode.
SW2
Emitter Node of Power Transistor. For step-
down configuration, connect to inductor/diode.
For step-up configuration, connect to ground.
Do not allow this pin to go more than a diode
drop below ground.
GND
Ground.
AO
Auxiliary Gain (GB) Output. The open collector
can sink 300
µA. It can be left open if unused.
SET
Gain Amplifier Input. The amplifier’s positive
input is connected to SET pin and its negative
input is connected to the 1.25 V reference. It can
be left open if unused.
FB/SENSE
On the ADP1111 (adjustable) version this pin
is connected to the comparator input. On the
ADP1111-3.3, ADP1111-5 and ADP1111-12,
the pin goes directly to the internal application
resistor that sets output voltage.
WARNING!
ESD SENSITIVE DEVICE
TYPICAL APPLICATION
10µF
(OPTIONAL)
ILIM
VIN
SW1
SW2
GND
ADP1111AR-5
SUMIDA
CD54-220K
22µH
5V
100mA
33µF
SENSE
3V
INPUT
MBRS120T3
Figure 1. 3 V to 5 V Step-Up Converter
PIN CONFIGURATIONS
8-Lead Plastic DIP
8-Lead SOIC
(N-8)
(SO-8)
A0
ILIM
SW1
GND
VIN
SW2
*FIXED VERSIONS
FB (SENSE)*
SET
1
2
3
4
8
7
6
5
ADP1111
TOP VIEW
(Not to Scale)
A0
ILIM
SW1
GND
VIN
SW2
*FIXED VERSIONS
FB (SENSE)*
SET
1
2
3
4
8
7
6
5
ADP1111
TOP VIEW
(Not to Scale)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com