Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3020 Datasheet(PDF) 21 Page - Analog Devices

Part # ADP3020
Description  High-Efficiency Notebook Computer Power Supply Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3020 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADP3020 Datasheet HTML 14Page - Analog Devices ADP3020 Datasheet HTML 15Page - Analog Devices ADP3020 Datasheet HTML 16Page - Analog Devices ADP3020 Datasheet HTML 17Page - Analog Devices ADP3020 Datasheet HTML 18Page - Analog Devices ADP3020 Datasheet HTML 19Page - Analog Devices ADP3020 Datasheet HTML 20Page - Analog Devices ADP3020 Datasheet HTML 21Page - Analog Devices ADP3020 Datasheet HTML 22Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
ADP3020
–21–
REV. 0
4.
If critical signal lines (including the voltage and current sense
lines of the ADP3020) must cross through power circuitry,
it is best if a signal ground plane can be interposed between
those signal lines and the traces of the power circuitry. This
serves as a shield to minimize noise injection into the sig-
nals at the expense of making signal ground a bit noisier.
5.
The PGND pin of the ADP3020 should connect first to a
ceramic bypass capacitor on the VIN pin, and then into the
power ground plane using the shortest possible trace. How-
ever, the power ground plane should not extend under other
signal components, including the ADP3020 itself. If neces-
sary, follow the preceding guideline to use the signal plane as
a shield between the power ground plane and the signal
circuitry.
6.
The AGND pin of the ADP3020 should connect first to the
REF capacitor, and then into the signal ground plane. In cases
where no signal ground plane can be used, short interconnec-
tions to other signal ground circuitry in the power converter
should be used.
7.
The output capacitors of the power converter should be
connected to the signal ground plane even though power
current flows in the ground of these capacitors. For this
reason, it is advised to avoid critical ground connections
(e.g., the signal circuitry of the power converter) in the signal
ground plane between the input and output capacitors. It
is also advised to keep the planar interconnection path short
(i.e., have input and output capacitors close together).
8.
The output capacitors should also be connected as closely
as possible to the load (or connector) that receives the power.
If the load is distributed, the capacitors should also be dis-
tributed, and generally in proportion to where the load tends
to be more dynamic.
9.
Absolutely avoid crossing any signal lines over the switching
power path loop, described below.
Power Circuitry
10. The switching power path should be routed on the PCB to
encompass the smallest possible area in order to minimize
radiated switching noise energy (i.e., EMI). Failure to take
proper precaution often results in EMI problems for the
entire PC system as well as noise-related operational prob-
lems in the power converter control circuitry. The switching
power path is the loop formed by the current path through
the input capacitors, the two FETs (and the power Schottky
diode if used), including all interconnecting PCB traces and
planes. The use of short and wide interconnection traces
is especially critical in this path for two reasons: it mini-
mizes the inductance in the switching loop, which can cause
high-energy ringing, and it accommodates the high current
demand with minimal voltage loss.
11. A power Schottky diode (1 ~ 2 A dc rating) placed from the
lower FET’s source (anode) to drain (cathode) will help to
minimize switching power dissipation in the upper FET. In
the absence of an effective Schottky diode, this dissipation
occurs through the following sequence of switching events.
The lower FET turns off in advance of the upper FET turning
on (necessary to prevent cross-conduction). The circulating
current in the power converter, no longer finding a path for
current through the channel of the lower FET, draws cur-
rent through the inherent body-drain diode of the FET.
The upper FET turns on, and the reverse recovery char-
acteristic of the lower FET’s body-drain diode prevents the
drain voltage from being pulled high quickly.
The upper FET then conducts very large current while it
momentarily has a high voltage forced across it, which trans-
lates into added power dissipation in the upper FET. The
Schottky diode minimizes this problem by carrying a majority
of the circulating current when the lower FET is turned off,
and by virtue of its essentially nonexistent reverse recov-
ery time.
12. Whenever a power-dissipating component (e.g., a power
MOSFET) is soldered to a PCB, the liberal use of vias,
both directly on the mounting pad and immediately sur-
rounding it, is recommended. Two important reasons for
this are: improved current rating through the vias (if it is
a current path), and improved thermal performance, espe-
cially if the vias are extended to the opposite side of the
PCB where a plane can more readily transfer the heat to
the air.
13. The output power path, though not as critical as the switch-
ing power path, should also be routed to encompass a small
area. The output power path is formed by the current path
through the inductor, the output capacitors, and back to the
input capacitors.
14. For best EMI containment, the power ground plane should
extend fully under all the power components except the
output capacitors. These are: the input capacitors, the power
MOSFETs and Schottky diode, the inductor, and any snub-
bing elements that might be added to dampen ringing. Avoid
extending the power ground under any other circuitry or
signal lines, including the voltage and current sense lines.
Signal Circuitry
15. The CS and SW traces should be Kelvin-connected to the
upper MOSFET drain and source so that the additional
voltage drop due to current flow on the PCB at the current
sense comparator connections does not affect the sensed
voltage. It is desirable to have the ADP3020 close to the out-
put capacitor bank and not in the output power path, so that
any voltage drop between the output capacitors and the
AGND pin is minimized, and voltage regulation is not
compromised.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com