Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3020 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP3020
Description  High-Efficiency Notebook Computer Power Supply Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3020 Datasheet(HTML) 1 Page - Analog Devices

  ADP3020 Datasheet HTML 1Page - Analog Devices ADP3020 Datasheet HTML 2Page - Analog Devices ADP3020 Datasheet HTML 3Page - Analog Devices ADP3020 Datasheet HTML 4Page - Analog Devices ADP3020 Datasheet HTML 5Page - Analog Devices ADP3020 Datasheet HTML 6Page - Analog Devices ADP3020 Datasheet HTML 7Page - Analog Devices ADP3020 Datasheet HTML 8Page - Analog Devices ADP3020 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
ADP3020
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2000
High-Efficiency Notebook Computer
Power Supply Controller
FUNCTIONAL BLOCK DIAGRAM
POWER-ON
RESET
LINEAR
CONTROLLER
VIN
5.5V TO 25V
3.3V
Q5
2.5V
SS3
Q1
Q2
Q3
SS5
Q4
5V
L1
L2
PWRGD
ADP3020
REF
5V LINEAR
3.3V
SMPS
5V
SMPS
1.20V
PFO
3.3V
SMPS
FEATURES
Wide Input Voltage Range: 4.5 V to 25 V
High Conversion Efficiency > 96%
Integrated Current Sense—No External Resistor Required
Low Shutdown Current: 7
A (Typical)
Dual Synchronous Buck Controllers with Selectable
PWM/Power-Saving Mode Operation
Built-In Gate Drive Boost Circuit for Driving External
N-Channel MOSFETs
Two Independently Programmable Output Voltages
Fixed 3.3 V or Adjustable (1.25 V to VIN–0.5 V)
Fixed 5 V or Adjustable (1.25 V to VIN–0.5 V)
Programmable PWM Frequency
Integrated Linear Regulator Controller
Extensive Circuit Protection Functions
38-Lead TSSOP Package
APPLICATIONS
Notebook Computers and PDAs
Portable Instruments
General Purpose DC-DC Converters
GENERAL DESCRIPTION
The ADP3020 is a highly efficient dual synchronous buck switch-
ing regulator controller optimized for converting the battery or
adapter input into the system supply voltages required in note-
book computers. The ADP3020 uses a dual-mode PWM/Power
Saving Mode architecture to maintain efficiency over a wide
load range. The oscillator frequency can be programmed for
200 kHz, 300 kHz, or 400 kHz operation, or it can be synchro-
nized to an external clock signal of up to 600 kHz.
The ADP3020 provides accurate and reliable short circuit pro-
tection using an internal current sense circuit, which reduces
cost and increases overall efficiency. Other protection features
include programmable soft-start, UVLO, and integrated output
undervoltage/overvoltage protection. The ADP3020 contains a
linear regulator controller that is designed to drive an external
P-channel MOSFET or PNP transistor. The linear regulator
output is adjustable, and can be used to generate the auxiliary
voltages required in many laptop designs.


Similar Part No. - ADP3020

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3020 AD-ADP3020_15 Datasheet
309Kb / 22P
High-Efficiency Notebook Computer Power Supply Controller
REV. 0
More results

Similar Description - ADP3020

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3026 AD-ADP3026 Datasheet
737Kb / 19P
High-Efficiency Notebook Computer Power Supply Controller
logo
Richtek Technology Corp...
RT8205L RICHTEK-RT8205L Datasheet
405Kb / 26P
High Efficiency, Main Power Supply Controller for Notebook Computer
RT8206L RICHTEK-RT8206L Datasheet
469Kb / 27P
High Efficiency, Main Power Supply Controller for Notebook Computers
RT8223A RICHTEK-RT8223A Datasheet
369Kb / 26P
High Efficiency, Main Power Supply Controller for Notebook Computers
April 2011
RT8223L RICHTEK-RT8223L Datasheet
397Kb / 24P
High Efficiency, Main Power Supply Controller for Notebook Computer
RT8223N RICHTEK-RT8223N Datasheet
370Kb / 23P
High Efficiency, Main Power Supply Controller for Notebook Computer
RT8223P RICHTEK-RT8223P Datasheet
311Kb / 23P
High Efficiency, Main Power Supply Controller for Notebook Computer
logo
Analog Devices
ADP3020 AD-ADP3020_15 Datasheet
309Kb / 22P
High-Efficiency Notebook Computer Power Supply Controller
REV. 0
logo
Richtek Technology Corp...
RT8239A RICHTEK-RT8239A Datasheet
385Kb / 24P
High Efficiency, Main Power Supply Controller for Notebook Computers
RT8243A RICHTEK-RT8243A Datasheet
319Kb / 24P
High Efficiency, Main Power Supply Controller for Notebook Computers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com