Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3152 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP3152
Description  5-Bit Programmable Synchronous Switching Regulator Controller for Pentium II Processor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3152 Datasheet(HTML) 1 Page - Analog Devices

  ADP3152 Datasheet HTML 1Page - Analog Devices ADP3152 Datasheet HTML 2Page - Analog Devices ADP3152 Datasheet HTML 3Page - Analog Devices ADP3152 Datasheet HTML 4Page - Analog Devices ADP3152 Datasheet HTML 5Page - Analog Devices ADP3152 Datasheet HTML 6Page - Analog Devices ADP3152 Datasheet HTML 7Page - Analog Devices ADP3152 Datasheet HTML 8Page - Analog Devices ADP3152 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
ADP3152
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1998
5-Bit Programmable Synchronous
Switching Regulator Controller
for Pentium® II Processor
FEATURES
5-Bit Digitally Programmable 1.8 V to 3.5 V Output
Voltage
Dual N-Channel Synchronous Driver
Total Output Accuracy
1% (0 C to 70 C)
High Efficiency
Current-Mode Operation
Short Circuit Protection
Power Good Output
Integrated Overvoltage Protection Crowbar
16-Lead SOIC Package
VRM 8.2 Compatible
APPLICATIONS
Desktop PC Power Supply for:
Pentium II Processor
Pentium Pro Processor
Pentium Processor
AMD–K6 Processor
VRM Modules
GENERAL DESCRIPTION
The ADP3152 is a highly efficient synchronous switching regu-
lator controller optimized for Pentium II Processor applications
where 5 V is stepped down to a digitally controlled output volt-
age between 1.8 V and 3.5 V. Using a 5-bit DAC to read a
voltage identification (VID) code directly from the processor,
the ADP3152 uses a current mode constant off-time architec-
ture to generate its precise output voltage.
The ADP3152 drives two N-channel MOSFETS in a synchro-
nous rectified buck converter, at a maximum switching fre-
quency of 250 kHz. Using the recommended loop compensation
and guidelines, the ADP3152 provides a dc/dc converter that
meets Intel’s stringent transient specifications with a minimum
number of output capacitors and smallest footprint. Additionally,
the current mode architecture also provides guaranteed short
circuit protection and adjustable current limiting.
VCC
SD
DRIVE1
SENSE+
SENSE–
DRIVE2
PGND
VID0–VID4
AGND
CT
CMP
VCC
+12V
1 F
22 F
R1
R2
150pF
5-BIT CODE
IRL3103
VIN
+5V
+
CIN
10BQ015
L
2.5 H
IRL3103
+
CO
VO
1.8V–3.5V
14A
RSENSE
6.7m
1nF
ADP3152
CCOMP
Figure 1. Typical Application
Pentium is a registered trademark of Intel Corporation.
All other trademarks are the property of their respective holders.


Similar Part No. - ADP3152

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3153 AD-ADP3153 Datasheet
164Kb / 12P
5-Bit Programmable Dual Power Supply Controller for Pentium II Processor
REV.0
ADP3153ARU AD-ADP3153ARU Datasheet
164Kb / 12P
5-Bit Programmable Dual Power Supply Controller for Pentium II Processor
REV.0
ADP3153 AD-ADP3153_15 Datasheet
167Kb / 12P
5-Bit Programmable Dual Power Supply Controller
REV. 0
ADP3154 AD-ADP3154 Datasheet
187Kb / 12P
5-Bit Programmable Dual Power Supply Controller for Pentium III Processors
REV.A
ADP3154JRU AD-ADP3154JRU Datasheet
187Kb / 12P
5-Bit Programmable Dual Power Supply Controller for Pentium III Processors
REV.A
More results

Similar Description - ADP3152

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2635 NSC-LM2635 Datasheet
288Kb / 13P
5-Bit Programmable Synchronous Buck Regulator Controller
logo
STMicroelectronics
L6911B STMICROELECTRONICS-L6911B Datasheet
50Kb / 7P
5 BIT PROGRAMMABLE POWER SUPPLY CONTROLLER FOR PENTIUM II PROCESSOR
Apr-1999
logo
Analog Devices
ADP3153 AD-ADP3153 Datasheet
164Kb / 12P
5-Bit Programmable Dual Power Supply Controller for Pentium II Processor
REV.0
ADP3157 AD-ADP3157 Datasheet
173Kb / 12P
5-Bit Programmable Synchronous Controller for Pentium III Processors
REV.A
logo
Linear Technology
LTC1553 LINER-LTC1553 Datasheet
399Kb / 24P
5-Bit Programmable Synchronous Switching Regulator Controller for Pentium II Processor
LTC1553L LINER-LTC1553L Datasheet
370Kb / 20P
5-Bit Programmable Synchronous Switching Regulator Controller for Pentium II Processor
LTC1753 LINER-LTC1753 Datasheet
269Kb / 24P
5-Bit Programmable Synchronous Switching Regulator Controller for Pentium III Processor
LTC1553 LINER-LTC1553_15 Datasheet
349Kb / 24P
5-Bit Programmable Synchronous Switching Regulator Controller
LTC1553L LINER-LTC1553L_15 Datasheet
321Kb / 20P
5-Bit Programmable Synchronous Switching Regulator Controller
LTC1753 LINER-LTC1753_15 Datasheet
257Kb / 24P
5-Bit Programmable Synchronous Switching Regulator Controller for Pentium III Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com