Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3153 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP3153
Description  5-Bit Programmable Dual Power Supply Controller for Pentium II Processor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3153 Datasheet(HTML) 1 Page - Analog Devices

  ADP3153 Datasheet HTML 1Page - Analog Devices ADP3153 Datasheet HTML 2Page - Analog Devices ADP3153 Datasheet HTML 3Page - Analog Devices ADP3153 Datasheet HTML 4Page - Analog Devices ADP3153 Datasheet HTML 5Page - Analog Devices ADP3153 Datasheet HTML 6Page - Analog Devices ADP3153 Datasheet HTML 7Page - Analog Devices ADP3153 Datasheet HTML 8Page - Analog Devices ADP3153 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
ADP3153
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1998
5-Bit Programmable Dual
Power Supply Controller
for Pentium® II Processor
FEATURES
5-Bit Digitally Programmable 1.8 V to 3.5 V Output
Voltage
Dual N-Channel Synchronous Driver
Total Output Accuracy
1% (0 C to +70 C)
High Efficiency
Current-Mode Operation
Short Circuit Protection
Power Good Output
Overvoltage Protection Crowbar
On-Board Linear Regulator Controller
VRM 8.2 Compatible
Narrow Body TSSOP 20-Lead Package
APPLICATIONS
Desktop PC Power Supply for:
Pentium II Processor
Deschutes Processor
Pentium Pro Processor
Pentium Processor
AMD–K6 Processor
VRM Modules
GENERAL DESCRIPTION
The ADP3153 is a highly efficient synchronous switching regu-
lator controller and a linear regulator controller. The switching
regulator controller is optimized for Pentium II and Deschutes
Processor applications where 5 V is stepped down to a digitally
controlled output voltage between 1.8 V and 3.5 V. Using a 5-bit
DAC to read a voltage identification (VID) code directly from
the processor, the ADP3153 uses a current mode constant off-
time architecture to generate its precise output voltage.
The ADP3153 drives two N-channel MOSFETS in a synchro-
nous rectified buck converter, at a maximum switching fre-
quency of 250 kHz. Using the recommended loop compensation
and guidelines, the ADP3153 provides a dc/dc converter that
meets Intel’s stringent transient specifications with a minimum
number of output capacitors and smallest footprint. Addition-
ally, the current mode architecture also provides guaranteed
short circuit protection and adjustable current limiting.
The ADP3153’s linear regulator controller drives an external
N-channel device. The output voltage is set by the ratio of the
external feedback resistors. The controller has been designed for
excellent load transient response.
VCC
+12V
1 F
22 F
R1
R2
150pF
5-BIT CODE
IRL3103
VIN
+5V
+
CIN
10BQ015
L
2.5 H
IRL3103
+
CO
VO
1.8V–3.5V
14A
RSENSE
7m
1nF
CCOMP
VCC
SD
DRIVE1
SENSE+
SENSE–
DRIVE2
PGND
VID0–VID4
AGND
CT
CMP
ADP3153
35k
FB
20k
VLDO
VIN
+5V
1000 F
VO2
+3.3V
1A
IRL2703
Figure 1. Typical Application
Pentium is a registered trademark of Intel Corporation.
All other trademarks are the property of their respective holders.


Similar Part No. - ADP3153

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3153 AD-ADP3153_15 Datasheet
167Kb / 12P
5-Bit Programmable Dual Power Supply Controller
REV. 0
More results

Similar Description - ADP3153

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6911B STMICROELECTRONICS-L6911B Datasheet
50Kb / 7P
5 BIT PROGRAMMABLE POWER SUPPLY CONTROLLER FOR PENTIUM II PROCESSOR
Apr-1999
logo
Analog Devices
ADP3152 AD-ADP3152 Datasheet
274Kb / 12P
5-Bit Programmable Synchronous Switching Regulator Controller for Pentium II Processor
REV.0
ADP3154 AD-ADP3154 Datasheet
187Kb / 12P
5-Bit Programmable Dual Power Supply Controller for Pentium III Processors
REV.A
ADP3155 AD-ADP3155 Datasheet
200Kb / 14P
5-Bit Programmable Triple Power Supply Controller for Pentium III Processors
logo
Linear Technology
LTC1553 LINER-LTC1553 Datasheet
399Kb / 24P
5-Bit Programmable Synchronous Switching Regulator Controller for Pentium II Processor
LTC1553L LINER-LTC1553L Datasheet
370Kb / 20P
5-Bit Programmable Synchronous Switching Regulator Controller for Pentium II Processor
LTC1753 LINER-LTC1753 Datasheet
269Kb / 24P
5-Bit Programmable Synchronous Switching Regulator Controller for Pentium III Processor
logo
Analog Devices
ADP3153 AD-ADP3153_15 Datasheet
167Kb / 12P
5-Bit Programmable Dual Power Supply Controller
REV. 0
ADP3155 AD-ADP3155_15 Datasheet
207Kb / 14P
5-Bit Programmable Triple Power Supply Controller for Pentium
REV. A
logo
Linear Technology
LTC1753 LINER-LTC1753_15 Datasheet
257Kb / 24P
5-Bit Programmable Synchronous Switching Regulator Controller for Pentium III Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com