Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3156 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP3156
Description  Dual Power Supply Controller for Desktop Systems
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3156 Datasheet(HTML) 1 Page - Analog Devices

  ADP3156 Datasheet HTML 1Page - Analog Devices ADP3156 Datasheet HTML 2Page - Analog Devices ADP3156 Datasheet HTML 3Page - Analog Devices ADP3156 Datasheet HTML 4Page - Analog Devices ADP3156 Datasheet HTML 5Page - Analog Devices ADP3156 Datasheet HTML 6Page - Analog Devices ADP3156 Datasheet HTML 7Page - Analog Devices ADP3156 Datasheet HTML 8Page - Analog Devices ADP3156 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
ADP3156
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1999
Dual Power Supply Controller
for Desktop Systems
FUNCTIONAL BLOCK DIAGRAM
CMPI
VT1
VREF +5% VREF –5%
DELAY
VREF +15%
PWRGD
SENSE+
CROWBAR
OFF
IN
NONOVERLAP
DRIVE
Q
S
R
DRIVE1 DRIVE2 PGND
2R
SENSE–
VREF
VCC
SD
VLDO
VT2
CMPT
CT
gm
R
REFERENCE
OFF-TIME
CONTROL
VIN
SENSE–
1.20V
CMP
FB
ADP3156
AGND
FEATURES
Active Voltage Positioning with Gain and Offset
Adjustment
Optimal Compensation for Superior Load Transient
Response
Fixed 1.5 V, 1.8 V and 2.5 V Output Versions
Dual N-Channel Synchronous Driver
On-Board Linear Regulator Controller
Total Output Accuracy
1% Over Temperature
High Efficiency, Current-Mode Operation
Short Circuit Protection
Overvoltage Protection Crowbar Protects Loads with
No Additional External Components
Power Good Output
SO-16 Package
APPLICATIONS
Desktop Computer Supplies
ACPI-Compliant Power Systems
General Purpose DC-DC Converters
GENERAL DESCRIPTION
The ADP3156 is a highly efficient synchronous buck switching
regulator controller optimized for converting the 3.3 V or 5 V
main supply into lower supply voltages required on the mother-
boards of Pentium
® III and other high performance processor
systems. The ADP3156 uses a current mode, constant off-time
architecture to drive two external N-channel MOSFETs at a
programmable switching frequency that can be optimized for
size and efficiency. It also uses a unique supplemental regulation
technique called active voltage positioning to enhance load
transient performance. Active voltage positioning results in a
DC/DC converter that provides the best possible transient re-
sponse using the minimum number of output capacitors and
smallest footprint. Unlike voltage-mode and standard current-
mode architectures, active voltage positioning adjusts the output
voltage as a function of the load current so that it is always
optimally positioned for a system transient.
The ADP3156 provides accurate and reliable short circuit
protection and adjustable current limiting. It also includes an
integrated overvoltage crowbar function to protect the micro-
processor from destruction in case the core supply exceeds the
nominal programmed voltage by more than 15%.
Pentium is a registered trademark of Intel Corporation.
All other trademarks are the property of their respective holders.
VCC +12V
1 F
22 F
VIN +5V
+
CIN
L
+
CO
VO
RSENSE
1nF
C
COMP
35k
20k
VO2
1000 F
R1
200pF
VCC
SD
DRIVE1
SENSE+
SENSE–
DRIVE2
PGND
AGND
CT
CMP
ADP3156
FB
VLDO
R2
Figure 1. Typical Application
The ADP3156 contains a linear regulator controller that is
designed to drive an external N-channel MOSFET. This linear
regulator is used to generate the auxiliary voltages (AGP, GTL,
etc.) required in most motherboard designs, and has been de-
signed to provide a high bandwidth load-transient response. A
pair of external feedback resistors sets the linear regulator out-
put voltage.


Similar Part No. - ADP3156

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3152 AD-ADP3152 Datasheet
274Kb / 12P
5-Bit Programmable Synchronous Switching Regulator Controller for Pentium II Processor
REV.0
ADP3152AR AD-ADP3152AR Datasheet
274Kb / 12P
5-Bit Programmable Synchronous Switching Regulator Controller for Pentium II Processor
REV.0
ADP3153 AD-ADP3153 Datasheet
164Kb / 12P
5-Bit Programmable Dual Power Supply Controller for Pentium II Processor
REV.0
ADP3153ARU AD-ADP3153ARU Datasheet
164Kb / 12P
5-Bit Programmable Dual Power Supply Controller for Pentium II Processor
REV.0
ADP3153 AD-ADP3153_15 Datasheet
167Kb / 12P
5-Bit Programmable Dual Power Supply Controller
REV. 0
More results

Similar Description - ADP3156

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM9264 AD-ADM9264 Datasheet
181Kb / 12P
Quad Power Supply Monitor for Desktop PCs
REV.0
logo
Intersil Corporation
ISL6118 INTERSIL-ISL6118 Datasheet
454Kb / 10P
Dual Power Supply Controller
March 2004
logo
Linear Technology
LTC1479 LINER-LTC1479 Datasheet
466Kb / 24P
PowerPath Controller for Dual Battery Systems
LTC1479 LINER-LTC1479_15 Datasheet
384Kb / 24P
PowerPath Controller for Dual Battery Systems
logo
ON Semiconductor
NCP5358 ONSEMI-NCP5358 Datasheet
131Kb / 10P
Gate Driver for Desktop Power Systems
December, 2008 ??Rev. 0
logo
Vitec Power
SHDA31A-SERIES Vitec-SHDA31A-SERIES Datasheet
380Kb / 2P
30W Desktop Power Supply for Medical Equipment
SHDA63A-SERIES Vitec-SHDA63A-SERIES Datasheet
354Kb / 2P
63W Desktop Power Supply for Medical Equipment
SHDA63B-SERIES Vitec-SHDA63B-SERIES Datasheet
382Kb / 2P
63W Desktop Power Supply for Medical Equipment
SIDA20B-SERIES Vitec-SIDA20B-SERIES Datasheet
366Kb / 2P
20W Desktop Power Supply for Industrial Equipment
logo
Renesas Technology Corp
ISL6118 RENESAS-ISL6118 Datasheet
638Kb / 10P
Dual Power Supply Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com