Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3157 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP3157
Description  5-Bit Programmable Synchronous Controller for Pentium III Processors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3157 Datasheet(HTML) 1 Page - Analog Devices

  ADP3157 Datasheet HTML 1Page - Analog Devices ADP3157 Datasheet HTML 2Page - Analog Devices ADP3157 Datasheet HTML 3Page - Analog Devices ADP3157 Datasheet HTML 4Page - Analog Devices ADP3157 Datasheet HTML 5Page - Analog Devices ADP3157 Datasheet HTML 6Page - Analog Devices ADP3157 Datasheet HTML 7Page - Analog Devices ADP3157 Datasheet HTML 8Page - Analog Devices ADP3157 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
ADP3157
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1999
5-Bit Programmable Synchronous
Controller for Pentium® III Processors
FUNCTIONAL BLOCK DIAGRAM
CMPI
VT1
VREF +5% VREF –5%
DELAY
VREF +15%
PWRGD
SENSE+
CROWBAR
IN
NONOVERLAP
DRIVE
Q
S
R
DRIVE1 DRIVE2 PGND
2R
SENSE–
VREF
VCC
SD
VT2
CMPT
CT
gm
R
REFERENCE
DAC
OFF-TIME
CONTROL
SENSE–
1.20V
CMP
VID0
VID2
VID3
VID4
ADP3157
AGND
VID1
FEATURES
Active Voltage Positioning with Gain and Offset
Adjustment
Optimal Compensation for Superior Load Transient
Response
VRM 8.2, VRM 8.3 and VRM 8.4 Compliant
5-Bit Digitally Programmable 1.3 V to 3.5 V Output
Dual N-Channel Synchronous Driver
Total Output Accuracy
1% Over Temperature
High Efficiency, Current-Mode Operation
Short Circuit Protection
Overvoltage Protection Crowbar Protects Microprocessors
with No Additional External Components
Power Good Output
SO-16 Package
APPLICATIONS
Desktop PC Power Supplies for:
Pentium II and Pentium III Processor Families
AMD-K6 Processors
VRM Modules
GENERAL DESCRIPTION
The ADP3157 is a highly efficient synchronous buck switching
regulator controller optimized for converting the 5 V main sup-
ply into the core supply voltage required by the Pentium III and
other high performance processors. The ADP3157 uses an
internal 5-bit DAC to read a voltage identification (VID) code
directly from the processor, which is used to set the output
voltage between 1.3 V and 3.5 V. The ADP3157 uses a current
mode, constant off-time architecture to drive two external N-
channel MOSFETs at a programmable switching frequency that
can be optimized for size and efficiency. It also uses a unique
supplemental regulation technique called active voltage position-
ing to enhance load transient performance.
Active voltage positioning results in a dc/dc converter that meets
the stringent output voltage specifications for Pentium II and
Pentium III processors, with the minimum number of output
capacitors and smallest footprint. Unlike voltage-mode and
standard current-mode architectures, active voltage positioning
adjusts the output voltage as a function of the load current so that
it is always optimally positioned for a system transient.
The ADP3157 provides accurate and reliable short circuit pro-
tection and adjustable current limiting. It also includes an
integrated overvoltage crowbar function to protect the micro-
processor from destruction in case the core supply exceeds the
nominal programmed voltage by more than 15%.
VCC +12V
1 F
22 F
VIN +5V
+
CIN
L
+
CO
VO
1.3V TO
3.5V
RSENSE
1nF
C
COMP
R1
150pF
VCC
SD
DRIVE1
SENSE+
SENSE–
DRIVE2
PGND
AGND
CT
CMP
ADP3157
R2
VID0–VID4
5-BIT CODE
Figure 1. 5-Bit Code Typical Application
Pentium is a registered trademark of Intel Corporation.
All other trademarks are the property of their respective holders.


Similar Part No. - ADP3157

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3152 AD-ADP3152 Datasheet
274Kb / 12P
5-Bit Programmable Synchronous Switching Regulator Controller for Pentium II Processor
REV.0
ADP3152AR AD-ADP3152AR Datasheet
274Kb / 12P
5-Bit Programmable Synchronous Switching Regulator Controller for Pentium II Processor
REV.0
ADP3153 AD-ADP3153 Datasheet
164Kb / 12P
5-Bit Programmable Dual Power Supply Controller for Pentium II Processor
REV.0
ADP3153ARU AD-ADP3153ARU Datasheet
164Kb / 12P
5-Bit Programmable Dual Power Supply Controller for Pentium II Processor
REV.0
ADP3153 AD-ADP3153_15 Datasheet
167Kb / 12P
5-Bit Programmable Dual Power Supply Controller
REV. 0
More results

Similar Description - ADP3157

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1406G SEMTECH-SC1406G Datasheet
562Kb / 28P
Power Supply Controller for Portable Pentium II & III SpeedStep Processors
logo
Analog Devices
ADP3152 AD-ADP3152 Datasheet
274Kb / 12P
5-Bit Programmable Synchronous Switching Regulator Controller for Pentium II Processor
REV.0
ADP3154 AD-ADP3154 Datasheet
187Kb / 12P
5-Bit Programmable Dual Power Supply Controller for Pentium III Processors
REV.A
ADP3155 AD-ADP3155 Datasheet
200Kb / 14P
5-Bit Programmable Triple Power Supply Controller for Pentium III Processors
logo
Linear Technology
LTC1553 LINER-LTC1553 Datasheet
399Kb / 24P
5-Bit Programmable Synchronous Switching Regulator Controller for Pentium II Processor
LTC1553L LINER-LTC1553L Datasheet
370Kb / 20P
5-Bit Programmable Synchronous Switching Regulator Controller for Pentium II Processor
LTC1753 LINER-LTC1753 Datasheet
269Kb / 24P
5-Bit Programmable Synchronous Switching Regulator Controller for Pentium III Processor
logo
Semtech Corporation
SC1471 SEMTECH-SC1471 Datasheet
49Kb / 1P
Power Supply Controller for Portable Pentium III SpeedStep Processors
logo
Analog Devices
ADP3155 AD-ADP3155_15 Datasheet
207Kb / 14P
5-Bit Programmable Triple Power Supply Controller for Pentium
REV. A
logo
Linear Technology
LTC1753 LINER-LTC1753_15 Datasheet
257Kb / 24P
5-Bit Programmable Synchronous Switching Regulator Controller for Pentium III Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com