Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ER2DAF Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # ER2DAF
Description  SURFACE MOUNT RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

ER2DAF Datasheet(HTML) 1 Page - Pan Jit International Inc.

  ER2DAF Datasheet HTML 1Page - Pan Jit International Inc. ER2DAF Datasheet HTML 2Page - Pan Jit International Inc. ER2DAF Datasheet HTML 3Page - Pan Jit International Inc. ER2DAF Datasheet HTML 4Page - Pan Jit International Inc. ER2DAF Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PAGE . 1
October 19,2012-REV.00
ER2DAF
FEATURES
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-O
• For surface mounted applications
• Glass passivated junction
• Easy pick and place
• High temperature metallurgically bonden-no compression contacts as found
in other diode-constructed rectifiers
• Ultra thin profile package for space constrained utilization
• Package suitable for automated handling
• Lead free in comply with EU RoHS 2002/95/EC directives.
• Green molding compound as per IEC61249 Std. . (Halogen Free)
MECHANICAL DATA
• Case: Epoxy molded
• Terminals: Solder plated, solderable per MIL-STD-750,Method 2026
• Approx. Weight: 0.0011 ounces, 0.0328 grams
• Polarity : Color band denotes cathode end
SURFACE MOUNT
NOTES :
1.Mounted on an FR4 PCB, single-sided copper, with 100cm 2copper pad area.
2.Mounted on an FR4 PCB, single-sided copper, m ini pad.
3.Re verse Recovery Test Conditi ons: IF=0.5A, IR=1.0A, Recover to 0.25A.
RECTIFIER
VOLTAGE
200 Volts
2 Amperes
CURRENT
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25
oC unless otherwise noted)
1
2
Cathode
Anode
PAR AM E T E R
S YMB OL
E R 2 D AF
U N IT S
R e c ur re nt P e a k Re ve r s e Vo l t a g e
V
RRM
2 0 0
V
R MS Vo l t a g e
V
RMS
1 4 0
V
D C B l o c k i ng Vo lt a g e
V
R
2 0 0
V
A ve r a g e F o r wa r d C ur r e nt
I
F ( AV )
2
A
P e a k F o rw a rd S urg e C ur r e nt : 8 . 3 ms s i ng l e ha l f s i ne - wa ve
s up e r i mp o s e d o n ra t e d lo a d (J E D E C me t ho d )
I
F S M
5 0
A
F o rw a rd Vo lt a g e a t 2 . 0 A
V
F
V
D C Re ve r s e C ur r e nt a t Ra t e d
D C B l o c k i ng Vo lt a g e
T
J = 2 5
OC
I
R
A
R e ve r s e R e c o ve r y Ti m e ( No t e 3 )
t
r r
3 5
ns
Typ i c a l J unc t i o n c a p a c i ta nc e
V R= 4 V, 1 MH Z
C
J
3 0
p F
Typ i c a l The rm a l Re s i s t a nc e , J unc t i o n to L e a d ( N o t e 1 )
J unc t i o n t o A mb i e nt ( N o t e 2 )
R
J L
R
J A
2 5
1 5 0
OC / W
O p e r a t i ng J unc ti o n Te m p e r a tur e a nd S t o r a g e Te m p e r a t ur e Ra ng e
T
J , T S TG
-5 5 t o + 1 5 0
OC
0 .9 5
1


Similar Part No. - ER2DAF

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
ER2DAF SUNMATE-ER2DAF Datasheet
335Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER DIODES
logo
Pan Jit International I...
ER2DAF-AU PANJIT-ER2DAF-AU Datasheet
286Kb / 5P
SURFACE MOUNT RECTIFIER
ER2DAF-AU_A0_00001 PANJIT-ER2DAF-AU_A0_00001 Datasheet
286Kb / 5P
SURFACE MOUNT RECTIFIER
ER2DAF-AU_A0_10001 PANJIT-ER2DAF-AU_A0_10001 Datasheet
286Kb / 5P
SURFACE MOUNT RECTIFIER
ER2DAF-AU_A1_00001 PANJIT-ER2DAF-AU_A1_00001 Datasheet
286Kb / 5P
SURFACE MOUNT RECTIFIER
More results

Similar Description - ER2DAF

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
ER2A PANJIT-ER2A_09 Datasheet
115Kb / 3P
SURFACE MOUNT RECTIFIER
S2A PANJIT-S2A_09 Datasheet
112Kb / 3P
SURFACE MOUNT RECTIFIER
logo
Tiger Electronic Co.,Lt...
M1 TGS-M1 Datasheet
339Kb / 1P
SURFACE MOUNT RECTIFIER
logo
Pan Jit International I...
GS1GF PANJIT-GS1GF Datasheet
278Kb / 4P
SURFACE MOUNT RECTIFIER
logo
Shenzhen Taychipst Elec...
SOD1H1 TAYCHIPST-SOD1H1 Datasheet
2Mb / 2P
SURFACE MOUNT RECTIFIER
logo
Pan Jit International I...
GS2GF PANJIT-GS2GF Datasheet
102Kb / 5P
SURFACE MOUNT RECTIFIER
logo
Taiwan Semiconductor Co...
S1GM TSC-S1GM_14 Datasheet
352Kb / 3P
Surface Mount Rectifier
logo
Pan Jit International I...
ER2D-AU PANJIT-ER2D-AU Datasheet
137Kb / 5P
SURFACE MOUNT RECTIFIER
logo
Diode Semiconductor Kor...
MURS260 DSK-MURS260 Datasheet
202Kb / 2P
SURFACE MOUNT RECTIFIER
ER3A DSK-ER3A Datasheet
156Kb / 2P
SURFACE MOUNT RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com