Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ER2DAF Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # ER2DAF
Description  SURFACE MOUNT RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

ER2DAF Datasheet(HTML) 2 Page - Pan Jit International Inc.

  ER2DAF Datasheet HTML 1Page - Pan Jit International Inc. ER2DAF Datasheet HTML 2Page - Pan Jit International Inc. ER2DAF Datasheet HTML 3Page - Pan Jit International Inc. ER2DAF Datasheet HTML 4Page - Pan Jit International Inc. ER2DAF Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PAGE . 2
RATING AND CHARACTERISTIC CURVES
ER2DAF
0
0.5
1
1.5
2
2.5
0
25
50
75
100
125
150
TC, Case Temperature (°C)
0.001
0.01
0.1
1
10
20
40
60
80
100
TJ = 25°C
TJ = 75°C
TJ = 125°C
TJ = 150°C
Percent of Rated Peak Reverse Voltage (%)
Fig.3 Typical Reverse Characteristics
Fig.4 Typical Forward Characteristics
Fig.1 Forward Current Derating Curve
Fig.2 Typical Junction Capacitance
1
10
100
1
10
100
VR, Reverse Bias Voltage (V)
0.01
0.1
1
10
0.2
0.4
0.6
0.8
1
VF, Forward Voltage (V)
TJ = 125°C
TJ = 150°C
TJ = 25°C
TJ = 75°C
October 19,2012-REV.00



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com