Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3336 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP3336
Description  High Accuracy Ultralow IQ, 500 mA anyCAP Adjustable Low Dropout Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3336 Datasheet(HTML) 1 Page - Analog Devices

  ADP3336 Datasheet HTML 1Page - Analog Devices ADP3336 Datasheet HTML 2Page - Analog Devices ADP3336 Datasheet HTML 3Page - Analog Devices ADP3336 Datasheet HTML 4Page - Analog Devices ADP3336 Datasheet HTML 5Page - Analog Devices ADP3336 Datasheet HTML 6Page - Analog Devices ADP3336 Datasheet HTML 7Page - Analog Devices ADP3336 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
ADP3336
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2000
High Accuracy Ultralow IQ, 500 mA
anyCAP® Adjustable Low Dropout Regulator
FEATURES
High Accuracy Over Line and Load:
0.9% @ 25 C,
1.8% Over Temperature
Ultralow Dropout Voltage: 200 mV (Typ) @ 500 mA
Requires Only CO = 1.0
F for Stability
anyCAP = Stable with Any Type of Capacitor
(Including MLCC)
Current and Thermal Limiting
Low Noise
Low Shutdown Current: < 1.0
A
2.6 V to 12 V Supply Range
1.5 V to 10 V Output Range
–40 C to +85 C Ambient Temperature Range
Ultrasmall Thermally-Enhanced 8-Lead MSOP Package
APPLICATIONS
PCMCIA Card
Cellular Phones
Camcorders, Cameras
Networking Systems, DSL/Cable Modems
Cable Set-Top Box
MP3/CD Players
DSP Supply
GENERAL DESCRIPTION
The ADP3336 is a member of the ADP333x family of precision
low dropout anyCAP voltage regulators. The ADP3336 operates
with an input voltage range of 2.6 V to 12 V and delivers a
continuous load current up to 500 mA. The ADP3336 stands
out from conventional LDOs with the lowest thermal resistance
of any MSOP-8 package and an enhanced process that enables
it to offer performance advantages beyond its competition.
Its patented design requires only a 1.0
µF output capacitor for
stability. This device is insensitive to output capacitor Equiva-
lent Series Resistance (ESR), and is stable with any good
quality capacitor, including ceramic (MLCC) types for space-
restricted applications. The ADP3336 achieves exceptional
accuracy of
±0.9% at room temperature and ±1.8% over tem-
perature, line, and load. The dropout voltage of the ADP3336 is
only 200 mV (typical) at 500 mA. This device also includes a
safety current limit, thermal overload protection and a shutdown
feature. In shutdown mode, the ground current is reduced to
less than 1
µA. The ADP3336 has ultralow quiescent current
80
µA (typical) in light load situations.
COUT
1 F
ADP3336
OUT
VIN
IN
GND
VOUT
FB
ON
OFF
IN
OUT
OUT
R1
R2
SD
CIN
1 F
Figure 1. Typical Application Circuit
anyCAP is a registered trademark of Analog Devices Inc.
FUNCTIONAL BLOCK DIAGRAM
THERMAL
PROTECTION
CC
IN
ADP3336
OUT
GND
Q1
BANDGAP
REF
DRIVER
gm
FB
SD


Similar Part No. - ADP3336

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3336 AD-ADP3336 Datasheet
847Kb / 13P
Customer supplied 6 V to 12 V bench supply
Rev. 0
ADP3336 AD-ADP3336 Datasheet
443Kb / 9P
Evaluation Board for the ADA4571-2 Integrated AMR Angle Sensor and Signal Conditioner
Rev. 0
ADP3336 AD-ADP3336_15 Datasheet
392Kb / 9P
Adjustable Low Dropout Regulator
REV. A
More results

Similar Description - ADP3336

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3333 AD-ADP3333 Datasheet
119Kb / 8P
High Accuracy Ultralow IQ, 300 mA, anyCAP Low Dropout Regulator
REV.0
ADP3334 AD-ADP3334 Datasheet
230Kb / 8P
High Accuracy Low IQ, 500 mA anyCAP Adjustable Low Dropout Regulator
REV.0
ADP3335 AD-ADP3335 Datasheet
639Kb / 8P
High Accuracy Ultralow IQ, 500 mA anyCAP Low Dropout Regulator
REV.0
ADP3333 AD-ADP3333_09 Datasheet
245Kb / 12P
High Accuracy Ultralow IQ, 300 mA, anyCAP Low Dropout Regulator
REV. B
ADP3335 AD-ADP3335_12 Datasheet
263Kb / 16P
High Accuracy, Ultralow IQ, 500 mA, anyCAP Low Dropout Regulator
REV. C
ADP3335ARM-3.3 AD-ADP3335ARM-3.3 Datasheet
258Kb / 16P
High Accuracy, Ultralow IQ, 500 mA, anyCAP Low Dropout Regulator
REV. D
ADP3335ARM-2.85 AD-ADP3335ARM-2.85 Datasheet
258Kb / 16P
High Accuracy, Ultralow IQ, 500 mA, anyCAP Low Dropout Regulator
REV. D
ADP3338AKC-18 AD-ADP3338AKC-18 Datasheet
295Kb / 16P
High Accuracy, Ultralow IQ, 1A, anyCAP Low Dropout Regulator
REV. B
ADP3334ACP AD-ADP3334ACP Datasheet
380Kb / 12P
High Accuracy, Low IQ, anyCAP Adjustable Low Dropout Regulator
REV. B
ADP3335ARM-18 AD-ADP3335ARM-18 Datasheet
258Kb / 16P
High Accuracy, Ultralow IQ, 500 mA, anyCAP Low Dropout Regulator
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com