Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3334 Datasheet (PDF) - Analog Devices

ADP3334 Datasheet PDF - Analog Devices
Part # ADP3334
Download  ADP3334 Download
File Size   230.6 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Accuracy Low IQ, 500 mA anyCAP Adjustable Low Dropout Regulator

ADP3334 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADP3334 Datasheet PDF - Analog Devices

Part # ADP3334
Download  ADP3334 Click to download

File Size   230.6 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Accuracy Low IQ, 500 mA anyCAP Adjustable Low Dropout Regulator

ADP3334 Datasheet (HTML) - Analog Devices


ADP3334 Product details

GENERAL DESCRIPTION
The ADP3334 is a member of the ADP333x family of precision low dropout anyCAP voltage regulators. The ADP3334 operates with an input voltage range of 2.6 V to 11 V and delivers a continuous load current up to 500 mA. The novel anyCAP architecture requires only a very small 1 µF output capacitor for stability, and the LDO is insensitive to the capacitor’s equivalent series resistance (ESR). This makes the ADP3334 stable with any capacitor, including ceramic (MLCC) types for space restricted applications.
   
FEATURES
    High Accuracy over Line and Load: ±0.9% @ 25°C,
        ±1.8% over Temperature
    500 mA Current Capability
    Ultralow Dropout Voltage
    Requires Only CO = 1.0 μF for Stability
    anyCAP = Stable with Any Type of Capacitor
        (Including MLCC)
    Current and Thermal Limiting
    Low Noise
    Low Shutdown Current: < 1.0 μA (Typ)
    2.6 V to 11 V Supply Range
    1.5 V to 10 V Output Range
    –40°C to +85°C Ambient Temperature Range
   
APPLICATIONS
    Cellular Phones
    TFT LCD Modules
    Camcorders, Cameras
    Networking Systems, DSL/Cable Modems
    Cable Set-Top Boxes
    DSP Supplies
    Personal Digital Assistants
   




Similar Part No. - ADP3334

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3334 AD-ADP3334 Datasheet
471Kb / 5P
Broadband Low Error Vector Magnitude (EVM) Direct Conversion Transmitter
REV. 0
ADP3334 AD-ADP3334 Datasheet
248Kb / 8P
Evaluating the CN-0285 Wideband Tx Modulator Solution
REV. 0
ADP3334 AD-ADP3334 Datasheet
238Kb / 4P
Broadband Low Error Vector Magnitude Direct Conversion Transmitter Using LO Divide-by-2 Modulator
REV. C
ADP3334 AD-ADP3334 Datasheet
155Kb / 4P
Broadband, Low Error Vector Magnitude (EVM) Direct Conversion Transmitter Using LO Divide-by-2 Modulator
REV. 0
ADP3334 AD-ADP3334 Datasheet
380Kb / 12P
High Accuracy, Low IQ, anyCAP Adjustable Low Dropout Regulator
REV. B
More results


Similar Description - ADP3334

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3333 AD-ADP3333 Datasheet
119Kb / 8P
High Accuracy Ultralow IQ, 300 mA, anyCAP Low Dropout Regulator
REV.0
ADP3335 AD-ADP3335 Datasheet
639Kb / 8P
High Accuracy Ultralow IQ, 500 mA anyCAP Low Dropout Regulator
REV.0
ADP3336 AD-ADP3336 Datasheet
364Kb / 8P
High Accuracy Ultralow IQ, 500 mA anyCAP Adjustable Low Dropout Regulator
REV.0
ADP3333 AD-ADP3333_09 Datasheet
245Kb / 12P
High Accuracy Ultralow IQ, 300 mA, anyCAP Low Dropout Regulator
REV. B
ADP3335 AD-ADP3335_12 Datasheet
263Kb / 16P
High Accuracy, Ultralow IQ, 500 mA, anyCAP Low Dropout Regulator
REV. C
ADP3335ARM-3.3 AD-ADP3335ARM-3.3 Datasheet
258Kb / 16P
High Accuracy, Ultralow IQ, 500 mA, anyCAP Low Dropout Regulator
REV. D
ADP3335ARM-2.85 AD-ADP3335ARM-2.85 Datasheet
258Kb / 16P
High Accuracy, Ultralow IQ, 500 mA, anyCAP Low Dropout Regulator
REV. D
ADP3334ACP AD-ADP3334ACP Datasheet
380Kb / 12P
High Accuracy, Low IQ, anyCAP Adjustable Low Dropout Regulator
REV. B
ADP3335ARM-18 AD-ADP3335ARM-18 Datasheet
258Kb / 16P
High Accuracy, Ultralow IQ, 500 mA, anyCAP Low Dropout Regulator
REV. D
logo
ON Semiconductor
NCP3334DADJR2G ONSEMI-NCP3334DADJR2G Datasheet
81Kb / 7P
High Accuracy, Ultra Low Iq, 500 mA Adjustable Low Dropout Regulator
April, 2006 ??Rev. 2
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com