Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3334 Datasheet(PDF) 3 Page - Analog Devices

Part # ADP3334
Description  High Accuracy Low IQ, 500 mA anyCAP Adjustable Low Dropout Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3334 Datasheet(HTML) 3 Page - Analog Devices

  ADP3334 Datasheet HTML 1Page - Analog Devices ADP3334 Datasheet HTML 2Page - Analog Devices ADP3334 Datasheet HTML 3Page - Analog Devices ADP3334 Datasheet HTML 4Page - Analog Devices ADP3334 Datasheet HTML 5Page - Analog Devices ADP3334 Datasheet HTML 6Page - Analog Devices ADP3334 Datasheet HTML 7Page - Analog Devices ADP3334 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
REV. 0
ADP3334
–3–
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the ADP3334 features proprietary ESD protection circuitry, permanent damage may occur on
devices subjected to high-energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
ABSOLUTE MAXIMUM RATINGS
*
Input Supply Voltage . . . . . . . . . . . . . . . . . . . –0.3 V to +16 V
Shutdown Input Voltage . . . . . . . . . . . . . . . . –0.3 V to +16 V
Power Dissipation . . . . . . . . . . . . . . . . . . . Internally Limited
Operating Ambient Temperature Range . . . . –40
°C to +85°C
Operating Junction Temperature Range . . . –40
°C to +150°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
JA 2-Layer . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
122.3
°C/W
JA 4-Layer . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
86.6
°C/W
Lead Temperature Range (Soldering 6 sec) . . . . . . . . . 300
°C
*This is a stress rating only; operation beyond these limits can cause the device
to be permanently damaged.
PIN CONFIGURATION
TOP VIEW
(Not to Scale)
8
7
6
5
1
2
3
4
GND
SD
IN
IN
NC
FB
OUT
OUT
ADP3334
NC = NO CONNECT
ORDERING GUIDE
Model
Output
Package
Package
Description
Option
ADP3334AR
ADJ
Standard Small
SO-8
Outline Package
(SOIC-8)
PIN FUNCTION DESCRIPTIONS
Pin
No.
Mnemonic
Function
1
GND
Ground Pin.
2
SD
Shutdown Control. Pulling this pin low
turns on the regulator.
3, 4
IN
Regulator Input.
5, 6
OUT
Output. Bypass to ground with a 1.0
µF
or larger capacitor.
7
FB
Feedback Input. FB should be connected
to an external resistor divider which sets
the output voltage.
8
NC
No connection.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com