Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3334 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP3334
Description  High Accuracy Low IQ, 500 mA anyCAP Adjustable Low Dropout Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3334 Datasheet(HTML) 1 Page - Analog Devices

  ADP3334 Datasheet HTML 1Page - Analog Devices ADP3334 Datasheet HTML 2Page - Analog Devices ADP3334 Datasheet HTML 3Page - Analog Devices ADP3334 Datasheet HTML 4Page - Analog Devices ADP3334 Datasheet HTML 5Page - Analog Devices ADP3334 Datasheet HTML 6Page - Analog Devices ADP3334 Datasheet HTML 7Page - Analog Devices ADP3334 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
a
ADP3334
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2001
High Accuracy Low IQ, 500 mA
anyCAP® Adjustable Low Dropout Regulator
FEATURES
High Accuracy Over Line and Load:
0.9% @ 25 C,
1.8% over Temperature
Ultralow Dropout Voltage: 200 mV (Typ) @ 500 mA
Requires Only CO = 1.0
F for Stability
anyCAP = Stable with Any Type of Capacitor
(Including MLCC)
Current and Thermal Limiting
Low Noise
Low Shutdown Current: < 1.0
A (Typ)
2.6 V to 11 V Supply Range
1.5 V to 10 V Output Range
–40 C to +85 C Ambient Temperature Range
Thermally-Enhanced 8-Lead SO Package
APPLICATIONS
Cellular Phones
Camcorders, Cameras
Networking Systems, DSL/Cable Modems
Cable Set-Top Boxes
DSP Supplies
Personal Digital Assistants
GENERAL DESCRIPTION
The ADP3334 is a member of the ADP333x family of precision
low dropout anyCAP voltage regulators. The ADP3334 operates
with an input voltage range of 2.6 V to 11 V and delivers a
continuous load current up to 500 mA. The novel anyCAP
architecture requires only a very small 1
µF output capacitor for
stability, and the LDO is insensitive to the capacitor’s equiva-
lent series resistance (ESR). This makes ADP3334 stable with any
capacitor, including ceramic (MLCC) types for space restricted
applications.
The ADP3334 achieves exceptional accuracy of
±0.9% at room
temperature and
±1.8% over temperature, line, and load. The
dropout voltage of the ADP3334 is only 200 mV (typical) at
500 mA. This device also includes a safety current limit, ther-
mal overload protection and a shutdown feature. In shutdown
mode, the ground current is reduced to less than 1
µA. The
ADP3334 has low quiescent current 90
µA (typical) in light
load situations.
FUNCTIONAL BLOCK DIAGRAM
THERMAL
PROTECTION
CC
IN
ADP3334
OUT
GND
Q1
BANDGAP
REF
DRIVER
gm
FB
SD
anyCAP is a registered trademark of Analog Devices, Inc.
CNR
ADP3334
OUT
VIN
IN
GND
VOUT
ON
OFF
IN
OUT
R1
R2
SD
CIN
1 F
FB
COUT
1 F
Figure 1. Typical Application Circuit
The ADP3334 also features ADI’s thermally enhanced Thermal
Coastline package. This allows 1 W of power dissipation without
any external heat sinking.


Similar Part No. - ADP3334

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3334 AD-ADP3334 Datasheet
471Kb / 5P
Broadband Low Error Vector Magnitude (EVM) Direct Conversion Transmitter
REV. 0
ADP3334 AD-ADP3334 Datasheet
248Kb / 8P
Evaluating the CN-0285 Wideband Tx Modulator Solution
REV. 0
ADP3334 AD-ADP3334 Datasheet
238Kb / 4P
Broadband Low Error Vector Magnitude Direct Conversion Transmitter Using LO Divide-by-2 Modulator
REV. C
ADP3334 AD-ADP3334 Datasheet
155Kb / 4P
Broadband, Low Error Vector Magnitude (EVM) Direct Conversion Transmitter Using LO Divide-by-2 Modulator
REV. 0
ADP3334 AD-ADP3334 Datasheet
380Kb / 12P
High Accuracy, Low IQ, anyCAP Adjustable Low Dropout Regulator
REV. B
More results

Similar Description - ADP3334

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3333 AD-ADP3333 Datasheet
119Kb / 8P
High Accuracy Ultralow IQ, 300 mA, anyCAP Low Dropout Regulator
REV.0
ADP3335 AD-ADP3335 Datasheet
639Kb / 8P
High Accuracy Ultralow IQ, 500 mA anyCAP Low Dropout Regulator
REV.0
ADP3336 AD-ADP3336 Datasheet
364Kb / 8P
High Accuracy Ultralow IQ, 500 mA anyCAP Adjustable Low Dropout Regulator
REV.0
ADP3333 AD-ADP3333_09 Datasheet
245Kb / 12P
High Accuracy Ultralow IQ, 300 mA, anyCAP Low Dropout Regulator
REV. B
ADP3335 AD-ADP3335_12 Datasheet
263Kb / 16P
High Accuracy, Ultralow IQ, 500 mA, anyCAP Low Dropout Regulator
REV. C
ADP3335ARM-3.3 AD-ADP3335ARM-3.3 Datasheet
258Kb / 16P
High Accuracy, Ultralow IQ, 500 mA, anyCAP Low Dropout Regulator
REV. D
ADP3335ARM-2.85 AD-ADP3335ARM-2.85 Datasheet
258Kb / 16P
High Accuracy, Ultralow IQ, 500 mA, anyCAP Low Dropout Regulator
REV. D
ADP3334ACP AD-ADP3334ACP Datasheet
380Kb / 12P
High Accuracy, Low IQ, anyCAP Adjustable Low Dropout Regulator
REV. B
ADP3335ARM-18 AD-ADP3335ARM-18 Datasheet
258Kb / 16P
High Accuracy, Ultralow IQ, 500 mA, anyCAP Low Dropout Regulator
REV. D
logo
ON Semiconductor
NCP3334DADJR2G ONSEMI-NCP3334DADJR2G Datasheet
81Kb / 7P
High Accuracy, Ultra Low Iq, 500 mA Adjustable Low Dropout Regulator
April, 2006 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com