Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3367 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP3367
Description  5 V Fixed, Adjustable Low-Dropout Linear Voltage Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3367 Datasheet(HTML) 1 Page - Analog Devices

  ADP3367 Datasheet HTML 1Page - Analog Devices ADP3367 Datasheet HTML 2Page - Analog Devices ADP3367 Datasheet HTML 3Page - Analog Devices ADP3367 Datasheet HTML 4Page - Analog Devices ADP3367 Datasheet HTML 5Page - Analog Devices ADP3367 Datasheet HTML 6Page - Analog Devices ADP3367 Datasheet HTML 7Page - Analog Devices ADP3367 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
ADP3367*
© Analog Devices, Inc., 1995
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
+5 V Fixed, Adjustable
Low-Dropout Linear Voltage Regulator
FEATURES
Low Dropout: 150 mV @ 200 mA
Low Dropout: 300 mV @ 300 mA
Low Power CMOS: 17
A Quiescent Current
Shutdown Mode: 0.2
A Quiescent Current
300 mA Output Current Guaranteed
Pin Compatible with MAX667
Stable with 10
F Load Capacitor
+2.5 V to +16.5 V Operating Range
Low Battery Detector
Fixed +5 V or Adjustable Output
High Accuracy:
2%
Dropout Detector Output
Low Thermal Resistance Package*
ESD > 6000 V
APPLICATIONS
Handheld Instruments
Cellular Telephones
Battery Operated Devices
Portable Equipment
Solar Powered Instruments
High Efficiency Linear Power Supplies
FUNCTIONAL BLOCK DIAGRAM
ADP3367
IN
SHDN
LBO
LBI
GND
50mV
SET
DD
OUT
1.255V
REF
A1
C1
C2
TYPICAL OPERATING CIRCUIT
IN
OUT
GND
SET
SHDN
ADP3367
+5V
OUTPUT
C1
10µF
+
+
+6V
INPUT
VIN–VOUT – V
400
200
0
015
510
100
TA = +50°C
300
GUARANTEED 300mA
ADP3367
DISSIPATION LIMIT
STANDARD
SO PACKAGE
DISSIPATION LIMIT
Load Current vs. Input-Output Differential Voltage
ADI’s proprietary Thermal Coastline leadframe used in ADP3367AR
packaging, has 30% lower thermal resistance than the standard
leadframes. This improvement in heat flow rate results in lower
die temperature hence improves reliability.
GENERAL DESCRIPTION
The ADP3367 is a low-dropout precision voltage regulator that
can supply up to 300 mA output current. It can be used to give
a fixed +5 V output with no additional external components or
can be adjusted from +1.3 V to +16 V using two external
resistors. Fixed or adjustable operation can be selected via the
SET input. The low quiescent current (17
µA) in conjunction
with the standby or shutdown mode (0.2
µA) makes this device
especially suitable for battery powered systems. The dropout
voltage when supplying 100
µA is only 15 mV allowing opera-
tion with minimal headroom thereby prolonging the useful bat-
tery life. At higher output current levels the dropout remains
low increasing to just 150 mV when supplying 200 mA. A wide
input voltage range from 2.5 V to 16.5 V is allowable. Addi-
tional features include a dropout detector and a low supply/bat-
tery monitoring comparator. The dropout detector can be used
to signal loss of regulation while the low battery detector can be
used to monitor the input supply voltage.
The ADP3367 is a much improved pin-compatible replacement
for the MAX667. Improvements include lower supply current,
tighter voltage accuracy and superior line and load regulation.
Improved ESD protection (>6000 V) is achieved by advanced
voltage clamping structures. The ADP3367 is specified over the
industrial temperature range –40
°C to +85°C and is available in
narrow surface mount (SOIC) packages.
*Patent pending.


Similar Part No. - ADP3367

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3367AR AD-ADP3367AR Datasheet
85Kb / 8P
5 V Fixed, Adjustable Low-Dropout Linear Voltage Regulator
REV. 0
ADP3367ARZ AD-ADP3367ARZ Datasheet
85Kb / 8P
5 V Fixed, Adjustable Low-Dropout Linear Voltage Regulator
REV. 0
ADP3367 AD-ADP3367_15 Datasheet
353Kb / 8P
5 V Fixed, Adjustable Low-Dropout Linear Voltage Regulator
REV. A
More results

Similar Description - ADP3367

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP667 AD-ADP667 Datasheet
135Kb / 8P
5 V Fixed, Adjustable Low-Dropout Linear Voltage Regulator
REV.0
logo
Fairchild Semiconductor
FAN1585A FAIRCHILD-FAN1585A Datasheet
63Kb / 12P
5A Adjustable/Fixed Low Dropout Linear Regulator
logo
Unisonic Technologies
UZ2085 UTC-UZ2085 Datasheet
286Kb / 8P
3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Advanced Monolithic Sys...
AMS1117 AMS-AMS1117 Datasheet
894Kb / 9P
1A Adjustable/Fixed Low Dropout Linear Regulator
logo
Fairchild Semiconductor
RC1585M FAIRCHILD-RC1585M Datasheet
87Kb / 12P
5A Adjustable/Fixed Low Dropout Linear Regulator
logo
Leshan Radio Company
LR1117A LRC-LR1117A Datasheet
148Kb / 9P
1A Adjustable/Fixed Low Dropout Linear Regulator
logo
Analog Devices
ADP667ARZ AD-ADP667ARZ Datasheet
132Kb / 8P
5 V Fixed, Adjustable Low-Dropout Linear Voltage Regulator
REV. 0
ADP3367ARZ AD-ADP3367ARZ Datasheet
85Kb / 8P
5 V Fixed, Adjustable Low-Dropout Linear Voltage Regulator
REV. 0
ADP667ANZ AD-ADP667ANZ Datasheet
116Kb / 8P
5 V Fixed, Adjustable Low-Dropout Linear Voltage Regulator
REV. 0
ADP3367 AD-ADP3367_15 Datasheet
353Kb / 8P
5 V Fixed, Adjustable Low-Dropout Linear Voltage Regulator
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com