Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP667 Datasheet (PDF) - Analog Devices

ADP667 Datasheet PDF - Analog Devices
Part # ADP667
Download  ADP667 Download
File Size   135.55 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 5 V Fixed, Adjustable Low-Dropout Linear Voltage Regulator

ADP667 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADP667 Datasheet PDF - Analog Devices

Part # ADP667
Download  ADP667 Click to download

File Size   135.55 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 5 V Fixed, Adjustable Low-Dropout Linear Voltage Regulator

ADP667 Datasheet (HTML) - Analog Devices


ADP667 Product details

GENERAL DESCRIPTION
The ADP667 is a low-dropout precision voltage regulator that can supply up to 250 mA output current. It can be used to give a fixed +5 V output with no additional external components or can be adjusted from +1.3 V to +16 V using two external resistors. Fixed or adjustable operation is automatically selected via the SET input. The low quiescent current (20 µA) in conjunction with the standby or shutdown mode (0.2 µA) makes this device especially suitable for battery powered systems.

FEATURES
    Low-Dropout: 150 mV @ 200 mA
    Low Power CMOS: 20 µA Quiescent Current
    Shutdown Mode: 0.2 µA Quiescent Current
    250 mA Output Current
    Pin Compatible with MAX667
    Stable with 10 µF Load Capacitor
    Low Battery Detector
    Fixed +5 V or Adjustable Output
    +3.5 V to +16.5 V Input Range
    Dropout Detector Output

APPLICATIONS
    Handheld Instruments
    Cellular Telephones
    Battery Operated Devices
    Portable Equipment
    Solar Powered Instruments
    High Efficiency Linear Power Supplies




Similar Part No. - ADP667

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP667 AD-ADP667 Datasheet
116Kb / 8P
5 V Fixed, Adjustable Low-Dropout Linear Voltage Regulator
REV. 0
ADP667AN AD-ADP667AN Datasheet
132Kb / 8P
5 V Fixed, Adjustable Low-Dropout Linear Voltage Regulator
REV. 0
ADP667AN AD-ADP667AN Datasheet
116Kb / 8P
5 V Fixed, Adjustable Low-Dropout Linear Voltage Regulator
REV. 0
ADP667ANZ AD-ADP667ANZ Datasheet
116Kb / 8P
5 V Fixed, Adjustable Low-Dropout Linear Voltage Regulator
REV. 0
ADP667AR AD-ADP667AR Datasheet
132Kb / 8P
5 V Fixed, Adjustable Low-Dropout Linear Voltage Regulator
REV. 0
More results


Similar Description - ADP667

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3367 AD-ADP3367 Datasheet
148Kb / 8P
5 V Fixed, Adjustable Low-Dropout Linear Voltage Regulator
REV.0
logo
Fairchild Semiconductor
FAN1585A FAIRCHILD-FAN1585A Datasheet
63Kb / 12P
5A Adjustable/Fixed Low Dropout Linear Regulator
logo
Unisonic Technologies
UZ2085 UTC-UZ2085 Datasheet
286Kb / 8P
3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Advanced Monolithic Sys...
AMS1117 AMS-AMS1117 Datasheet
894Kb / 9P
1A Adjustable/Fixed Low Dropout Linear Regulator
logo
Fairchild Semiconductor
RC1585M FAIRCHILD-RC1585M Datasheet
87Kb / 12P
5A Adjustable/Fixed Low Dropout Linear Regulator
logo
Leshan Radio Company
LR1117A LRC-LR1117A Datasheet
148Kb / 9P
1A Adjustable/Fixed Low Dropout Linear Regulator
logo
Analog Devices
ADP667ARZ AD-ADP667ARZ Datasheet
132Kb / 8P
5 V Fixed, Adjustable Low-Dropout Linear Voltage Regulator
REV. 0
ADP3367ARZ AD-ADP3367ARZ Datasheet
85Kb / 8P
5 V Fixed, Adjustable Low-Dropout Linear Voltage Regulator
REV. 0
ADP667ANZ AD-ADP667ANZ Datasheet
116Kb / 8P
5 V Fixed, Adjustable Low-Dropout Linear Voltage Regulator
REV. 0
ADP3367 AD-ADP3367_15 Datasheet
353Kb / 8P
5 V Fixed, Adjustable Low-Dropout Linear Voltage Regulator
REV. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com