Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP667 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP667
Description  5 V Fixed, Adjustable Low-Dropout Linear Voltage Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP667 Datasheet(HTML) 1 Page - Analog Devices

  ADP667 Datasheet HTML 1Page - Analog Devices ADP667 Datasheet HTML 2Page - Analog Devices ADP667 Datasheet HTML 3Page - Analog Devices ADP667 Datasheet HTML 4Page - Analog Devices ADP667 Datasheet HTML 5Page - Analog Devices ADP667 Datasheet HTML 6Page - Analog Devices ADP667 Datasheet HTML 7Page - Analog Devices ADP667 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
One Technology Way, P.O. Box 9106, Norwood. MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
FUNCTIONAL BLOCK DIAGRAM
ADP667
IN
SHDN
LBO
LBI
GND
50mV
SET
DD
OUT
1.255V
REF
A1
C1
C2
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
+5 V Fixed, Adjustable
Low-Dropout Linear Voltage Regulator
ADP667
FEATURES
Low-Dropout: 150 mV @ 200 mA
Low Power CMOS: 20
µA Quiescent Current
Shutdown Mode: 0.2
µA Quiescent Current
250 mA Output Current
Pin Compatible with MAX667
Stable with 10
µF Load Capacitor
Low Battery Detector
Fixed +5 V or Adjustable Output
+3.5 V to +16.5 V Input Range
Dropout Detector Output
APPLICATIONS
Handheld Instruments
Cellular Telephones
Battery Operated Devices
Portable Equipment
Solar Powered Instruments
High Efficiency Linear Power Supplies
GENERAL DESCRIPTION
The ADP667 is a low-dropout precision voltage regulator that
can supply up to 250 mA output current. It can be used to give
a fixed +5 V output with no additional external components or
can be adjusted from +1.3 V to +16 V using two external resis-
tors. Fixed or adjustable operation is automatically selected via
the SET input. The low quiescent current (20
µA) in conjunc-
tion with the standby or shutdown mode (0.2
µA) makes this
device especially suitable for battery powered systems. The
dropout voltage when supplying 100
µA is only 5 mV allowing
operation with minimal headroom and prolonging the battery
useful life. At higher output current levels the dropout remains
low increasing to just 150 mV when supplying 200 mA. A wide
input voltage range from 3.5 V to 16.5 V is allowable.
Additional features include a dropout detector and a low supply/
battery monitoring comparator. The dropout detector can be
used to signal loss of regulation, while the low battery detector
can be used to monitor the input supply voltage.
The ADP667 is a pin-compatible replacement for the MAX667.
It is specified over the industrial temperature range –40
°C to
+85
°C and is available in an 8-pin DIP and in narrow surface
mount (SOIC) packages.
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option
ADP667AN
–40
°C to +85°C
8-Pin Plastic DIP N-8
ADP667AR
–40
°C to +85°C
8-Lead SOIC
SO-8
TYPICAL OPERATING CIRCUIT
IN
OUT
GND
SET
SHDN
ADP667
+5V
OUTPUT
C1
10µF
+
+6V
INPUT
+
© Analog Devices, Inc., 1995


Similar Part No. - ADP667

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP667 AD-ADP667 Datasheet
116Kb / 8P
5 V Fixed, Adjustable Low-Dropout Linear Voltage Regulator
REV. 0
ADP667AN AD-ADP667AN Datasheet
132Kb / 8P
5 V Fixed, Adjustable Low-Dropout Linear Voltage Regulator
REV. 0
ADP667AN AD-ADP667AN Datasheet
116Kb / 8P
5 V Fixed, Adjustable Low-Dropout Linear Voltage Regulator
REV. 0
ADP667ANZ AD-ADP667ANZ Datasheet
116Kb / 8P
5 V Fixed, Adjustable Low-Dropout Linear Voltage Regulator
REV. 0
ADP667AR AD-ADP667AR Datasheet
132Kb / 8P
5 V Fixed, Adjustable Low-Dropout Linear Voltage Regulator
REV. 0
More results

Similar Description - ADP667

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3367 AD-ADP3367 Datasheet
148Kb / 8P
5 V Fixed, Adjustable Low-Dropout Linear Voltage Regulator
REV.0
logo
Fairchild Semiconductor
FAN1585A FAIRCHILD-FAN1585A Datasheet
63Kb / 12P
5A Adjustable/Fixed Low Dropout Linear Regulator
logo
Unisonic Technologies
UZ2085 UTC-UZ2085 Datasheet
286Kb / 8P
3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Advanced Monolithic Sys...
AMS1117 AMS-AMS1117 Datasheet
894Kb / 9P
1A Adjustable/Fixed Low Dropout Linear Regulator
logo
Fairchild Semiconductor
RC1585M FAIRCHILD-RC1585M Datasheet
87Kb / 12P
5A Adjustable/Fixed Low Dropout Linear Regulator
logo
Leshan Radio Company
LR1117A LRC-LR1117A Datasheet
148Kb / 9P
1A Adjustable/Fixed Low Dropout Linear Regulator
logo
Analog Devices
ADP667ARZ AD-ADP667ARZ Datasheet
132Kb / 8P
5 V Fixed, Adjustable Low-Dropout Linear Voltage Regulator
REV. 0
ADP3367ARZ AD-ADP3367ARZ Datasheet
85Kb / 8P
5 V Fixed, Adjustable Low-Dropout Linear Voltage Regulator
REV. 0
ADP667ANZ AD-ADP667ANZ Datasheet
116Kb / 8P
5 V Fixed, Adjustable Low-Dropout Linear Voltage Regulator
REV. 0
ADP3367 AD-ADP3367_15 Datasheet
353Kb / 8P
5 V Fixed, Adjustable Low-Dropout Linear Voltage Regulator
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com