Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP667 Datasheet(PDF) 6 Page - Analog Devices

Part # ADP667
Description  5 V Fixed, Adjustable Low-Dropout Linear Voltage Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP667 Datasheet(HTML) 6 Page - Analog Devices

  ADP667 Datasheet HTML 1Page - Analog Devices ADP667 Datasheet HTML 2Page - Analog Devices ADP667 Datasheet HTML 3Page - Analog Devices ADP667 Datasheet HTML 4Page - Analog Devices ADP667 Datasheet HTML 5Page - Analog Devices ADP667 Datasheet HTML 6Page - Analog Devices ADP667 Datasheet HTML 7Page - Analog Devices ADP667 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
–6–
REV. 0
ADP667–Typical Performance Characteristics
1000
10
100
LOAD CURRENT – mA
100
10
TA = +25°C
1
1
1000
Figure 8. Dropout Voltage vs. Load Current
10
0.01
1000
0.1
0.1
0.01
1
100
10
1
IOUT – mA
VIN = 6V
TA = +25°C
Figure 9. Quiescent Current vs. Load Current
I-O DIFFERENCE – mV
1000
100
1
0.00
0.45
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
10
TA = +25°C
TA = +25°C
100mA
50mA
20mA
10mA
5mA
2mA
Figure 10. DD Output Current vs. I-O Differential
∆I – mA
2.0
1.5
0.0
0
200
50
100
150
1.0
0.5
TA = +25°C
VIN = 6V
CL = 10µF
Figure 11. Load Regulation (
∆V
OUT vs. ∆IOUT)
CH1
2.00V
CH2
200mV
M 2.00ms
TA = +25°C
+10V
+6V
VIN
VOUT
200mV
0V
Figure 12. Dynamic Response to Input Change
CH1
1.00V
CH2 20.0mV
M 2.00ms
100mA
10mA
OUTPUT
CURRENT
VOUT
20mV
0mV
Figure 13. Dynamic Response to Load Change



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com