Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1001N Datasheet(PDF) 2 Page - IXYS Corporation

Part # CPC1001N
Description  Optocoupler: Unidirectional Input, Single-Transistor Output
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1001N Datasheet(HTML) 2 Page - IXYS Corporation

  CPC1001N Datasheet HTML 1Page - IXYS Corporation CPC1001N Datasheet HTML 2Page - IXYS Corporation CPC1001N Datasheet HTML 3Page - IXYS Corporation CPC1001N Datasheet HTML 4Page - IXYS Corporation CPC1001N Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
2
R05
CPC1001N
Absolute Maximum Ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to
the device. Functional operation of the device at conditions
beyond those indicated in the operational sections of this
data sheet is not implied.
Absolute Maximum Ratings @ 25ºC
Parameter
Ratings
Units
Input Power Dissipation 1
150
mW
Input Control Current
Peak (10ms)
5mA
1A
Reverse Input Voltage
5
V
Phototransistor 2
150
mW
Isolation Voltage, Input to Output
1500
V
rms
Operational Temperature
-40 to +85
°C
Storage Temperature
-40 to +125
°C
1 Derate linearly 1.33 mW / ºC
2 Derate linearly 2.00 mW / ºC
Electrical Characteristics @ 25ºC
Characteristic
Symbol
Test Condition
Typ
Units
Turn-On Time
t
on
I
F=2mA, VCC=5V, RL=1K
1
s
Turn-Off Time
t
off
30
Switching Characteristics @ 25ºC
Parameters
Conditions
Symbol
Min
Typ
Max
Units
Output Characteristics
Phototransistor Blocking Voltage
I
CEO=10µA
BV
CEO
30
90
-
V
P
Phototransistor Output (Dark) Current
I
F=0mA, VCEO=5V
I
CEO
-
9
500
nA
Saturation Voltage
I
F=1mA, IC=1mA
V
CE(sat)
-
-
0.3
V
Current Transfer Ratio
I
F=0.2mA, VCE=0.5V
CTR
100
330
800
%
Output Capacitance
V
CEO=25V, f=1MHz
C
OUT
-6
-
pF
Input Characteristics
Input Control Current
I
C=0.2mA, VCE=0.5V
I
F
-
0.1
0.2
mA
Input Voltage Drop
I
F=5mA
V
F
0.9
1.2
1.4
V
Input Reverse Current
V
R=5V
I
R
-
-
10
µA
Common Characteristics
Input to Output Capacitance
-
C
I/O
-3
-
pF
Switching Time Test Circuit
V
CC
V
CE
R
L
I
F
Pulse Width=5ms
Duty Cycle=1%
I
F
10%
90%
t ON
t OFF
V
CE



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com