Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1001N Datasheet(PDF) 1 Page - IXYS Corporation

Part # CPC1001N
Description  Optocoupler: Unidirectional Input, Single-Transistor Output
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1001N Datasheet(HTML) 1 Page - IXYS Corporation

  CPC1001N Datasheet HTML 1Page - IXYS Corporation CPC1001N Datasheet HTML 2Page - IXYS Corporation CPC1001N Datasheet HTML 3Page - IXYS Corporation CPC1001N Datasheet HTML 4Page - IXYS Corporation CPC1001N Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
DS-CPC1001N-R05
1
e3
Pb
CPC1001N
Optocoupler: Unidirectional Input,
Single-Transistor Output
Part #
Description
CPC1001N
4-Pin SOP (100/Tube)
CPC1001NTR
4-Pin SOP Surface Mount (2000/Reel)
Parameter
Rating
Units
Breakdown Voltage BV
CEO
30
V
Current Transfer Ratio (Min)
100
%
Saturation Voltage
0.3
V
Input Control Current
0.2
mA
Applications
Features
Description
Ordering Information
Pin Configuration
• Loop Detect
• Ringing Detect
• Sensor Circuitry
• Instrumentation
• Multiplexers
• Data Acquisition
• I/O Subsystems
• Industrial Control
• 100mA Continuous Load Rating
• 1500V
rms Input/Output Isolation
• Small 4-Pin SOP Package
• Machine Insertable, Wave Solderable
• Surface Mount and Tape & Reel Version Available
CPC1001N is a unidirectional input optocoupler with
a single transistor output. Current transfer ratios
range from 100% to 800%.
1
2
3
4
+ Control
– Control
Load
Load
Approvals
• UL Recognized Component: File # E76270
• CSA Certified Component: Certificate # 1175739
• EN/IEC 60950-1 Certified Component:
TUV Certificate B 09 07 49410 004


Similar Part No. - CPC1001N

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1001N CLARE-CPC1001N Datasheet
109Kb / 4P
Unidirectional Input, Single-Transistor Output Optocoupler
CPC1001NTR CLARE-CPC1001NTR Datasheet
109Kb / 4P
Unidirectional Input, Single-Transistor Output Optocoupler
More results

Similar Description - CPC1001N

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1001N CLARE-CPC1001N Datasheet
109Kb / 4P
Unidirectional Input, Single-Transistor Output Optocoupler
LDA102 CLARE-LDA102 Datasheet
128Kb / 5P
Unidirectional-Input, Single-Transistor Output Optocoupler
LDA111 CLARE-LDA111_1 Datasheet
116Kb / 5P
Unidirectional Input, Darlington Transistor Output Optocoupler
logo
IXYS Corporation
LDA100 IXYS-LDA100 Datasheet
120Kb / 6P
Optocoupler, Bidirectional Input Single-Transistor Output
LDA101 IXYS-LDA101 Datasheet
120Kb / 6P
Optocoupler, Unidirectional Input Single-Transistor Output
LDA102 IXYS-LDA102 Datasheet
120Kb / 6P
Optocoupler, Unidirectional Input Single-Transistor Output
LDA110 IXYS-LDA110 Datasheet
118Kb / 6P
Optocoupler, Bidirectional Input Darlington-Transistor Output
LDA111 IXYS-LDA111 Datasheet
118Kb / 6P
Optocoupler, Unidirectional Input Darlington-Transistor Output
LDA201 IXYS-LDA201 Datasheet
120Kb / 6P
Dual Optocouplers, Unidirectional Input Single-Transistor Output
LDA203 IXYS-LDA203 Datasheet
120Kb / 6P
Dual Optocouplers, Unidirectional Input Single-Transistor Output
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com