Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3415 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP3415
Description  Dual MOSFET Driver with Bootstrapping
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3415 Datasheet(HTML) 1 Page - Analog Devices

  ADP3415 Datasheet HTML 1Page - Analog Devices ADP3415 Datasheet HTML 2Page - Analog Devices ADP3415 Datasheet HTML 3Page - Analog Devices ADP3415 Datasheet HTML 4Page - Analog Devices ADP3415 Datasheet HTML 5Page - Analog Devices ADP3415 Datasheet HTML 6Page - Analog Devices ADP3415 Datasheet HTML 7Page - Analog Devices ADP3415 Datasheet HTML 8Page - Analog Devices ADP3415 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
REV. B
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© 2004 Analog Devices, Inc. All rights reserved.
ADP3415
Dual MOSFET Driver
with Bootstrapping
FEATURES
All-in-One Synchronous Buck Driver
One PWM Signal Generates Both Drives
Anticross Conduction Protection Circuitry
Programmable Transition Delay
Zero-Crossing Synchronous Drive Control
Synchronous Override Control
Undervoltage Lockout
Shutdown Quiescent Current <100
A
APPLICATIONS
Mobile Computing CPU Core Power Converters
Multiphase Desktop CPU Supplies
Single-Supply Synchronous Buck Converters
Standard-to-Synchronous Converter Adaptations
FUNCTIONAL BLOCK DIAGRAM
VCC
BST
DRVH
SW
DLY
GND
DRVL
ADP3415
SD
DRVLSD
IN
OVERLAP
PROTECTION
CIRCUIT
UVLO
VCC
GENERAL DESCRIPTION
The ADP3415 is a dual MOSFET driver optimized for driving
two N-channel FETs that are the two switches in the nonisolated
synchronous buck power converter topology. Each driver size is
optimized for performance in notebook PC regulators for CPUs
in the 20 A range. The high-side driver can be bootstrapped atop
the switched node of the buck converter as needed to drive the
upper switch and is designed to accommodate the high voltage
slew rate associated with high performance, high frequency
switching. The ADP3415 features an overlapping protection
circuit (OPC); undervoltage lockout (UVLO) that holds the
switches off until the driver is assured of having sufficient voltage
for proper operation; a programmable transition delay; and a
synchronous drive disable pin. The quiescent current, when the
device is disabled, is less than 100
µA.
The ADP3415 is specified over the extended commercial
temperature range of 0
°C to 100°C and is available in a 10-lead
MSOP package.
BST
DRVH
SW
SD
IN
DRVLSD
DLY
GND
DRVL
ADP3415
VDCIN
VOUT
5V
FROM SYSTEM
ENABLE CONTROL
FROM DUTY RATIO
MODULATOR
FROM SYSTEM
STATE LOGIC
VCC
Figure 1. Typical Application Circuit


Similar Part No. - ADP3415

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADP3415 ONSEMI-ADP3415 Datasheet
399Kb / 10P
Dual MOSFET Driver with Bootstrapping
May 2010 - Rev. 6
ADP3415LRM-REEL ONSEMI-ADP3415LRM-REEL Datasheet
399Kb / 10P
Dual MOSFET Driver with Bootstrapping
May 2010 - Rev. 6
ADP3415LRM-REEL7 ONSEMI-ADP3415LRM-REEL7 Datasheet
399Kb / 10P
Dual MOSFET Driver with Bootstrapping
May 2010 - Rev. 6
ADP3415LRMZ-REEL ONSEMI-ADP3415LRMZ-REEL Datasheet
399Kb / 10P
Dual MOSFET Driver with Bootstrapping
May 2010 - Rev. 6
ADP3415LRMZ-RL7 ONSEMI-ADP3415LRMZ-RL7 Datasheet
399Kb / 10P
Dual MOSFET Driver with Bootstrapping
May 2010 - Rev. 6
More results

Similar Description - ADP3415

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3410 AD-ADP3410 Datasheet
148Kb / 11P
Dual MOSFET Driver with Bootstrapping
REV.0
ADP3412 AD-ADP3412 Datasheet
135Kb / 8P
Dual MOSFET Driver with Bootstrapping
REV.0
logo
Infineon Technologies A...
TDA21102 INFINEON-TDA21102 Datasheet
197Kb / 7P
High speed Driver with bootstrapping for dual Power MOSFETs
Rev. 1.0 Dec 19, 2003
TDA21106 INFINEON-TDA21106 Datasheet
200Kb / 7P
High speed Driver with bootstrapping for dual Power MOSFETs
Rev 2.0 Apr, 2004
TDA21107 INFINEON-TDA21107 Datasheet
304Kb / 12P
High speed Driver with bootstrapping for dual Power MOSFETs
Version 1.2, Aug 2004
logo
ON Semiconductor
ADP3415 ONSEMI-ADP3415 Datasheet
399Kb / 10P
Dual MOSFET Driver with Bootstrapping
May 2010 - Rev. 6
logo
Sensitron
SPM4007010 SENSITRON-SPM4007010 Datasheet
63Kb / 5P
Dual MOSFET BRIDGE, With Gate Driver
SPM4012006 SENSITRON-SPM4012006 Datasheet
63Kb / 5P
Dual MOSFET BRIDGE, With Gate Driver
logo
Infineon Technologies A...
TDA21102 INFINEON-TDA21102_04 Datasheet
250Kb / 8P
High speed Driver with bootstrapping for dual Power MOSFETs
Rev. 2.0 Aug 31, 2004
TDA21101 INFINEON-TDA21101 Datasheet
47Kb / 5P
High speed Driver with bootstrapping for dual Power MOSFETs
2002-03-28
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com