Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC2017N Datasheet(PDF) 3 Page - IXYS Corporation

Part # CPC2017N
Description  Dual Normally Open 8-Pin SOIC OptoMOS짰 Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC2017N Datasheet(HTML) 3 Page - IXYS Corporation

  CPC2017N Datasheet HTML 1Page - IXYS Corporation CPC2017N Datasheet HTML 2Page - IXYS Corporation CPC2017N Datasheet HTML 3Page - IXYS Corporation CPC2017N Datasheet HTML 4Page - IXYS Corporation CPC2017N Datasheet HTML 5Page - IXYS Corporation CPC2017N Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
CPC2017N
www.ixysic.com
3
R03
PERFORMANCE DATA*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please
contact our application department.
35
30
25
20
15
10
5
0
1.17
1.19
1.21
1.23
1.25
LED Forward Voltage Drop (V)
Typical LED Forward Voltage Drop
(N=50, I
F=5mA, TA=25ºC)
1.0
1.2
1.4
1.6
1.1
1.3
1.5
Turn-On (ms)
25
20
15
10
5
0
Typical Turn-On Time
(N=50, I
F=5mA, IL=120mA, TA=25ºC)
0.26
0.30
0.34
0.38
0.36
0.32
0.28
Turn-Off (ms)
25
20
15
10
5
0
Typical Turn-Off Time
(N=50, I
F=5mA, IL=120mA, TA=25ºC)
0.35
0.45
0.55
0.30
0.40
0.50
0.60
LED Current (mA)
25
20
15
10
5
0
Typical I
F for Switch Operation
(N=50, I
L=120mA, TA=25ºC)
25
20
15
10
5
0
0.35
0.45
0.55
0.30
0.40
0.50
0.60
LED Current (mA)
Typical I
F for Switch Dropout
(N=50, I
L=120mA, TA=25ºC)
35
30
25
20
15
10
5
0
On-Resistance ( )
6.8
6.9
7.1
7.0
7.4
7.2
7.3
Typical On-Resistance Distribution
(N=50, I
F=1mA, IL=120mA, TA=25ºC)
35
30
25
20
15
10
5
0
80
84
88
92
82
86
90
Blocking Voltage (V
P)
Typical Blocking Voltage Distribution
(N=50, T
A=25ºC)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
1.0
1.1
1.2
1.3
1.4
1.5
1.6
Typical LED Forward Voltage Drop
vs. Temperature
I
F=1mA
I
F=2mA
I
F=5mA
I
F=10mA
I
F=20mA
I
F=50mA
LED Forward Current (mA)
0
5
1015202530354045
3.0
2.7
2.4
2.1
1.8
1.5
1.2
0.9
0.6
0.3
0
50
Typical Turn-On
vs. LED Forward Current
(I
L=120mA)
LED Forward Current (mA)
0
5
1015202530354045
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
50
Typical Turn-Off
vs. LED Forward Current
(I
L=120mA)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com