Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC2017N Datasheet(PDF) 4 Page - IXYS Corporation

Part # CPC2017N
Description  Dual Normally Open 8-Pin SOIC OptoMOS짰 Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC2017N Datasheet(HTML) 4 Page - IXYS Corporation

  CPC2017N Datasheet HTML 1Page - IXYS Corporation CPC2017N Datasheet HTML 2Page - IXYS Corporation CPC2017N Datasheet HTML 3Page - IXYS Corporation CPC2017N Datasheet HTML 4Page - IXYS Corporation CPC2017N Datasheet HTML 5Page - IXYS Corporation CPC2017N Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
4
R03
CPC2017N
PERFORMANCE DATA*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please
contact our application department.
Typical I
F for Switch Operation
vs. Temperature
(I
L=60mA)
-40
3.0
2.5
2.0
1.5
1.0
0.5
0
-20
0
20
40
60
80
100
Temperature (ºC)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
1.0
1.5
2.0
2.5
3.0
3.5
Typical Turn-On vs. Temperature
(I
L=50mA)
I
F=2mA
I
F=5mA
-40
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
-20
0
20
40
60
80
100
Typical Turn-Off vs. Temperature
(I
L=50mA)
Temperature (ºC)
I
F=5mA
I
F=2mA
-40
14
12
10
8
6
4
-20
0
20
40
60
80
100
2
Steady State
Instantaneous
I
F=5mA
I
F=5mA
I
F=2mA
Temperature (ºC)
Typical On-Resistance vs. Temperature
(I
L=60mA)
Load Voltage (V)
150
100
50
0
-50
-100
-150
-1.5
-1.0
-0.5
0
0.5
1.0
1.5
Typical Load Current vs. Load Voltage
(I
F=1mA, TA=25ºC)
-40
91
89
87
85
83
81
79
77
-20
0
20
40
60
80
100
Typical Blocking Voltage
vs. Temperature
Temperature (ºC)
-40
0.016
0.014
0.012
0.010
0.008
0.006
0.004
0.002
0
-20
0
20
40
60
80
100
Typical Leakage vs. Temperature
(Measured Across Pins 3 & 4)
(V
L=60V)
Temperature (ºC)
Time
10 s 100 s 1ms 10ms 100ms
1s
10s
100s
0.0
0.2
0.4
0.6
0.8
1.0
Energy Rating Curve
Temperature (ºC)
-40
-20
0
20
40
60
80
100
60
70
80
90
100
110
120
130
Maximum Load Current vs. Temperature
(I
F=2mA)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com