Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3604 Datasheet(PDF) 3 Page - Analog Devices

Part # ADP3604
Description  Switched Capacitor Voltage Converter with Regulated Output
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3604 Datasheet(HTML) 3 Page - Analog Devices

  ADP3604 Datasheet HTML 1Page - Analog Devices ADP3604 Datasheet HTML 2Page - Analog Devices ADP3604 Datasheet HTML 3Page - Analog Devices ADP3604 Datasheet HTML 4Page - Analog Devices ADP3604 Datasheet HTML 5Page - Analog Devices ADP3604 Datasheet HTML 6Page - Analog Devices ADP3604 Datasheet HTML 7Page - Analog Devices ADP3604 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ADP3604
REV. 0
–3–
SUPPLY VOLTAGE – V
130
120
110
4.0
4.5
8.0
5.0
5.5
6.0
6.5
7.0
7.5
Figure 2. Oscillator Frequency vs.
Supply Voltage
TEMPERATURE –
°C
126
112
–40
85
025
70
124
122
120
118
116
114
VIN = 5V
Figure 5. Oscillator Frequency vs.
Temperature
SUPPLY VOLTAGE – V
5.0
2.5
0
4.5
5.0
8.0
5.5
6.0
7.0
7.5
6.5
4.5
2.0
4.0
1.5
3.5
1.0
3.0
0.5
NORMAL
MODE
SHUTDOWN
MODE
Figure 8. Supply Current vs. Supply
Voltage
TEMPERATURE –
°C
3.5
3.0
0
–40
85
025
70
2.5
2.0
1.5
1.0
0.5
NORMAL MODE @ VIN = 5V
SHUTDOWN MODE @ VIN = 5V
Figure 3. Supply Current vs.
Temperature
LOAD CURRENT – mA
160
80
0
10
30
50
70
90
140
120
100
60
40
20
110
130
150
VIN = 5V
Figure 6. Average Input Current vs.
Load Current
100
90
10
0%
1V
2mS
0V
0V
Figure 9. Start-Up Under Full Load
TEMPERATURE –
°C
–2.9
–3.04
–40
85
0
25
70
–2.92
–2.94
–2.96
–2.98
–3.00
–3.02
VIN = 5V
IL = 150mA
IL = 120mA
IL = 60mA
IL = 10mA
Figure 4. Output Voltage vs.
Temperature
LOAD CURRENT – mA
70
60
0
10
30
130
50
90
110
70
50
40
30
20
10
VIN = 4.5V
VIN = 5.0V
VIN = 6.0V
Figure 7. Efficiency vs. Load
Current and Input Voltage
100
90
10
0%
1V
2mS
0V
0V
Figure 10. Enable/Disable Time
Under Full Load



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com