Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3604 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP3604
Description  Switched Capacitor Voltage Converter with Regulated Output
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3604 Datasheet(HTML) 1 Page - Analog Devices

  ADP3604 Datasheet HTML 1Page - Analog Devices ADP3604 Datasheet HTML 2Page - Analog Devices ADP3604 Datasheet HTML 3Page - Analog Devices ADP3604 Datasheet HTML 4Page - Analog Devices ADP3604 Datasheet HTML 5Page - Analog Devices ADP3604 Datasheet HTML 6Page - Analog Devices ADP3604 Datasheet HTML 7Page - Analog Devices ADP3604 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a SwitchedCapacitorVoltageConverter
with Regulated Output
ADP3604*
© Analog Devices, Inc., 1996
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
GENERAL DESCRIPTION
The ADP3604 switched capacitor voltage converter provides a
regulated output voltage with minimum voltage loss and re-
quires a minimum number of external components. In addi-
tion, the ADP3604 does not require the use of an inductor.
The ADP3604 provides up to 120 mA of output current with
±3% output accuracy.
The internal oscillator runs at 240 kHz nominal frequency
which produces an output switching frequency of 120 kHz, al-
lowing the use of small charge pump and filter capacitors.
The ADP3604 is primarily designed for use as a high fre-
quency negative voltage regulator/inverter. The output voltages
of the ADP3604 can range from –1.2 V to –4.0 V, nominally
–3.0 V. For other output voltages, contact the factory.
The ADP3604 dissipates less than 350 mW of power and fea-
tures fast shutdown mode capability (<5 ms) that also drops the
quiescent current to 1.5 mA (typ). For a lower cost, 50 mA out-
put current version, see the ADP3603.
*Patent pending.
FEATURES
Fully Regulated Output
High Output Current: 120 mA
50 mA Version (ADP3603) Is Also Available
Outstanding Precision:
3% Output Accuracy
Input Voltage Range: +4.5 V to +6.0 V
Output Voltage: –3.0 V (Regulated)
High Switching Frequency: 120 kHz (240 kHz Internal
Oscillator)
Shutdown Capability
Small Outline 8-Pin SOIC Package
APPLICATIONS
Voltage Inverters
Voltage Regulators
Computer Peripherals and Add-On Cards
Portable Instruments
Battery Powered Devices
Pagers and Radio Control Receivers
Disk Drives
Mobile Phones
FUNCTIONAL BLOCK DIAGRAM
8
SP D
S1
SN D
S2
S
N
D
B
S3
S
N
D
7
3
VIN
CP–
CP+
1
S4
2
VOUT
GND
OSC
CLOCK
GEN
4
SD
FEEDBACK
CONTROL
LOOP
5
VSENSE
PIN CONFIGURATION
8-Pin SOIC
(SO-8)
1
2
3
4
8
7
6
5
TOP VIEW
(Not to Scale)
NC = NO CONNECT
ADP3604
CP+
VSENSE
NC
VOUT
VIN
GND
CP–
SHUTDOWN
ADP3604
8
7
3
C2
4.7µF†
1
4
SHUTDOWN
0
OFF
ON
C1
4.7µF†
VIN +4.5 – +6V
VOUT –3.0V
C3
4.7µF†
2
5
VSENSE
NOTE
C2: SPRAGUE, 293D105X0010B2W
C1, C3: TOKIN, 1E105ZY5UC205F
†FOR BEST PERFORMANCE 10µF IS RECOMMENDED
Figure 1. Typical Application Circuit


Similar Part No. - ADP3604

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3604 AD-ADP3604 Datasheet
127Kb / 8P
Switched Capacitor Voltage Converter with Regulated Output
REV. 0
ADP3604 AD-ADP3604_15 Datasheet
127Kb / 8P
Switched Capacitor Voltage Converter with Regulated Output
REV. 0
More results

Similar Description - ADP3604

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2685 NSC-LM2685 Datasheet
244Kb / 9P
Dual Output Regulated Switched Capacitor Voltage Converter
LM2686 NSC-LM2686 Datasheet
204Kb / 8P
Regulated Switched Capacitor Voltage Converter
logo
Analog Devices
ADP3605 AD-ADP3605 Datasheet
197Kb / 8P
120 mA Switched Capacitor Voltage Inverter with Regulated Output
REV.A
ADP3607 AD-ADP3607 Datasheet
146Kb / 8P
50 mA Switched Capacitor Voltage Boost with Regulated Output
REV.0
logo
Linear Technology
LTC1261 LINER-LTC1261 Datasheet
310Kb / 16P
Switched Capacitor Regulated Voltage Inverter
logo
National Semiconductor ...
LM2760 NSC-LM2760 Datasheet
242Kb / 10P
3.3V Regulated Switched Capacitor Voltage Converter
logo
Analog Devices
ADP3605ARZ AD-ADP3605ARZ Datasheet
233Kb / 12P
120 mA Switched Capacitor Voltage Inverter with Regulated Output
REV. B
ADP3604 AD-ADP3604_15 Datasheet
127Kb / 8P
Switched Capacitor Voltage Converter with Regulated Output
REV. 0
ADP3603 AD-ADP3603_15 Datasheet
143Kb / 8P
Switched Capacitor Voltage Converter with Regulated Output
REV. 0
ADP3605 AD-ADP3605_15 Datasheet
233Kb / 12P
120 mA Switched Capacitor Voltage Inverter with Regulated Output
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com