Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3605 Datasheet (PDF) - Analog Devices

ADP3605 Datasheet PDF - Analog Devices
Part # ADP3605
Download  ADP3605 Download
File Size   197.47 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 120 mA Switched Capacitor Voltage Inverter with Regulated Output

ADP3605 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADP3605 Datasheet PDF - Analog Devices

Part # ADP3605
Download  ADP3605 Click to download

File Size   197.47 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 120 mA Switched Capacitor Voltage Inverter with Regulated Output

ADP3605 Datasheet (HTML) - Analog Devices


ADP3605 Product details

GENERAL DESCRIPTION
The ADP3605 is a 120 mA regulated output switched capacitor voltage inverter. It provides a regulated output voltage with minimum voltage loss and requires a minimum number of external components. In addition, the ADP3605 does not require the use of an inductor.
   
FEATURES
    Fully Regulated Output Voltage (–3 V and Adjustable)
    High Output Current: 120 mA
    Output Accuracy: ±3%
    250 kHz Switching Frequency
    Low Shutdown Current: 2 μA Typical
    Input Voltage Range from 3 V to 6 V
    SO-8 and RU-14 Packages
    –40°C to +85°C Ambient Temperature Range
   
APPLICATIONS
    Voltage Inverters
    Voltage Regulators
    Computer Peripherals and Add-On Cards
    Portable Instruments
    Battery Powered Devices
    Pagers and Radio Control Receivers
    Disk Drives
    Mobile Phones
   




Similar Part No. - ADP3605

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3605 AD-ADP3605 Datasheet
233Kb / 12P
120 mA Switched Capacitor Voltage Inverter with Regulated Output
REV. B
ADP3605ARZ AD-ADP3605ARZ Datasheet
233Kb / 12P
120 mA Switched Capacitor Voltage Inverter with Regulated Output
REV. B
ADP3605ARZ-R7 AD-ADP3605ARZ-R7 Datasheet
233Kb / 12P
120 mA Switched Capacitor Voltage Inverter with Regulated Output
REV. B
ADP3605 AD-ADP3605_15 Datasheet
233Kb / 12P
120 mA Switched Capacitor Voltage Inverter with Regulated Output
REV. B
More results


Similar Description - ADP3605

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3604 AD-ADP3604 Datasheet
143Kb / 8P
Switched Capacitor Voltage Converter with Regulated Output
REV.0
ADP3607 AD-ADP3607 Datasheet
146Kb / 8P
50 mA Switched Capacitor Voltage Boost with Regulated Output
REV.0
logo
Linear Technology
LTC1261 LINER-LTC1261 Datasheet
310Kb / 16P
Switched Capacitor Regulated Voltage Inverter
LTC1261L LINER-LTC1261L Datasheet
182Kb / 12P
Switched Capacitor Regulated Voltage Inverter
logo
Analog Devices
ADP3605ARZ AD-ADP3605ARZ Datasheet
233Kb / 12P
120 mA Switched Capacitor Voltage Inverter with Regulated Output
REV. B
ADP3604 AD-ADP3604_15 Datasheet
127Kb / 8P
Switched Capacitor Voltage Converter with Regulated Output
REV. 0
ADP3603 AD-ADP3603_15 Datasheet
143Kb / 8P
Switched Capacitor Voltage Converter with Regulated Output
REV. 0
ADP3605 AD-ADP3605_15 Datasheet
233Kb / 12P
120 mA Switched Capacitor Voltage Inverter with Regulated Output
REV. B
logo
Linear Technology
LTC1261L LINER-LTC1261L_15 Datasheet
2Mb / 14P
Switched Capacitor Regulated Voltage Inverter
LTC1261 LINER-LTC1261_15 Datasheet
483Kb / 18P
Switched Capacitor Regulated Voltage Inverter
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com