Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3605 Datasheet(PDF) 4 Page - Analog Devices

Part # ADP3605
Description  120 mA Switched Capacitor Voltage Inverter with Regulated Output
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3605 Datasheet(HTML) 4 Page - Analog Devices

  ADP3605 Datasheet HTML 1Page - Analog Devices ADP3605 Datasheet HTML 2Page - Analog Devices ADP3605 Datasheet HTML 3Page - Analog Devices ADP3605 Datasheet HTML 4Page - Analog Devices ADP3605 Datasheet HTML 5Page - Analog Devices ADP3605 Datasheet HTML 6Page - Analog Devices ADP3605 Datasheet HTML 7Page - Analog Devices ADP3605 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ADP3605
–4–
REV. A
SUPPLY VOLTAGE – Volts
270
260
250
3
3.5
6
4
4.5
5
5.5
Figure 2. Oscillator Frequency vs.
Supply Voltage
TEMPERATURE – C
300
280
200
–40
–15
85
10
35
60
260
240
220
Figure 5. Oscillator Frequency vs.
Temperature
SUPPLY VOLTAGE – Volts
3.5
3
0
34
6
5
2
1.5
1
SHUTDOWN MODE
(VSD = VIN)
0.5
2.5
7
6
0
4
3
1
2
5
NORMAL MODE
(VSD = 0V)
Figure 8. Supply Current vs. Supply
Voltage
–Typical Performance Characteristics
4.5
4
3.5
3
2.5
2
1.5
–40
–15
10
35
60
85
TEMPERATURE – C
3
0
2
1
2.5
1.5
0.5
VIN = +5V
SHUTDOWN MODE
(VSD = VIN)
NORMAL MODE
(VSD = 0V)
Figure 3. Supply Current vs.
Temperature
LOAD CURRENT – mA
140
0
10
30
130
50
70
90
110
120
100
80
40
20
60
Figure 6. Average Input Current
vs. Output Current
Figure 9 . Start-Up Under Full Load
TEMPERATURE – C
–2.96
–2.97
–3.03
–40
–15
85
10
35
60
–2.99
–3.00
–3.01
–3.02
–2.98
IL = 120mA
IL = 60mA
IL = 10mA
Figure 4. Output Voltage vs.
Temperature
LOAD CURRENT – mA
–2.5
–2.6
–3.2
0
40
200
80
120
160
–2.7
–2.8
–2.9
–3.0
–3.1
240
280
VIN = +6V
VIN = +5V
VIN = +4.75V
VIN = +3.5V
VIN = +3V
Figure 7. Output Voltage vs. Load
Current
Figure 10. Enable/Disable Time
Under Full Load



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com