Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3605 Datasheet(PDF) 2 Page - Analog Devices

Part # ADP3605
Description  120 mA Switched Capacitor Voltage Inverter with Regulated Output
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3605 Datasheet(HTML) 2 Page - Analog Devices

  ADP3605 Datasheet HTML 1Page - Analog Devices ADP3605 Datasheet HTML 2Page - Analog Devices ADP3605 Datasheet HTML 3Page - Analog Devices ADP3605 Datasheet HTML 4Page - Analog Devices ADP3605 Datasheet HTML 5Page - Analog Devices ADP3605 Datasheet HTML 6Page - Analog Devices ADP3605 Datasheet HTML 7Page - Analog Devices ADP3605 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
–2–
REV. A
ADP3605–SPECIFICATIONS1, 2, 3
Parameter
Symbol
Conditions
Min
Typ
Max
Units
OPERATING SUPPLY RANGE
VS
35
6
V
SUPPLY CURRENT
IS
–40
°C < T
A < +85°C3
6
mA
Shutdown Mode
VSD = VIN
215
µA
–40
°C < T
A < +85°C
OUTPUT VOLTAGE
4
VO
IO = 60 mA
–3.09
–3.0
–2.91
V
IO = 10 mA–120 mA,
–3.15
–3
–2.85
V
–40
°C ≤ T
A ≤ +85°C
4.75 V
≤ V
S ≤ 6.0 V
LOAD REGULATION
∆V
O/IO
IO = 10 mA–60 mA
0.3
mV/mA
IO = 10 mA–120 mA
0.25
mV/mA
OUTPUT RESISTANCE
Open Loop
RO
9
OUTPUT RIPPLE VOLTAGE
VRIPPLE
CIN = CO = 4.7 µF,
ILOAD = 60 mA
38
mV
ILOAD = 120 mA
75
mV
SWITCHING FREQUENCY
FS
VIN = 5 V
212
250
288
kHz
–40
°C < T
A < +85°C
SHUTDOWN
Logic Input High
VIH
2.4
V
Input Current
IIH
1
µA
Logic Input Low
VIL
0.4
V
Input Current
IIL
1
µA
NOTES
1Capacitors C
IN, CO and CP in the test circuit are 4.7 µF with 0.1 Ω ESR.
2See Figure 1 Conditions.
3All limits at temperature extremes are guaranteed via correlation using standard Statistical Quality Control (SQC) methods.
4For the adjustable device, a 1% resistor should be used to maintain output voltage tolerance. For both device types, tolerances can be improved by >1% using larger
value and lower ESR capacitors for CO and CP.
Specifications subject to change without notice.
ABSOLUTE MAXIMUM RATINGS
1
(TA = +25
°C unless otherwise noted)
Input Voltage (V+ to GND, GND to OUT) . . . . . . . . +7.5 V
Input Voltage (V+ to OUT) . . . . . . . . . . . . . . . . . . . . . +11 V
Output Short Circuit Protection . . . . . . . . . . . . . . . . . . . 1 sec
Power Dissipation, SO-8 . . . . . . . . . . . . . . . . . . . . . . 660 mW
θ
JA
2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 150
°C/W
Power Dissipation, RU-14 . . . . . . . . . . . . . . . . . . . . . 600 mW
θ
JA
2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 165
°C/W
Operating Temperature Range . . . . . . . . . . . –40
°C to +85°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature Range (Soldering 10 sec) . . . . . . . . +300
°C
Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . . . +215
°C
Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . . +220
°C
NOTES
1This is a stress rating only; operation beyond these limits can cause the device to
be permanently damaged.
2θ
JA is specified for worst case conditions with device soldered on a circuit board.
ORDERING GUIDE
Model
Output Voltage
Package Description
Package Options*
ADP3605AR-3
–3 V
Small Outline
SO-8
ADP3605AR
ADJ
Small Outline
SO-8
ADP3605ARU-3
–3 V
Thin Shrink Small Outline Package (TSSOP)
RU-14
*Contact the factory for the availability of other output voltage options.
(VIN = 5.0 V @ TA = +25 C, CP = CO = 4.7 F unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com