Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3605 Datasheet(PDF) 6 Page - Analog Devices

Part # ADP3605
Description  120 mA Switched Capacitor Voltage Inverter with Regulated Output
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3605 Datasheet(HTML) 6 Page - Analog Devices

  ADP3605 Datasheet HTML 1Page - Analog Devices ADP3605 Datasheet HTML 2Page - Analog Devices ADP3605 Datasheet HTML 3Page - Analog Devices ADP3605 Datasheet HTML 4Page - Analog Devices ADP3605 Datasheet HTML 5Page - Analog Devices ADP3605 Datasheet HTML 6Page - Analog Devices ADP3605 Datasheet HTML 7Page - Analog Devices ADP3605 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
ADP3605
–6–
REV. A
Pump Capacitor
The ADP3605 alternately charges CP to the input voltage when
CP is switched in parallel with the input supply, and then trans-
fers charge to CO when CP is switched in parallel with CO.
During the time CP is charging, the peak current is approxi-
mately two times the output current.
During the time CP is delivering charge to CO, the supply cur-
rent drops down to about 3 mA.
A low ESR capacitor has much greater impact on performance
for CP than CO since current through CP is twice the CO cur-
rent. Therefore, the voltage drop due to CP is about four times
the ESR of CP times the load current. While the ESR of CO
affects the output ripple voltage, the voltage drop generated by
the ESR of CP, combined with the voltage drop due to the output
source resistance, determines the maximum available VOUT.
TEMPERATURE – C
10
1.0
0.01
–50
100
0
50
0.1
ALUMINUM
CERAMIC
TANTALUM
ORGANIC SEMIC
Figure 13. ESR vs. Temperature
CAPACITANCE –
F
100
80
0
0
160
20
40
60
80
100
120
140
60
40
20
ADP3605-3
150m
100m
50m
Figure 14. Output Ripple Voltage (mV) vs. Capacitance
and ESR
Improved Load Regulation
In most applications, the IR drop from printed circuit board
traces is not critical. VSENSE should be connected to the output
at a convenient PCB location close to the load. However, if a
reduction in IR drop or improvement in load regulation is de-
sired, the sense line can be used to monitor the output voltage
at the load. To avoid excessive noise pickup, keep the VSENSE
line as short as possible and away from any noisy line.
Shutdown Mode
The ADP3605’s output can be disabled by pulling the SD pin
(Pin 4) high to a TTL/CMOS logic compatible level which will
stop the internal oscillator. In shutdown mode, the quiescent
current is reduced to 2
µA (typical). Applying a digital low level
or tying the SD Pin to ground will turn on the output. If the
shutdown feature is not used, Pin 4 should be tied to the
ground pin.
Power Dissipation
The power dissipation of the ADP3605 circuit must be limited
such that the junction temperature of the device does not exceed
the maximum junction temperature rating. Total power dissipa-
tion is calculated as follows:
P = (VIN –|VOUT|) IOUT + (VIN) IS
Where
IOUT and IS are output current and supply current, VIN
and
VOUT are input and output voltages respectively.
For example: assuming worst case conditions, VIN = 6 V,
VOUT = –2.9 V, IOUT = 120 mA and IS = 5 mA. Calculated
device power dissipation is:
P
≈ (6 V–|–2.9 V|)(0.12) + (6 V)(0.005 A) = 402 mW
This is far below the 660 mW power dissipation capability of the
ADP3605 in SO-8 or 600 mW in RU-14
General Board Layout Guidelines
Since the ADP3605’s internal switches turn on and off very fast,
good PC board layout practices are critical to ensure optimal
operation of the device. Improper layouts will result in poor load
regulation, especially under heavy loads. Following these simple
layout guidelines will improve output performance.
1. Use adequate ground and power traces or planes.
2. Use single point ground for device ground and input and
output capacitor grounds.
3. Keep external components as close to the device as possible.
4. Use short traces from the input and output capacitors
to the input and output pins respectively.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com