Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3605 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP3605
Description  120 mA Switched Capacitor Voltage Inverter with Regulated Output
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3605 Datasheet(HTML) 1 Page - Analog Devices

  ADP3605 Datasheet HTML 1Page - Analog Devices ADP3605 Datasheet HTML 2Page - Analog Devices ADP3605 Datasheet HTML 3Page - Analog Devices ADP3605 Datasheet HTML 4Page - Analog Devices ADP3605 Datasheet HTML 5Page - Analog Devices ADP3605 Datasheet HTML 6Page - Analog Devices ADP3605 Datasheet HTML 7Page - Analog Devices ADP3605 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
ADP3605
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1999
120 mA Switched Capacitor
Voltage Inverter with Regulated Output
FUNCTIONAL BLOCK DIAGRAM
SD
OSC
CLOCK
GEN
FEEDBACK
CONTROL
LOOP
SD
SD
B
S
D
S
D
N
C
P+
C
P
PN
N
S1
S3
VIN
VOUT
VSENSE
GND
S2
S4
ADP3605
+
–3.0V
VIN
*CO
4.7 F
+
*CIN
4.7 F
+
ADP3605-3
*CP
4.7 F
OFF
ON
0
VSENSE
VIN
CP+
CP
SD
VOUT
*FOR BEST PERFORMANCE, 10 F IS RECOMMENDED
CP : SPRAGUE, 293D475X0010B2W
CIN, CO: TOKIN, 1E475ZY5UC205F
GND
Figure 1. Typical Application Circuit
FEATURES
Fully Regulated Output Voltage (–3 V and Adjustable)
High Output Current: 120 mA
Output Accuracy:
3%
250 kHz Switching Frequency
Low Shutdown Current: 2
A Typical
Input Voltage Range from 3 V to 6 V
SO-8 and RU-14 Packages
–40 C to +85 C Ambient Temperature Range
APPLICATIONS
Voltage Inverters
Voltage Regulators
Computer Peripherals and Add-On Cards
Portable Instruments
Battery Powered Devices
Pagers and Radio Control Receivers
Disk Drives
Mobile Phones
GENERAL DESCRIPTION
The ADP3605 is a 120 mA regulated output switched capacitor
voltage inverter. It provides a regulated output voltage with
minimum voltage loss and requires a minimum number of ex-
ternal components. In addition, the ADP3605 does not require
the use of an inductor.
Pin-for-pin and functionally compatible with the ADP3604, the
internal oscillator of the ADP3605 runs at 500 kHz nominal
frequency which produces an output switching frequency of
250 kHz. This allows for the use of smaller charge pump and
filter capacitors.
The ADP3605 provides an accuracy of
±3% with a typical shut-
down current of 2
µA. It can also operate from a single positive
input voltage as low as 3 V. The ADP3605 is offered with the
regulation fixed at –3 V or adjustable via external resistors over
a –3 V to –6 V range.


Similar Part No. - ADP3605

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3605 AD-ADP3605 Datasheet
233Kb / 12P
120 mA Switched Capacitor Voltage Inverter with Regulated Output
REV. B
ADP3605ARZ AD-ADP3605ARZ Datasheet
233Kb / 12P
120 mA Switched Capacitor Voltage Inverter with Regulated Output
REV. B
ADP3605ARZ-R7 AD-ADP3605ARZ-R7 Datasheet
233Kb / 12P
120 mA Switched Capacitor Voltage Inverter with Regulated Output
REV. B
ADP3605 AD-ADP3605_15 Datasheet
233Kb / 12P
120 mA Switched Capacitor Voltage Inverter with Regulated Output
REV. B
More results

Similar Description - ADP3605

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3604 AD-ADP3604 Datasheet
143Kb / 8P
Switched Capacitor Voltage Converter with Regulated Output
REV.0
ADP3607 AD-ADP3607 Datasheet
146Kb / 8P
50 mA Switched Capacitor Voltage Boost with Regulated Output
REV.0
logo
Linear Technology
LTC1261 LINER-LTC1261 Datasheet
310Kb / 16P
Switched Capacitor Regulated Voltage Inverter
LTC1261L LINER-LTC1261L Datasheet
182Kb / 12P
Switched Capacitor Regulated Voltage Inverter
logo
Analog Devices
ADP3605ARZ AD-ADP3605ARZ Datasheet
233Kb / 12P
120 mA Switched Capacitor Voltage Inverter with Regulated Output
REV. B
ADP3604 AD-ADP3604_15 Datasheet
127Kb / 8P
Switched Capacitor Voltage Converter with Regulated Output
REV. 0
ADP3603 AD-ADP3603_15 Datasheet
143Kb / 8P
Switched Capacitor Voltage Converter with Regulated Output
REV. 0
ADP3605 AD-ADP3605_15 Datasheet
233Kb / 12P
120 mA Switched Capacitor Voltage Inverter with Regulated Output
REV. B
logo
Linear Technology
LTC1261L LINER-LTC1261L_15 Datasheet
2Mb / 14P
Switched Capacitor Regulated Voltage Inverter
LTC1261 LINER-LTC1261_15 Datasheet
483Kb / 18P
Switched Capacitor Regulated Voltage Inverter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com