Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3605 Datasheet(PDF) 3 Page - Analog Devices

Part # ADP3605
Description  120 mA Switched Capacitor Voltage Inverter with Regulated Output
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3605 Datasheet(HTML) 3 Page - Analog Devices

  ADP3605 Datasheet HTML 1Page - Analog Devices ADP3605 Datasheet HTML 2Page - Analog Devices ADP3605 Datasheet HTML 3Page - Analog Devices ADP3605 Datasheet HTML 4Page - Analog Devices ADP3605 Datasheet HTML 5Page - Analog Devices ADP3605 Datasheet HTML 6Page - Analog Devices ADP3605 Datasheet HTML 7Page - Analog Devices ADP3605 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ADP3605
–3–
REV. A
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the ADP3605 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges larger than 600 V HBM.
Therefore, proper ESD precautions are recommended to avoid performance degradation or loss
of functionality.
WARNING!
ESD SENSITIVE DEVICE
Table I. Other Members of ADP36xx Family
1
Output
Package
Model
Current
Option2
Comments
ADP3603AR
50 mA
SO-8
Nom.–3
± 3% Inverter
ADP3604AR
120 mA
SO-8
Nom.–3
± 3% Inverter
ADP3610ARU 320 mA
TSSOP-16 Nom. 3.3 VIN Doubler
NOTES
1See individual data sheets for detailed ordering information.
2SO = Small Outline; TSSOP = Thin Shrink Small Outline Package.
Table II. Alternative Capacitor Technologies
High
Type
Life
Freq
Temp
Size
Cost
Aluminum
Electrolytic
Capacitor
Fair
Fair
Fair
Small
Low
Multilayer
Ceramic
Capacitor
Long
Good
Poor
Fair
1
High
Solid
Tantalum
Above
Capacitor
Avg
Avg
Avg
Avg
Avg
OS-CON
Above
Capacitor
Avg
Good
Good
Good
Avg
NOTE
1Refer to capacitor manufacturer's data sheet for operation below 0
°C.
Table III. Recommended Capacitor Manufacturers
Manufacturer
Capacitor
Capacitor Type
Sprague
672D, 673D,
674D, 678D
Aluminum Electrolytic
Sprague
675D, 173D,
199D
Tantalum
Nichicon
PF and PL
Aluminum Electrolytic
Mallory
TDC and TDL
Tantalum
TOKIN
MLCC
Multilayer Ceramic
MuRata
GRM
Multilayer Ceramic
PIN FUNCTION DESCRIPTIONS
Pin
Pin
SO-8 TSSOP Name
Function
14
CP+
Positive Terminal for the Pump
Capacitor.
2
5
GND
Device Ground.
36
CP–
Negative Terminal for the Pump
Capacitor.
4
7
SD
Logic Level Shutdown Pin. Apply a
logic high or connect to VIN to shut-
down the device. In shutdown mode,
the charge pump is turned off and
quiescent current is reduced to 2
µA
(typical). Apply a logic low or con-
nect to ground for normal operation.
58
VSENSE
Output Voltage Sense Line. This is
used to improve load regulation by
eliminating IR drop on the high
current carrying output traces. For
normal operation, connect VSENSE to
VOUT. See Application section for
more detail.
6
1, 2, 3,
9, 12,
13, 14
NC
No Connection.
710
VOUT
Regulated Negative Output Voltage.
Connect a low ESR, 4.7
µF or larger
capacitor between this pin and de-
vice GND.
811
VIN
Positive Supply Input Voltage. Con-
nect a low ESR bypass capacitor
between this pin and device ground
to minimize supply transients.
PIN CONFIGURATIONS
RU-14
SO-8
ADP3605
NC
NC
NC
VIN
VOUT
NC
VSENSE
NC
NC
NC
SD
CP–
GND
CP+
NC = NO CONNECT
TOP VIEW
(Not to Scale)
8
7
6
5
1
2
3
4
NC = NO CONNECT
CP+
GND
CP–
VIN
VOUT
NC
VSENSE
SD
ADP3605



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com